Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV74APWT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV74APWT
Description  Dual Positive-Edge-Triggered D-Type Flip-Flops
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV74APWT Datasheet(HTML) 3 Page - Texas Instruments

  SN74LV74APWT Datasheet HTML 1Page - Texas Instruments SN74LV74APWT Datasheet HTML 2Page - Texas Instruments SN74LV74APWT Datasheet HTML 3Page - Texas Instruments SN74LV74APWT Datasheet HTML 4Page - Texas Instruments SN74LV74APWT Datasheet HTML 5Page - Texas Instruments SN74LV74APWT Datasheet HTML 6Page - Texas Instruments SN74LV74APWT Datasheet HTML 7Page - Texas Instruments SN74LV74APWT Datasheet HTML 8Page - Texas Instruments SN74LV74APWT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
1
14
7
8
2
3
4
5
6
13
12
11
10
9
2CLR
2D
2CLK
2PRE
2Q
1D
1CLK
1PRE
1Q
1Q
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1CLR
1D
1CLK
1PRE
1Q
1Q
GND
VCC
2CLR
2D
2CLK
2PRE
2Q
2Q
SN54LV74A, SN74LV74A
www.ti.com
SCLS381M – AUGUST 1997 – REVISED MARCH 2015
5 Pin Configuration and Functions
D, DGV, NS, or PW Package
14-PIN SOIC, SOP, SSOP, or TSSOP
Top View
RGY Package
14-PIN VQFN
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
1CLR
I
1 clear
2
1D
I
1D input
3
1CLK
I
1 clock
4
1PRE
I
1 preset
5
1Q
O
1Q output
6
1Q
O
1Q output
7
GND
GND
8
2Q
O
2Q output
9
2Q
O
2Q output
10
2PRE
I
2 preset
11
2CLK
I
2 clock
12
2D
I
2D input
13
2CLR
I
2 clear
14
Vcc
Supply voltage input
Copyright © 1997–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
SN74LV74A


Similar Part No. - SN74LV74APWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV74APWT TI-SN74LV74APWT Datasheet
444Kb / 16P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
More results

Similar Description - SN74LV74APWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV74A TI-SN54LV74A Datasheet
444Kb / 16P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Potato Semiconductor Co...
PO74G74A POTATO-PO74G74A_14 Datasheet
1Mb / 6P
   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Texas Instruments
SN54LV74 TI1-SN54LV74_10 Datasheet
148Kb / 8P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN54AC74 TI1-SN54AC74_15 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN54HC74 TI1-SN54HC74_15 Datasheet
164Kb / 15P
[Old version datasheet]   Dual D-Type Positive-Edge-Triggered Flip-Flops
SN54LV74 TI-SN54LV74 Datasheet
137Kb / 7P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN74LV74A-EP TI1-SN74LV74A-EP Datasheet
506Kb / 14P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
CD54AC74 TI1-CD54AC74_14 Datasheet
686Kb / 15P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
CD54ACT74 TI1-CD54ACT74_14 Datasheet
887Kb / 14P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
National Semiconductor ...
DM54L74 NSC-DM54L74 Datasheet
88Kb / 4P
   Dual Positive-Edge-Triggered D Flip-Flops
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com