Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74HC14PWG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC14PWG4
Description  Hex Schmitt-Trigger Inverters
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC14PWG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74HC14PWG4 Datasheet HTML 2Page - Texas Instruments SN74HC14PWG4 Datasheet HTML 3Page - Texas Instruments SN74HC14PWG4 Datasheet HTML 4Page - Texas Instruments SN74HC14PWG4 Datasheet HTML 5Page - Texas Instruments SN74HC14PWG4 Datasheet HTML 6Page - Texas Instruments SN74HC14PWG4 Datasheet HTML 7Page - Texas Instruments SN74HC14PWG4 Datasheet HTML 8Page - Texas Instruments SN74HC14PWG4 Datasheet HTML 9Page - Texas Instruments SN74HC14PWG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
6
SN54HC14, SN74HC14
SCLS085I – DECEMBER 1982 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: SN54HC14 SN74HC14
Submit Documentation Feedback
Copyright © 1982–2016, Texas Instruments Incorporated
7.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
SN54HC14
SN74HC14
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
VT+
2 V
0.7
1.2
1.5
0.7
1.5
0.7
1.5
V
4.5 V
1.55
2.5
3.15
1.55
3.15
1.55
3.15
6 V
2.1
3.3
4.2
2.1
4.2
2.1
4.2
VT−
2 V
0.3
0.6
1
0.3
1
0.3
1
V
4.5 V
0.9
1.6
2.45
0.9
2.45
0.9
2.45
6 V
1.2
2
3.2
1.2
3.2
1.2
3.2
VT+ − VT−
2 V
0.2
0.6
1.2
0.2
1.2
0.2
1.2
V
4.5 V
0.4
0.9
2.1
0.4
2.1
0.4
2.1
6 V
0.5
1.3
2.5
0.5
2.5
0.5
2.5
VOH
VI = VIH or VIL
IOH = –20 μA
2 V
1.9
1.998
1.9
1.9
V
4.5 V
4.4
4.499
4.4
4.4
6 V
5.9
5.999
5.9
5.9
IOH = –4 mA
4.5 V
3.98
4.3
3.7
3.84
IOH = –5.2 mA
6 V
5.48
5.8
5.2
5.34
VOL
VI = VIH or VIL
IOL = 20 μA
2 V
0.002
0.1
0.1
0.1
V
4.5 V
0.001
0.1
0.1
0.1
6 V
0.001
0.1
0.1
0.1
IOL = 4 mA
4.5 V
0.17
0.26
0.4
0.33
IOL = 5.2 mA
6 V
0.15
0.26
0.4
0.33
II
VI = VCC or 0
6 V
±0.1
±100
±1000
±1000
nA
ICC
VI = VCC or 0,
IO = 0
6 V
2
40
20
μA
Ci
2 V to 6 V
3
10
10
10
pF
7.6 Switching Characteristics
over operating free-air temperature range, CL = 50 pF (unless otherwise noted) (see Figure 3)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
TA = 25°C
SN54HC14
SN74HC14
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tpd
A
Y
2 V
55
125
190
155
ns
4.5 V
12
25
38
31
6 V
11
21
22
26
tt
Y
2 V
38
75
110
95
ns
4.5 V
8
15
22
19
6 V
6
13
19
16
7.7 Operating Characteristics
TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per inverter
No load
20
pF


Similar Part No. - SN74HC14PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC14PWG4 TI-SN74HC14PWG4 Datasheet
665Kb / 17P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN74HC14PWG4 TI-SN74HC14PWG4 Datasheet
1Mb / 31P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN74HC14PWG4 TI-SN74HC14PWG4 Datasheet
1Mb / 33P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
More results

Similar Description - SN74HC14PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV14A TI-SN54LV14A Datasheet
647Kb / 16P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74LVC14 HITACHI-HD74LVC14 Datasheet
36Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Renesas Technology Corp
HD74LVC14 RENESAS-HD74LVC14 Datasheet
193Kb / 6P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54HC14 TI-SN54HC14 Datasheet
77Kb / 15P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74AHC14 UTC-U74AHC14_15 Datasheet
182Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74HC14FH HITACHI-HD74HC14FH Datasheet
44Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54LV14 TI-SN54LV14 Datasheet
117Kb / 6P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_08 Datasheet
686Kb / 19P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_07 Datasheet
562Kb / 20P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74LVC14A UTC-U74LVC14A Datasheet
170Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Renesas Technology Corp
RD74LVC14B RENESAS-RD74LVC14B Datasheet
64Kb / 7P
   Hex Schmitt-trigger Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com