Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74HC125NE4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC125NE4
Description  Quadruple Bus Buffer Gates
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC125NE4 Datasheet(HTML) 2 Page - Texas Instruments

  SN74HC125NE4 Datasheet HTML 1Page - Texas Instruments SN74HC125NE4 Datasheet HTML 2Page - Texas Instruments SN74HC125NE4 Datasheet HTML 3Page - Texas Instruments SN74HC125NE4 Datasheet HTML 4Page - Texas Instruments SN74HC125NE4 Datasheet HTML 5Page - Texas Instruments SN74HC125NE4 Datasheet HTML 6Page - Texas Instruments SN74HC125NE4 Datasheet HTML 7Page - Texas Instruments SN74HC125NE4 Datasheet HTML 8Page - Texas Instruments SN74HC125NE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
SN54HC125
SN74HC125
SCLS104E – AUGUST 1984 – REVISED DECEMBER 2015
www.ti.com
Table of Contents
6.15
Typical Characteristics ............................................ 8
1
Features .................................................................. 1
7
Parameter Measurement Information .................. 9
2
Applications ........................................................... 1
8
Detailed Description ............................................ 10
3
Description ............................................................. 1
8.1
Overview ................................................................. 10
4
Revision History..................................................... 2
8.2
Functional Block Diagram ....................................... 10
5
Pin Configuration and Functions ......................... 3
8.3
Feature Description................................................. 10
6
Specifications......................................................... 4
8.4
Device Functional Modes........................................ 10
6.1
Absolute Maximum Ratings ...................................... 4
9
Application and Implementation ........................ 11
6.2
ESD Ratings ............................................................ 4
9.1
Application Information............................................ 11
6.3
Recommended Operating Conditions ....................... 4
9.2
Typical Application ................................................. 11
6.4
Thermal Information .................................................. 4
10
Power Supply Recommendations ..................... 12
6.5
Electrical Characteristics, TA = 25°C ........................ 5
11
Layout................................................................... 12
6.6
Electrical Characteristics, SN54HC125 .................... 5
11.1
Layout Guidelines ................................................. 12
6.7
Electrical Characteristics, SN74HC125 .................... 6
11.2
Layout Example .................................................... 12
6.8
Switching Characteristics, TA = 25°C, CL = 50 pF.... 6
6.9
Switching Characteristics, SN54HC125, CL = 50 pF 6
12
Device and Documentation Support ................. 13
6.10
Switching Characteristics, SN74HC125, CL = 50
12.1
Documentation Support ........................................ 13
pF ............................................................................... 7
12.2
Related Links ........................................................ 13
6.11
Switching Characteristics, TA = 25°C , CL = 150
12.3
Community Resources.......................................... 13
pF ............................................................................... 7
12.4
Trademarks ........................................................... 13
6.12
Switching Characteristics, SN54HC125, CL = 150
12.5
Electrostatic Discharge Caution ............................ 13
pF ............................................................................... 7
12.6
Glossary ................................................................ 13
6.13
Switching Characteristics, SN74HC125, CL = 150
13
Mechanical, Packaging, and Orderable
pF ............................................................................... 8
Information ........................................................... 13
6.14
Operating Characteristics........................................ 8
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (August 2003) to Revision E
Page
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section. ................................................................................................ 1
Removed Ordering Information table. ................................................................................................................................... 1
2
Submit Documentation Feedback
Copyright © 1984–2015, Texas Instruments Incorporated
Product Folder Links: SN54HC125 SN74HC125


Similar Part No. - SN74HC125NE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC125NE4 TI-SN74HC125NE4 Datasheet
645Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
More results

Similar Description - SN74HC125NE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHCT126 TI-SN54AHCT126_03 Datasheet
376Kb / 15P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES QUADRUPLE BUS BUFFER GATES
logo
Hitachi Semiconductor
HA74LS126A HITACHI-HA74LS126A Datasheet
49Kb / 6P
   Quadruple Bus Buffer Gates
logo
Unisonic Technologies
U74AHCT125 UTC-U74AHCT125_15 Datasheet
238Kb / 6P
   QUADRUPLE BUS BUFFER GATES
U74AHC126 UTC-U74AHC126_15 Datasheet
254Kb / 5P
   QUADRUPLE BUS BUFFER GATES
logo
Texas Instruments
SN54LV125A TI-SN54LV125A_07 Datasheet
806Kb / 19P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES
SN74LV125A TI1-SN74LV125A_16 Datasheet
1Mb / 29P
[Old version datasheet]   Quadruple Bus Buffer Gates
logo
Unisonic Technologies
U74LVC126A UTC-U74LVC126A_15 Datasheet
242Kb / 6P
   QUADRUPLE BUS BUFFER GATES
U74AHC125 UTC-U74AHC125_15 Datasheet
212Kb / 6P
   QUADRUPLE BUS BUFFER GATES
U74HCT125 UTC-U74HCT125_15 Datasheet
185Kb / 6P
   QUADRUPLE BUS BUFFER GATES
logo
Texas Instruments
SN54CH126 TI-SN54CH126 Datasheet
636Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com