Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV123AD Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV123AD
Description  Dual Retriggerable Monostable Multivibrators With Schmitt-Trigger Inputs
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV123AD Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74LV123AD Datasheet HTML 4Page - Texas Instruments SN74LV123AD Datasheet HTML 5Page - Texas Instruments SN74LV123AD Datasheet HTML 6Page - Texas Instruments SN74LV123AD Datasheet HTML 7Page - Texas Instruments SN74LV123AD Datasheet HTML 8Page - Texas Instruments SN74LV123AD Datasheet HTML 9Page - Texas Instruments SN74LV123AD Datasheet HTML 10Page - Texas Instruments SN74LV123AD Datasheet HTML 11Page - Texas Instruments SN74LV123AD Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
SN54LV123A
SN74LV123A
SCLS393Q – APRIL 1998 – REVISED AUGUST 2015
www.ti.com
7.10 Switching Characteristics, VCC = 3.3 V ± 0.3 V
over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 5)
–55°C to 125°C
–40°C to 85°C
–40°C to 125°C
TA = 25°C
FROM
TO
TEST
SN54LV123A(1)
SN74LV123A
SN74LV123A
PARAMETER
UNIT
(INPUT)
(OUTPUT)
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
A or B
Q or Q
10.2
20.6(2)
1(2)
24(2)
1
24
1
24
CLR
Q or Q
9.3
15.8(2)
1(2)
18.5(2)
1
18.5
1
18.5
tpd
CL = 15 pF
ns
CLR
Q or Q
10.6
22.4(2)
1(2)
26(2)
1
26
1
26
trigger
A or B
Q or Q
11.8
24.1
1
27.5
1
27.5
1
27.5
CLR
Q or Q
10.5
19.3
1
22
1
22
1
22
tpd
CL = 50 pF
ns
CLR
Q or Q
12.3
25.9
1
29.5
1
29.5
1
29.5
trigger
CL = 50 pF
Cext = 28 pF
182
240
300
300
300
ns
Rext = 2 kΩ
CL = 50 pF
tw
(3)
Q or Q
Cext = 0.01 µF
90
100
110
90
110
90
110
90
110
µs
Rext = 10 kΩ
CL = 50 pF
Cext = 0.1 µF
0.9
1
1.1
0.9
1.1
0.9
1.1
0.9
1.1
ms
Rext = 10 kΩ
Δtw
(4)
CL = 50 pF
±1%
(1)
Product Preview
(2)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
(3)
tw = Duration of pulse at Q and Q outputs
(4)
Δtw = Output pulse-duration variation (Q and Q) between circuits in same package
7.11 Switching Characteristics, VCC = 5 V ± 0.5 V
over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 5)
–55°C to 125°C
–40°C to 85°C
–40°C to 125°C
TA = 25°C
FROM
TO
TEST
SN54LV123A(1)
SN74LV123A
SN74LV123A
PARAMETER
UNIT
(INPUT)
(OUTPUT)
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
A or B
Q or Q
7.1
12(2)
1(2)
14(2)
1
14
1
14
CLR
Q or Q
6.5
9.4(2)
1(2)
11(2)
1
11
1
11
tpd
CL = 15 pF
ns
CLR
Q or Q
7.4
12.9(2)
1(2)
15(2)
1
15
1
15
trigger
A or B
Q or Q
8.3
14
1
16
1
16
1
16
CLR
Q or Q
7.4
11.4
1
13
1
13
1
13
tpd
CL = 50 pF
ns
CLR
Q or Q
8.7
14.9
1
17
1
17
1
17
trigger
CL = 50 pF
Cext = 28 pF
167
200
240
240
240
ns
Rext = 2 kΩ
CL = 50 pF
tw
(3)
Q or Q
Cext = 0.01 µF
90
100
110
90
110
90
110
90
110
µs
Rext = 10 kΩ
CL = 50 pF
Cext = 0.1 µF
0.9
1
1.1
0.9
1.1
0.9
1.1
0.9
1.1
ms
Rext = 10 kΩ
Δtw
(4)
CL = 50 pF
±1%
(1)
Product Preview
(2)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
(3)
tw = Duration of pulse at Q and Q outputs
(4)
Δtw = Output pulse-duration variation (Q and Q) between circuits in same package
8
Submit Documentation Feedback
Copyright © 1998–2015, Texas Instruments Incorporated
Product Folder Links: SN54LV123A SN74LV123A


Similar Part No. - SN74LV123AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV123AD TI-SN74LV123AD Datasheet
530Kb / 23P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN74LV123AD TI-SN74LV123AD Datasheet
861Kb / 27P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN74LV123ADBR TI-SN74LV123ADBR Datasheet
530Kb / 23P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN74LV123ADBR TI-SN74LV123ADBR Datasheet
861Kb / 27P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN74LV123ADBRE4 TI-SN74LV123ADBRE4 Datasheet
530Kb / 23P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
More results

Similar Description - SN74LV123AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV123A TI-SN54LV123A_10 Datasheet
861Kb / 27P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54LV123A TI-SN54LV123A Datasheet
530Kb / 23P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54LV221A TI-SN54LV221A_08 Datasheet
718Kb / 23P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
logo
Motorola, Inc
SN54LS221 MOTOROLA-SN54LS221 Datasheet
193Kb / 7P
   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
logo
Texas Instruments
SN74221J TI-SN74221J Datasheet
963Kb / 27P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54221 TI-SN54221 Datasheet
208Kb / 23P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54LV221A TI-SN54LV221A Datasheet
443Kb / 19P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54LV221A TI-SN54LV221A_07 Datasheet
577Kb / 22P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN74LV221A TI-SN74LV221A Datasheet
436Kb / 19P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT TRIGGER INPUTS
SN54221 TI-SN54221_07 Datasheet
761Kb / 25P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com