Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54HC245J Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN54HC245J
Description  Octal Bus Transceivers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54HC245J Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN54HC245J Datasheet HTML 2Page - Texas Instruments SN54HC245J Datasheet HTML 3Page - Texas Instruments SN54HC245J Datasheet HTML 4Page - Texas Instruments SN54HC245J Datasheet HTML 5Page - Texas Instruments SN54HC245J Datasheet HTML 6Page - Texas Instruments SN54HC245J Datasheet HTML 7Page - Texas Instruments SN54HC245J Datasheet HTML 8Page - Texas Instruments SN54HC245J Datasheet HTML 9Page - Texas Instruments SN54HC245J Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
0
5
10
15
20
25
30
35
40
45
0
1
2
3
4
5
6
7
V
CC at 25SC
C002
0
5
10
15
20
25
30
35
40
45
0
1
2
3
4
5
6
7
V
CC at 25SC
C002
SN54HC245, SN74HC245
SCLS131E – DECEMBER 1982 – REVISED SEPTEMBER 2015
www.ti.com
6.7 Switching Characteristics, CL = 150 pF
over recommended operating free-air temperature range (unless otherwise noted)
(see Figure 3)
VCC
TA = 25°C
SN54HC245
SN74HC245
FROM
TO
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
2 V
54
135
200
170
tpd
A or B
B or A
4.5 V
18
27
40
34
ns
6 V
15
23
34
29
2 V
150
270
405
335
ten
OE
A or B
4.5 V
31
54
81
67
ns
6 V
25
46
69
56
2 V
45
210
315
265
tt
A or B
4.5 V
17
42
63
53
ns
6 V
13
36
53
45
6.8 Operating Characteristics
TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per transceiver
No load
40
pF
6.9 Typical Characteristics
Figure 1. TPD vs VCC at 25°C
Figure 2. TPD vs VCC at 25°C
6
Submit Documentation Feedback
Copyright © 1982–2015, Texas Instruments Incorporated
Product Folder Links: SN54HC245 SN74HC245


Similar Part No. - SN54HC245J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC245J TI-SN54HC245J Datasheet
533Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54HC245J TI-SN54HC245J Datasheet
702Kb / 20P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54HC245J TI1-SN54HC245J Datasheet
2Mb / 29P
[Old version datasheet]   Octal Bus Transceivers With 3-State Outputs
More results

Similar Description - SN54HC245J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54BCT245 TI-SN54BCT245_07 Datasheet
597Kb / 20P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS OCTAL BUS TRANSCEIVERS
SN74ALS620A TI-SN74ALS620A Datasheet
390Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
logo
Fairchild Semiconductor
DM74ALS645A FAIRCHILD-DM74ALS645A Datasheet
47Kb / 4P
   Octal Bus Transceivers
logo
Texas Instruments
SN54LS620 TI1-SN54LS620_09 Datasheet
511Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
logo
Motorola, Inc
SN54LS640 MOTOROLA-SN54LS640 Datasheet
118Kb / 3P
   OCTAL BUS TRANSCEIVERS
logo
Texas Instruments
SN54LS620 TI-SN54LS620 Datasheet
284Kb / 8P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
logo
Unisonic Technologies
U74HC245 UTC-U74HC245_15 Datasheet
238Kb / 5P
   OCTAL BUS TRANSCEIVERS
logo
Texas Instruments
SN54LS638_1999 TI1-SN54LS638_1999 Datasheet
205Kb / 5P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
SN74ALS638A TI-SN74ALS638A Datasheet
115Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
logo
Unisonic Technologies
U74AHC245 UTC-U74AHC245_15 Datasheet
227Kb / 5P
   OCTAL BUS TRANSCEIVERS
logo
Texas Instruments
SN54ALS245A TI1-SN54ALS245A_16 Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com