Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSF0204PWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0204PWR
Description  4-Bits Bidirectional Multi-Voltage Level Translator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0204PWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button LSF0204PWR Datasheet HTML 3Page - Texas Instruments LSF0204PWR Datasheet HTML 4Page - Texas Instruments LSF0204PWR Datasheet HTML 5Page - Texas Instruments LSF0204PWR Datasheet HTML 6Page - Texas Instruments LSF0204PWR Datasheet HTML 7Page - Texas Instruments LSF0204PWR Datasheet HTML 8Page - Texas Instruments LSF0204PWR Datasheet HTML 9Page - Texas Instruments LSF0204PWR Datasheet HTML 10Page - Texas Instruments LSF0204PWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Input
Output
Time (ns)
0
5
10
15
-0.5
1
1.5
2
2.5
3
3.5
4
0.5
0
20
LSF0204, LSF0204D
www.ti.com
SLVSCP5D – JULY 2014 – REVISED DECEMBER 2015
8.7 Switching Characteristics: AC Performance (Translating Down, 3.3 V to 1.2 V)
over recommended operating free-air temperature range Vrev-A = 1.2 V, Vrev-B = 3.3 V, VEN = 1.2 V, Vpu_1 = 3.3 V,
Vpu_2 = 1.2 V, RL = NA, VIH = 3.3V, VIL = 0 VM = 0.85 V (unless otherwise noted)
CL = 50 pF
CL = 30 pF
CL = 15 pF
PARAMETER
FROM (INPUT)
TO (OUTPUT)
UNIT
TYP
MAX
TYP
MAX
TYP
MAX
tPLH
0.8
4.1
0.5
3.9
0.3
3.8
ns
tPHL
A or B
B or A
0.9
4.7
0.7
4.5
0.6
4.3
ns
fMAX
50
100
100
MHz
8.8 Switching Characteristics: AC Performance (Translating Up, 1.8 V to 3.3 V)
over recommended operating free-air temperature range Vrev-A = 1.8 V, Vrev-B = 3.3 V, VEN = 1.8 V, Vpu_1 = 3.3 V,
Vpu_2 = 1.8V, RL = 500 Ω, VIH = 1.8V, VIL = 0 VM = 0.9V (unless otherwise noted)
CL = 50 pF
CL = 30 pF
CL = 15 pF
PARAMETER
FROM (INPUT)
TO (OUTPUT)
UNIT
TYP
MAX
TYP
MAX
TYP
MAX
tPLH
0.6
5.7
0.4
5.3
0.2
5.13
ns
tPHL
1.3
6.7
1
6.4
0.7
5.3
ns
tPLZ
A or B
B or A
13
18
12
16.5
11
15
ns
tPZL
33
45
30
40
23
37
ns
fMAX
50
100
100
MHz
8.9 Switching Characteristics: AC Performance (Translating Up, 1.2 V to 1.8 V)
over recommended operating free-air temperature range, Vrev-A = 1.2 V, Vrev-B = 1.8 V, VEN = 1.2 V, Vpu_1 = 1.8 V,
Vpu_2 = 1.2 V, RL = 500 Ω, VIH = 1.2V, VIL = 0 VM = 0.6 V (unless otherwise noted)
CL = 50 pF
CL = 30 pF
CL = 15 pF
PARAMETER
FROM (INPUT)
TO (OUTPUT)
UNIT
TYP
MAX
TYP
MAX
TYP
MAX
tPLH
0.65
7.25
0.4
7.05
0.2
6.85
ns
tPHL
A or B
B or A
1.6
7.03
1.3
6.5
1
5.4
ns
fMAX
50
100
100
MHz
8.10 Typical Characteristics
Figure 4. Signal Integrity (1.8 V to 3.3 V Translation Up at 50 MHz)
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LSF0204 LSF0204D


Similar Part No. - LSF0204PWR

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
LSF0204PW NEXPERIA-LSF0204PW Datasheet
244Kb / 14P
   4-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 2 - 28 October 2020
LSF0204PW-Q100 NEXPERIA-LSF0204PW-Q100 Datasheet
240Kb / 14P
   4-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 3 - 2 May 2022
More results

Similar Description - LSF0204PWR

ManufacturerPart #DatasheetDescription
logo
Silicon Mitus, Inc.
SM5520 SILICONMITUS-SM5520 Datasheet
404Kb / 2P
   2 Bits Bidirectional Voltage Level Translator
April 2021 Rev. 0.0.5
logo
Texas Instruments
LSF0101 TI1-LSF0101 Datasheet
1Mb / 39P
[Old version datasheet]   Channel Bidirectional Multi-Voltage Level Translator
LSF0204-Q1 TI1-LSF0204-Q1 Datasheet
477Kb / 21P
[Old version datasheet]   Automotive Qualified 4-Bit Auto-Bidirectional Multi-Voltage Level Translator
TXB0304 TI1-TXB0304_15 Datasheet
982Kb / 25P
[Old version datasheet]   4-Bit Bidirectional Level-Shifter/Voltage Translator
logo
Nexperia B.V. All right...
LSF0204 NEXPERIA-LSF0204 Datasheet
244Kb / 14P
   4-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 2 - 28 October 2020
LSF0204-Q100 NEXPERIA-LSF0204-Q100 Datasheet
240Kb / 14P
   4-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 3 - 2 May 2022
logo
Texas Instruments
LSF0102-Q1 TI1-LSF0102-Q1 Datasheet
405Kb / 18P
[Old version datasheet]   Automotive 2-Channel Auto Bidirectional Multi-Voltage Level Translator
TXS0102 TI1-TXS0102_16 Datasheet
1Mb / 33P
[Old version datasheet]   2-Bit Bidirectional Voltage-Level Translator
logo
Unisonic Technologies
UVXS0102 UTC-UVXS0102 Datasheet
220Kb / 11P
   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR
logo
Texas Instruments
TXS0101 TI1-TXS0101_15 Datasheet
1Mb / 32P
[Old version datasheet]    1-Bit Bidirectional Level-Shifting, Voltage-Level Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com