Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9685001Q2A Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9685001Q2A
Description  Octal Buffers/Drivers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-9685001Q2A Datasheet(HTML) 6 Page - Texas Instruments

Back Button 5962-9685001Q2A Datasheet HTML 2Page - Texas Instruments 5962-9685001Q2A Datasheet HTML 3Page - Texas Instruments 5962-9685001Q2A Datasheet HTML 4Page - Texas Instruments 5962-9685001Q2A Datasheet HTML 5Page - Texas Instruments 5962-9685001Q2A Datasheet HTML 6Page - Texas Instruments 5962-9685001Q2A Datasheet HTML 7Page - Texas Instruments 5962-9685001Q2A Datasheet HTML 8Page - Texas Instruments 5962-9685001Q2A Datasheet HTML 9Page - Texas Instruments 5962-9685001Q2A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
SN54AHC540, SN74AHC540
SCLS260L – DECEMBER 1995 – REVISED OCTOBER 2015
www.ti.com
6.6 Switching Characteristics, VCC = 3.3 V ± 0.3 V
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3)
TA = –40°C to 125°C
TA = 25°C
SN54AHC540
SN74AHC540
FROM
TO
LOAD
SN74AHC540
PARAMETER
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
TYP
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
4.8(1)
7(1)
1(1)
8.5(1)
1
8.5
1
9.5
A
Y
CL = 15 pF
ns
tPHL
4.8(1)
7(1)
1(1)
8.5(1)
1
8.5
1
9.5
tPZH
6.8(1)
10.5(1)
1(1)
12.5(1)
1
12.5
1
13.5
OE
Y
CL = 15 pF
ns
tPZL
6.8(1)
10.5(1)
1(1)
12.5(1)
1
12.5
1
13.5
tPHZ
6.8(1)
10.5(1)
1(1)
12.5(1)
1
12.5
1
13.5
OE
Y
CL = 15 pF
ns
tPLZ
6.8(1)
10.5(1)
1(1)
12.5(1)
1
12.5
1
13.5
tPLH
7.3
10.5
1
12
1
12
1
13.5
A
Y
CL = 50 pF
ns
tPHL
7.3
10.5
1
12
1
12
1
13.5
tPZH
8
14
1
16
1
16
1
17
OE
Y
CL = 50 pF
ns
tPZL
8
14
1
16
1
16
1
17
tPHZ
8
15.4
1
17.5
1
17.5
1
18.5
OE
Y
CL = 50 pF
ns
tPLZ
8
15.4
1
17.5
1
17.5
1
18.5
tsk(o)
CL = 50 pF
1.5(2)
1.5
ns
(1)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
(2)
On products compliant to MIL-PRF-38535, this parameter does not apply.
6.7 Switching Characteristics, VCC = 5 V ± 0.5 V
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3)
TA = –40°C to 125°C
TA = 25°C
SN54AHC540
SN74AHC540
FROM
TO
LOAD
SN74AHC540
PARAMETER
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
TYP
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
3.7(1)
5(1)
1(1)
6(1)
1
6
1
7
A
Y
CL = 15 pF
ns
tPHL
3.7(1)
5(1)
1(1)
6(1)
1
6
1
7
tPZH
4.7(1)
7.2(1)
1(1)
8.5(1)
1
8.5
1
9.5
OE
Y
CL = 15 pF
ns
tPZL
4.7(1)
7.2(1)
1(1)
8.5(1)
1
8.5
1
9.5
tPHZ
4.5(1)
6.8(1)
1(1)
8(1)
1
8
1
8.5
OE
Y
CL = 15 pF
ns
tPLZ
4.5(1)
6.8(1)
1(1)
8(1)
1
8
1
8.5
tPLH
5.2
7
1
8
1
8
1
9
A
Y
CL = 50 pF
ns
tPHL
5.2
7
1
8
1
8
1
9
tPZH
6.2
9.2
1
10.5
1
10.5
1
11.5
OE
Y
CL = 50 pF
ns
tPZL
6.2
9.2
1
10.5
1
10.5
1
11.5
tPHZ
6
8.8
1
10
1
10
1
10.5
OE
Y
CL = 50 pF
ns
tPLZ
6
8.8
1
10
1
10
1
10.5
tsk(o)
CL = 50 pF
1(2)
1
ns
(1)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
(2)
On products compliant to MIL-PRF-38535, this parameter does not apply.
6
Submit Documentation Feedback
Copyright © 1995–2015, Texas Instruments Incorporated
Product Folder Links: SN54AHC540 SN74AHC540


Similar Part No. - 5962-9685001Q2A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9685101Q2A TI-5962-9685101Q2A Datasheet
556Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
5962-9685101QRA TI-5962-9685101QRA Datasheet
556Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
5962-9685101QRA TI1-5962-9685101QRA Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
5962-9685101QSA TI-5962-9685101QSA Datasheet
556Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Agilent(Hewlett-Packard...
5962-96852 HP-5962-96852 Datasheet
261Kb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
More results

Similar Description - 5962-9685001Q2A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVCH244A TI-SN54LVCH244A_07 Datasheet
665Kb / 23P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS OCTAL BUFFERS/DRIVERS
SN54ALS241C TI1-SN54ALS241C_16 Datasheet
1Mb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS
SN54F244 TI1-SN54F244_16 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS
SN74AHC541 TI1-SN74AHC541_15 Datasheet
1Mb / 29P
[Old version datasheet]   Octal Buffers/Drivers
logo
Maxwell Technologies
54BCT244 MAXWELL-54BCT244 Datasheet
186Kb / 9P
   Octal Buffers/Drivers
logo
Texas Instruments
SN74LV244A TI1-SN74LV244A_15 Datasheet
1Mb / 30P
[Old version datasheet]   Octal Buffers and Drivers
logo
Unisonic Technologies
U74HC541 UTC-U74HC541_15 Datasheet
199Kb / 6P
   OCTAL BUFFERS AND LINE DRIVERS
logo
Texas Instruments
SN54LS540 TI1-SN54LS540_16 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
SN54HC541 TI1-SN54HC541_16 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
logo
Unisonic Technologies
U74HC540 UTC-U74HC540_15 Datasheet
131Kb / 5P
   OCTAL BUFFERS AND LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com