Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STW55NM60N Datasheet(PDF) 8 Page - STMicroelectronics

Part # STW55NM60N
Description  N-channel 600 V, 0.047 ?? 51 A, MDmesh??II Power MOSFET TO-247
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW55NM60N Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STW55NM60N Datasheet HTML 4Page - STMicroelectronics STW55NM60N Datasheet HTML 5Page - STMicroelectronics STW55NM60N Datasheet HTML 6Page - STMicroelectronics STW55NM60N Datasheet HTML 7Page - STMicroelectronics STW55NM60N Datasheet HTML 8Page - STMicroelectronics STW55NM60N Datasheet HTML 9Page - STMicroelectronics STW55NM60N Datasheet HTML 10Page - STMicroelectronics STW55NM60N Datasheet HTML 11Page - STMicroelectronics STW55NM60N Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Test circuit
STW55NM60N
8/12
3
Test circuit
Figure 14. Switching times test circuit for
resistive load
Figure 15. Gate charge test circuit
Figure 16. Test circuit for inductive load
switching and diode recovery times
Figure 17. Unclamped inductive load test
circuit
Figure 18. Unclamped inductive waveform
Figure 19. Switching time waveform


Similar Part No. - STW55NM60N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW55NM60ND STMICROELECTRONICS-STW55NM60ND Datasheet
147Kb / 9P
   N-channel 600 V - 0.047 廓 - 51 A TO-247 FDmesh??II Power MOSFET (with fast diode)
More results

Similar Description - STW55NM60N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW55NM60ND STMICROELECTRONICS-STW55NM60ND Datasheet
147Kb / 9P
   N-channel 600 V - 0.047 廓 - 51 A TO-247 FDmesh??II Power MOSFET (with fast diode)
STW56NM60N STMICROELECTRONICS-STW56NM60N Datasheet
415Kb / 11P
   N-channel 600 V, 0.05 廓, 45 A TO-247 MDmesh??II Power MOSFET
STW43NM60N STMICROELECTRONICS-STW43NM60N Datasheet
500Kb / 12P
   N-channel 600 V, 0.075 廓, 35 A MDmesh??II Power MOSFET TO-247
STW26NM60N-H STMICROELECTRONICS-STW26NM60N-H Datasheet
681Kb / 12P
   N-channel 600 V, 0.135 Ω, 20 A TO-247 MDmesh™ II Power MOSFET
October 2009
STW36NM60N STMICROELECTRONICS-STW36NM60N Datasheet
869Kb / 13P
   N-channel 600 V, 0.092 Ω, 29 A, MDmesh™ II Power MOSFET in TO-247
June 2011
STF34NM60N STMICROELECTRONICS-STF34NM60N Datasheet
941Kb / 17P
   N-channel 600 V, 0.092 廓, 29 A MDmesh??II Power MOSFET TO-220, TO-247, TO-220FP
STW48NM60N STMICROELECTRONICS-STW48NM60N Datasheet
717Kb / 13P
   N-channel 600 V, 0.055 廓 typ., 44 A MDmesh??II Power MOSFET in a TO-247 package
STW62NM60N STMICROELECTRONICS-STW62NM60N Datasheet
793Kb / 13P
   N-channel 600 V, 0.04 廓 typ., 65 A, MDmesh??II Power MOSFET in a TO-247 package
December 2012 Rev 3
STW55NM50N STMICROELECTRONICS-STW55NM50N Datasheet
354Kb / 12P
   N-channel 500 V, 0.040 廓, 54 A, MDmesh??II Power MOSFET TO-247
STW43NM50N STMICROELECTRONICS-STW43NM50N Datasheet
482Kb / 12P
   N-channel 500 V, 0.070 廓, 37 A MDmesh??II Power MOSFET TO-247
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com