Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STW23N80K5 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STW23N80K5
Description  N-channel 800 V, 0.23typ., 16 A MDmesh??K5 Power MOSFET in a TO-247 package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW23N80K5 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STW23N80K5 Datasheet HTML 4Page - STMicroelectronics STW23N80K5 Datasheet HTML 5Page - STMicroelectronics STW23N80K5 Datasheet HTML 6Page - STMicroelectronics STW23N80K5 Datasheet HTML 7Page - STMicroelectronics STW23N80K5 Datasheet HTML 8Page - STMicroelectronics STW23N80K5 Datasheet HTML 9Page - STMicroelectronics STW23N80K5 Datasheet HTML 10Page - STMicroelectronics STW23N80K5 Datasheet HTML 11Page - STMicroelectronics STW23N80K5 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Package information
STW23N80K5
10/12
DocID028280 Rev 1
Table 10: TO-247 package mechanical data
Dim.
mm.
Min.
Typ.
Max.
A
4.85
5.15
A1
2.20
2.60
b
1.0
1.40
b1
2.0
2.40
b2
3.0
3.40
c
0.40
0.80
D
19.85
20.15
E
15.45
15.75
e
5.30
5.45
5.60
L
14.20
14.80
L1
3.70
4.30
L2
18.50
ØP
3.55
3.65
ØR
4.50
5.50
S
5.30
5.50
5.70


Similar Part No. - STW23N80K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW23N85K5 STMICROELECTRONICS-STW23N85K5 Datasheet
419Kb / 13P
   Ultra low gate charge
August 2015 Rev 3
More results

Similar Description - STW23N80K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF23N80K5 STMICROELECTRONICS-STF23N80K5 Datasheet
714Kb / 13P
   N-channel 800 V, 0.23 廓 typ., 16 A MDmesh??K5 Power MOSFET in a TO-220FP package
August 2015 Rev 1
STP23N80K5 STMICROELECTRONICS-STP23N80K5 Datasheet
722Kb / 13P
   N-channel 800 V, 0.23 廓 typ., 16 A MDmesh??K5 Power MOSFET in a TO-220 package
October 2015 Rev 1
STB23N80K5 STMICROELECTRONICS-STB23N80K5 Datasheet
903Kb / 15P
   N-channel 800 V, 0.23 廓 typ., 16 A MDmesh??K5 Power MOSFET in a D짼PAK package
August 2015 Rev 1
STW65N80K5 STMICROELECTRONICS-STW65N80K5 Datasheet
713Kb / 12P
   N-channel 800 V, 0.07 廓 typ., 46 A MDmesh??K5 Power MOSFET in a TO-247 package
October 2015 Rev 2
STW21N150K5 STMICROELECTRONICS-STW21N150K5 Datasheet
735Kb / 12P
   N-channel 1500 V, 0.7 廓 typ.,14 A MDmesh??K5 Power MOSFET in a TO-247 package
October 2015 Rev 3
STF10LN80K5 STMICROELECTRONICS-STF10LN80K5 Datasheet
714Kb / 14P
   N-channel 800 V, 0.55 廓 typ., 8 A MDmesh??K5 Power MOSFET in a TO-220FP package
December 2015 Rev 3
STF7LN80K5 STMICROELECTRONICS-STF7LN80K5 Datasheet
709Kb / 13P
   N-channel 800 V, 0.95 廓 typ., 5 A MDmesh??K5 Power MOSFET in a TO-220FP package
December 2015 Rev 1
STFI10LN80K5 STMICROELECTRONICS-STFI10LN80K5 Datasheet
628Kb / 13P
   N-channel 800 V, 0.55 廓 typ., 8 A MDmesh??K5 Power MOSFET in a I짼PAKFP package
February 2016
STFI7LN80K5 STMICROELECTRONICS-STFI7LN80K5 Datasheet
699Kb / 12P
   N-channel 800 V, 0.95 廓 typ., 5 A MDmesh??K5 Power MOSFET in a I짼PAKFP package
December 2015 Rev 1
STW30N80K5 STMICROELECTRONICS-STW30N80K5 Datasheet
723Kb / 13P
   N-channel 800 V, 0.15 Ω typ., 24 A, MDmesh™ K5 Power MOSFET in a TO-247 package
March 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com