Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STTH3L06-Y Datasheet(PDF) 8 Page - STMicroelectronics

Part # STTH3L06-Y
Description  Automotive Turbo 2 ultrafast high voltage rectifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH3L06-Y Datasheet(HTML) 8 Page - STMicroelectronics

  STTH3L06-Y Datasheet HTML 1Page - STMicroelectronics STTH3L06-Y Datasheet HTML 2Page - STMicroelectronics STTH3L06-Y Datasheet HTML 3Page - STMicroelectronics STTH3L06-Y Datasheet HTML 4Page - STMicroelectronics STTH3L06-Y Datasheet HTML 5Page - STMicroelectronics STTH3L06-Y Datasheet HTML 6Page - STMicroelectronics STTH3L06-Y Datasheet HTML 7Page - STMicroelectronics STTH3L06-Y Datasheet HTML 8Page - STMicroelectronics STTH3L06-Y Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Ordering information
STTH3L06-Y
8/9
DocID026719 Rev 1
3
Ordering information
4
Revision history
Table 7. Ordering information
Order codes
Marking
Package
Weight
Base qty
Delivery mode
STTH3L06UFY
F3L6Y
SMBflat
50 mg
5000
Tape and reel
Table 8. Document revision history
Date
Revision
Changes
04-Aug-2014
1
Initial release.


Similar Part No. - STTH3L06-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH3L06 STMICROELECTRONICS-STTH3L06 Datasheet
46Kb / 5P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
October 2001 - Ed: 1A
STTH3L06 STMICROELECTRONICS-STTH3L06 Datasheet
112Kb / 10P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
STTH3L06B STMICROELECTRONICS-STTH3L06B Datasheet
112Kb / 10P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
STTH3L06B-TR STMICROELECTRONICS-STTH3L06B-TR Datasheet
112Kb / 10P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
STTH3L06RL STMICROELECTRONICS-STTH3L06RL Datasheet
46Kb / 5P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
October 2001 - Ed: 1A
More results

Similar Description - STTH3L06-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH1R06-Y STMICROELECTRONICS-STTH1R06-Y Datasheet
237Kb / 9P
   Automotive Turbo 2 ultrafast high voltage rectifier
STTH16L06C-Y STMICROELECTRONICS-STTH16L06C-Y Datasheet
188Kb / 9P
   Automotive turbo 2 ultrafast high voltage rectifier
December 2014 Rev 2
STTH60RQ06-Y STMICROELECTRONICS-STTH60RQ06-Y Datasheet
216Kb / 10P
   Automotive turbo 2 ultrafast high voltage rectifier
April 2018 Rev 2
STTH3R06-Y STMICROELECTRONICS-STTH3R06-Y Datasheet
237Kb / 9P
   Automotive Turbo 2 ultrafast high voltage rectifier
STTH30RQ06-Y STMICROELECTRONICS-STTH30RQ06-Y Datasheet
539Kb / 17P
   Automotive turbo 2 ultrafast high voltage rectifier
November 2018
STTH60L06 STMICROELECTRONICS-STTH60L06 Datasheet
71Kb / 6P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
STTH1L06 STMICROELECTRONICS-STTH1L06 Datasheet
81Kb / 8P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
STTH5R06D STMICROELECTRONICS-STTH5R06D Datasheet
135Kb / 8P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
October 2002 - Ed: 3B
STTH506 STMICROELECTRONICS-STTH506 Datasheet
128Kb / 9P
   Turbo 2 ultrafast - high voltage rectifier
STTH8R06 STMICROELECTRONICS-STTH8R06 Datasheet
173Kb / 12P
   Turbo 2 ultrafast high voltage rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com