Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEB2096 Datasheet(PDF) 49 Page - Infineon Technologies AG

Part # PEB2096
Description  ICs for Communications
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2096 Datasheet(HTML) 49 Page - Infineon Technologies AG

Back Button PEB2096 Datasheet HTML 45Page - Infineon Technologies AG PEB2096 Datasheet HTML 46Page - Infineon Technologies AG PEB2096 Datasheet HTML 47Page - Infineon Technologies AG PEB2096 Datasheet HTML 48Page - Infineon Technologies AG PEB2096 Datasheet HTML 49Page - Infineon Technologies AG PEB2096 Datasheet HTML 50Page - Infineon Technologies AG PEB2096 Datasheet HTML 51Page - Infineon Technologies AG PEB2096 Datasheet HTML 52Page - Infineon Technologies AG PEB2096 Datasheet HTML 53Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 67 page
background image
PEB 2096
Registers Description
Data Sheet
4-3
04.99
4.5
Line Delay Measurement of the U
PN Interface
The delay of each U
PN interface cable can be measured by one 8-bit counter with a
programmable resolution of 65 ns or 130 ns. The line delay time
Wcan be measured in
the range up to
16.57
µsec with the resolution of 65 ns and
33.15
µsec with the resolution of 130 ns.
The access to the delay measurement control logic is done via the IOM-2 monitor chan-
nel of IOM-Channel 0.
&RQILJXUDWLRQ5HJLVWHUIRU831 /LQH,QWHUIDFHV  :ULWH
Address:
2
H
Format:
Initial Value:
00
H
if the MODE pin is connected to V
DD or
20
H
if the MODE pin is connected to V
SS
Description:
'6(/   Selects the U
PN Line Interface of which the delay
measurement is executed
0
H: U
PN Transceiver No. 0 is selected
1
H: U
PN Transceiver No. 1 is selected
2
H: U
PN Transceiver No. 2 is selected
3
H: U
PN Transceiver No. 3 is selected
bit7
bit0
SYNEN
BALEN
EQUDIS
TOD
'6(/
'6(/
'6(/
5(62/


Similar Part No. - PEB2096

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PEB2096 SIEMENS-PEB2096 Datasheet
1,008Kb / 63P
   Octal Transceiver for UPN Interfaces OCTAT-P
logo
Infineon Technologies A...
PEB2096 INFINEON-PEB2096 Datasheet
1Mb / 269P
   ICs for Communications Extended PCM Interface Controller
02.97
More results

Similar Description - PEB2096

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEB20320 INFINEON-PEB20320 Datasheet
2Mb / 252P
   ICs for Communications
Version 3.4 01.2000
PEB20550 INFINEON-PEB20550 Datasheet
1Mb / 407P
   ICs for Communications
Versions 1.3 01.96
PEB20570 INFINEON-PEB20570 Datasheet
3Mb / 291P
   ICs for Communications
Version 2.1 2003-08
PXB4340E INFINEON-PXB4340E Datasheet
2Mb / 185P
   ICs for Communications
Version 1.1 04.2000
logo
Siemens Semiconductor G...
TUA4306 SIEMENS-TUA4306 Datasheet
309Kb / 33P
   ICs for Communications
PMB2333 SIEMENS-PMB2333 Datasheet
1Mb / 69P
   ICs for Communications
logo
Infineon Technologies A...
PXB4360F INFINEON-PXB4360F Datasheet
869Kb / 66P
   ICs for Communications
Version 1.10 7.2000
PEB20560 INFINEON-PEB20560 Datasheet
3Mb / 433P
   ICs for Communications
Version 2.1 2003-08
PEF2015 INFINEON-PEF2015 Datasheet
1Mb / 84P
   ICs for Communications
Version 1.1 12.97
PEB2254 INFINEON-PEB2254 Datasheet
16Kb / 3P
   ICs for Communications
10.97
PEB20324 INFINEON-PEB20324 Datasheet
705Kb / 63P
   ICs for Communications
Version 2.2 04.99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com