Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT2813QY-T Datasheet(PDF) 7 Page - Active-Semi, Inc

Part # ACT2813QY-T
Description  5V/2.4A Power Bank Solution
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2813QY-T Datasheet(HTML) 7 Page - Active-Semi, Inc

Back Button ACT2813QY-T Datasheet HTML 3Page - Active-Semi, Inc ACT2813QY-T Datasheet HTML 4Page - Active-Semi, Inc ACT2813QY-T Datasheet HTML 5Page - Active-Semi, Inc ACT2813QY-T Datasheet HTML 6Page - Active-Semi, Inc ACT2813QY-T Datasheet HTML 7Page - Active-Semi, Inc ACT2813QY-T Datasheet HTML 8Page - Active-Semi, Inc ACT2813QY-T Datasheet HTML 9Page - Active-Semi, Inc ACT2813QY-T Datasheet HTML 10Page - Active-Semi, Inc ACT2813QY-T Datasheet HTML 11Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Rev 2, 19-May-15
Innovative PowerTM
- 7 -
www.active-semi.com
Copyright © 2015 Active-Semi, Inc.
ACT2813/ACT2813C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
Soft-Startup Time
400
µs
Under Voltage Protection (UVP Threshold)
VOUT falling
4.25
V
VOUT rising
4.6
V
UVP Blanking Time During Startup
3
ms
UVP Sense Detection Time
VOUT falling
20
µs
Restart After UVP
Hiccup mode
2
s
Light Load Current Shut off Threshold
VBAT=3.7V, Rcs=25mΩ,RIOST=91kΩ
40
100
mA
Light Load Current Detect Time
16
s
HZ Pin High Voltage
HZ voltage rising
0.9
1.4
V
HZ Pin Low Voltage
HZ voltage falling
0.4
0.75
V
HZ Internal Pull-up Resistor
3
MΩ
PB Turn off Boost Time
ACT2813
1.5
s
PB Turn on Boost Time
30
ms
Mode Transition
Transition Waiting Time between Charge
Mode and Boost Mode
TRANTIME
2
s
Battery Level Indication
Battery Impedance Compensation Range
40
500
mΩ
Battery Impedance Compensation
Rcs=25mΩ, RIMC=200kΩ
200
mΩ
PB Deglitch Time
30
ms
PB High Input Voltage
PB voltage rising
0.9
1.4
V
PB Low Input Voltage
PB voltage falling
0.4
0.75
V
PB Internal Pull-up Resistor
3
MΩ
LED Indication Time
PB is pushed and released
5
s
LED Flash Frequency
Charging, LED flash 1s on and 1s off
0.5
Hz
Flashlight Driver Current
ACT2813C, the current at FLD pin
50
mA
PB Turn on Flashlight Time
ACT2813C
3.0
s
PB Turn off Flashlight Time
ACT2813C
3.0
s
Flashlight Driver
ELECTRICAL CHARACTERISTICS
(VIN = 5V, TA = 25°C, unless otherwise specified.)


Similar Part No. - ACT2813QY-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT2813QY-T ACTIVE-SEMI-ACT2813QY-T Datasheet
645Kb / 23P
   5V/2.4A Power Bank Solution
Rev 2, 19-May-15
ACT2813QY-T0435 ACTIVE-SEMI-ACT2813QY-T0435 Datasheet
645Kb / 23P
   5V/2.4A Power Bank Solution
Rev 2, 19-May-15
More results

Similar Description - ACT2813QY-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT2813 ACTIVE-SEMI-ACT2813_15 Datasheet
645Kb / 23P
   5V/2.4A Power Bank Solution
Rev 2, 19-May-15
logo
Shenzhen Huazhimei Semi...
HM5911 HMSEMI-HM5911 Datasheet
999Kb / 6P
   20V Stadoff, 2.4A Charger with 2.4a OTG for power Bank All-in-one solution
logo
Richtek Technology Corp...
RT9480 RICHTEK-RT9480 Datasheet
177Kb / 16P
   Easy to Use Power Bank Solution
RT9481 RICHTEK-RT9481 Datasheet
1Mb / 41P
   Easy to Use Power Bank Solution
RT9483 RICHTEK-RT9483 Datasheet
187Kb / 16P
   Easy to Use Power Bank Solution
logo
Active-Semi, Inc
ACT2803 ACTIVE-SEMI-ACT2803_16 Datasheet
523Kb / 22P
   5V/2.4A Dual Cell Battery Power Manager
Rev 1, May-12-2016
ACT2803 ACTIVE-SEMI-ACT2803 Datasheet
523Kb / 22P
   5V/2.4A Dual Cell Battery Power Manager
Rev 1, May-12-2016
logo
Shenzhen Huazhimei Semi...
HM1803 HMSEMI-HM1803 Datasheet
546Kb / 13P
   HM1803-SIP of Power Bank Total Solution
HM1801 HMSEMI-HM1801 Datasheet
502Kb / 8P
   HM1801-SIP of Power Bank Total Solution
logo
Richtek Technology Corp...
RT9480 RICHTEK-RT9480_17 Datasheet
176Kb / 16P
   Easy to Use Power Bank Solution Integrated Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com