Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VES90PS48 Datasheet(PDF) 3 Page - XP Power Limited

Part # VES90PS48
Description  AC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

VES90PS48 Datasheet(HTML) 3 Page - XP Power Limited

  VES90PS48 Datasheet HTML 1Page - XP Power Limited VES90PS48 Datasheet HTML 2Page - XP Power Limited VES90PS48 Datasheet HTML 3Page - XP Power Limited VES90PS48 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VES90 Series
www.xppower.com
3
AC-DC Power Supplies
EMC: Emissions
Phenomenon
Standard
Test Level
Notes & Conditions
Emissions
EN55022
Level B
Conducted & Radiated
Harmonic Current
EN61000-3-2
Class A
Voltage Flicker
EN61000-3-3
General
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Efficiency
89
%
See Models and Ratings table and curves.
Isolation: Input to Output
Input to Ground
Output to Ground
3000
VAC
1500
VAC
VDC
Output return is connected to input ground
Switching Frequency
55
kHz
At full load
Power Density
5.9
W/in3
Mean Time Between Failure
>100
kHrs
MIL-HDBK-217F at 25 °C GB
Weight
0.82 (370)
lb (g)
50%
60%
70%
80%
90%
100%
10
20
30
40
50
60
70
80
90
100
Load (%)
115Vac
230Vac
50%
60%
70%
80%
90%
100%
10
20
30
40
50
60
70
80
90
100
Load (%)
115Vac
230Vac
Efficiency Curves
VES90PS12
VES90PS24


Similar Part No. - VES90PS48

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VES9600 ETC1-VES9600 Datasheet
100Kb / 11P
   SINGLE CHIP DVB-T CHANNEL RECEIVER
Rev1.2
More results

Similar Description - VES90PS48

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com