Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STL20DNF06LAG Datasheet(PDF) 5 Page - STMicroelectronics

Part # STL20DNF06LAG
Description  Automotive-grade dual N-channel 60 V
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL20DNF06LAG Datasheet(HTML) 5 Page - STMicroelectronics

  STL20DNF06LAG Datasheet HTML 1Page - STMicroelectronics STL20DNF06LAG Datasheet HTML 2Page - STMicroelectronics STL20DNF06LAG Datasheet HTML 3Page - STMicroelectronics STL20DNF06LAG Datasheet HTML 4Page - STMicroelectronics STL20DNF06LAG Datasheet HTML 5Page - STMicroelectronics STL20DNF06LAG Datasheet HTML 6Page - STMicroelectronics STL20DNF06LAG Datasheet HTML 7Page - STMicroelectronics STL20DNF06LAG Datasheet HTML 8Page - STMicroelectronics STL20DNF06LAG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
STL20DNF06LAG
Electrical characteristics
DocID028242 Rev 1
5/15
Table 8: Source-drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
-
7.4
A
ISDM(1)
Source-drain current (pulsed)
-
29.6
A
VSD(2)
Forward on voltage
VGS = 0 V, ISD = 7.4 A
-
1.5
V
trr
Reverse recovery time
ISD = 7.4 A,
di/dt = 100 A/µs, VDD = 48 V
(see Figure 16: "Test circuit
for inductive load switching
and diode recovery times")
-
28
ns
Qrr
Reverse recovery charge
-
31.6
nC
IRRM
Reverse recovery current
-
2.26
A
Notes:
(1) Pulse width is limited by safe operating area.
(2) Pulse test: pulse duration = 300 µs, duty cycle 1.5%.


Similar Part No. - STL20DNF06LAG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL20DN10F7 STMICROELECTRONICS-STL20DN10F7 Datasheet
900Kb / 14P
   N-channel enhancement mode
April 2014 Rev 3
More results

Similar Description - STL20DNF06LAG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL20NF06LAG STMICROELECTRONICS-STL20NF06LAG Datasheet
946Kb / 14P
   Automotive-grade N-channel 60 V
September 2015 Rev 1
STH272N6F7-6AG STMICROELECTRONICS-STH272N6F7-6AG Datasheet
808Kb / 15P
   Automotive-grade N-channel 60 V, 0.95 mΩ typ., 180 A Automotive-grade N-channel 60 V, 0.95 mΩ typ., 180 A
March 2016
STL135N8F7AG STMICROELECTRONICS-STL135N8F7AG Datasheet
1,003Kb / 14P
   Automotive-grade N-channel 80 V
January 2016 Rev 3
STW22N95K5 STMICROELECTRONICS-STW22N95K5 Datasheet
884Kb / 14P
   Automotive-grade N-channel 950 V
March 2014 Rev 3
logo
Vishay Siliconix
SQD40N06-14L-GE3 VISHAY-SQD40N06-14L-GE3 Datasheet
160Kb / 9P
   Automotive N-Channel 60 V (D-S)
Rev. B, 30-Jul-12
SQJB60EP VISHAY-SQJB60EP Datasheet
232Kb / 7P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 29-Aug-16
SQJ960EP VISHAY-SQJ960EP_15 Datasheet
228Kb / 12P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
Rev. D, 17-Aug-15
SQ9945BEY VISHAY-SQ9945BEY_15 Datasheet
296Kb / 11P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
Rev. D, 10-Aug-15
SQJ962EP VISHAY-SQJ962EP Datasheet
160Kb / 9P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 24-Sep-12
SQ9945BEY VISHAY-SQ9945BEY_13 Datasheet
254Kb / 9P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 25-Jun-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com