Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VER12US090-JA Datasheet(PDF) 3 Page - XP Power Limited

Part # VER12US090-JA
Description  AC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

VER12US090-JA Datasheet(HTML) 3 Page - XP Power Limited

  VER12US090-JA Datasheet HTML 1Page - XP Power Limited VER12US090-JA Datasheet HTML 2Page - XP Power Limited VER12US090-JA Datasheet HTML 3Page - XP Power Limited VER12US090-JA Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VER12 Series
www.xppower.com
AC-DC Power Supplies
3
Mechanical Details
VER12US
AC Input Plugs
UK Plug
US Plug
AU Plug
EU Plug
3.01 (76.50)
1.61
(41.0)
1.48 (37.64)
1.62 (41.39)
1.73
(44.0)
1.96 (50.0)
0.25
(6.3)
0.15
(3.93)
70°
0.89
(22.7)
0.87 (22.23)
0.87
(22.23)
0.31
(7.95)
1.40
(35.7)
60°
2.20 (56.0)
0.66 (17.0)
0.35 (9.0)
1.58
(40.38)
0.66 (17.0)
0.24 (6.3)
0.06 (1.6)
0.31 (7.92)
1.43 (36.5)
0.47
(12.0)
0.63 (16.1)
0.05 (1.5)
0.5 (12.7)
0.54 (13.7)
0.24
(6.30)
1.17
(29.8)
1.41
(35.9)
0.74 (19.0)
0.71 (18.2)
0.74 (19.0)
0.15ø
(4.00ø)
1.02
(26.1)
0.15
(4.00)
0.55
(14.0)
0.14ø
(3.8ø)
1.43
(36.5)
1.11
(28.2)
0.68 (17.5)
0.73 (18.6)


Similar Part No. - VER12US090-JA

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
VER18 XPPOWER-VER18 Datasheet
676Kb / 4P
   VER18 Series AC-DC Power Supplies
VER18US090-JA XPPOWER-VER18US090-JA Datasheet
676Kb / 4P
   VER18 Series AC-DC Power Supplies
VER18US120-JA XPPOWER-VER18US120-JA Datasheet
676Kb / 4P
   VER18 Series AC-DC Power Supplies
VER18US150-JA XPPOWER-VER18US150-JA Datasheet
676Kb / 4P
   VER18 Series AC-DC Power Supplies
VER18US180-JA XPPOWER-VER18US180-JA Datasheet
676Kb / 4P
   VER18 Series AC-DC Power Supplies
More results

Similar Description - VER12US090-JA

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com