Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JCE0312D03 Datasheet(PDF) 3 Page - XP Power Limited

Part # JCE0312D03
Description  1500 VDC Isolation, 3000 VDC Option
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JCE0312D03 Datasheet(HTML) 3 Page - XP Power Limited

  JCE0312D03 Datasheet HTML 1Page - XP Power Limited JCE0312D03 Datasheet HTML 2Page - XP Power Limited JCE0312D03 Datasheet HTML 3Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
JCE03 Series
www.xppower.com
DC-DC Converter
3
04 Aug 14
Printed Face
3
2
11
9
22
23
14
16
Bottom View
1.25
(31.75)
0.80
(20.32)
0.40
(10.16)
0.60
(15.24)
0.90
(22.86)
0.02
(0.50)
0.02
(0.50)
0.20
(5.08)
0.12
(3.00)
EMC: Immunity
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
ESD Immunity
EN61000-4-2
3A
Radiated Immunity
EN61000-4-3
20 Vrms
A
EFT/Burst
EN61000-4-4
3A
External input capacitor required 330 µF/100 V
Surges
EN61000-4-5
Installation class 2
A
External input capacitor required 330 µF/100 V
Conducted Immunity
EN61000-4-6
3 V rms
A
Magnetic Fields
EN61000-4-8
1 A/m
A
EMC: Emissions
Phenomenon
Standard
Test Level
Notes & Conditions
Conducted
EN55022
Class A
Class B with external components, see application notes
Radiated
EN55022
Class A
1. All dimensions are in inches (mm)
2. Weight: 0.03 lbs (13.0 g) approx.
3. Pin diameter: 0.02±0.002 (0.5±0.05)
4. Pin pitch tolerance: ±0.014 (±0.35)
5. Case tolerance: ±0.02 (±0.5)
Notes
Pin Connections
Pin
Single
Dual
2
-Vin
-Vin
3
-Vin
-Vin
9
N.P.
Common
11
N.C.
-Vout
14
+Vout
+Vout
16
-Vout
Common
22
+Vin
+Vin
23
+Vin
+Vin
Mechanical Details
Application Notes
4.7 µF(K)
50 V
50 V
4.7 µF(K)
300 pF (M), 2kV
4.7 µH
+
-
+Vin
+Vout
DC/DC
Converter
-Vout
Load
-Vin
Class B Conducted Emissions Filter


Similar Part No. - JCE0312D03

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JCE06 XPPOWER-JCE06 Datasheet
139Kb / 2P
   6 Watts JCE Series
JCE0612D03 XPPOWER-JCE0612D03 Datasheet
139Kb / 2P
   DIP24 Plastic Case
JCE0612D03 XPPOWER-JCE0612D03 Datasheet
139Kb / 2P
   6 Watts JCE Series
JCE0612D05 XPPOWER-JCE0612D05 Datasheet
139Kb / 2P
   DIP24 Plastic Case
JCE0612D05 XPPOWER-JCE0612D05 Datasheet
139Kb / 2P
   6 Watts JCE Series
More results

Similar Description - JCE0312D03

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM6GH-Z AIMTEC-AM6GH-Z Datasheet
229Kb / 5P
   Input / Output Isolation 1500 and 3000 VDC
AM3TI-RZ AIMTEC-AM3TI-RZ Datasheet
217Kb / 6P
   Input / Output Isolation 1500 or 3000 VDC
AM3TIW-RZ AIMTEC-AM3TIW-RZ Datasheet
205Kb / 5P
   Input / Output Isolation 1500 or 3000 VDC
AM2LS-NZ AIMTEC-AM2LS-NZ Datasheet
208Kb / 4P
   Input / Output Isolation 1500 and 3000 VDC
logo
Texas Instruments
PT4500 TI1-PT4500_14 Datasheet
410Kb / 9P
[Old version datasheet]   1500 VDC Isolation
PT4100-48V TI1-PT4100-48V_14 Datasheet
180Kb / 4P
[Old version datasheet]   1500 VDC Isolation
PT3340 TI1-PT3340_14 Datasheet
218Kb / 11P
[Old version datasheet]   1500 VDC Isolation
PT3320 TI1-PT3320_09 Datasheet
202Kb / 9P
[Old version datasheet]   1500 VDC Isolation
PT4100-24V TI1-PT4100-24V_14 Datasheet
153Kb / 3P
[Old version datasheet]   1500 VDC Isolation
logo
XP Power Limited
IH2424S-H XPPOWER-IH2424S-H Datasheet
95Kb / 1P
   Optional 3000-6000 VDC isolation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com