Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WT18-3P930S34 Datasheet(PDF) 2 Page - SICK AG

Part # WT18-3P930S34
Description  Photoelectric proximity sensor, Background suppression
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

WT18-3P930S34 Datasheet(HTML) 2 Page - SICK AG

  WT18-3P930S34 Datasheet HTML 1Page - SICK AG WT18-3P930S34 Datasheet HTML 2Page - SICK AG WT18-3P930S34 Datasheet HTML 3Page - SICK AG WT18-3P930S34 Datasheet HTML 4Page - SICK AG WT18-3P930S34 Datasheet HTML 5Page - SICK AG WT18-3P930S34 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Photoelectric sensorsAAAAAAAAAAAAA© SICK AG. Subject to change without notice.AAAAAAAAAAAAA3/9/2016 6:42:49 AM
Photoelectric sensors
W18-3, Photoelectric proximity sensor, Background suppression
1) 2) Object with 90 % reflectance (referred to standard white, DIN 5033) 3) Average service life of 100,000 h at TA = +25 °C
Type
> WT18-3P930S34
Part No.
> 1044328
At a glance
Sender LED with visible red light
Precise background suppression
Adjustable sensing distance
Immune to ambient light
Rugged plastic housing
Your benefits
Quick and easy installation due to highly visible red light
Reliable object detection with high-precision background suppression due to
second sender LED
Quick and easy sensing distance adjustment
Crosstalk and ambient light immunity reduce false readings and downtime
High availability in the field
Illustration may differ
Features
Sensor/detection principle:
Photoelectric proximity sensor, Background suppression
Dimensions (W x H x D):
17.6 mm x 75.5 mm x 33.5 mm
Housing design (light emission):
Rectangular
Sensing range max.:
10 mm ... 600 mm 1)
Sensing range:
50 mm ... 600 mm 2)
Type of light:
Visible red light
Light source:
LED 3)
Special features:
With special optics
Adjustment:
Potentiometer, 4 turns
Light spot size (distance):
Ø 15 mm (400 mm)
Continuous threshold adaption:
-
Mechanics/electronics
Supply voltage:
10 V DC ... 30 V DC 1)
Ripple:
< 5 Vpp 2)
Power consumption:
40 mA 3)
Output type:
PNP
Output function:
Complementary
Switching mode:
Light/dark switching


Similar Part No. - WT18-3P930S34

ManufacturerPart #DatasheetDescription
logo
SICK AG
WT18-3P931S18 SICK-WT18-3P931S18 Datasheet
731Kb / 6P
   Photoelectric proximity sensor, Background suppression
More results

Similar Description - WT18-3P930S34

ManufacturerPart #DatasheetDescription
logo
SICK AG
WTB9L-3N2261 SICK-WTB9L-3N2261 Datasheet
794Kb / 7P
   Photoelectric proximity sensor, Background suppression
WTB9L-3N2461 SICK-WTB9L-3N2461 Datasheet
795Kb / 7P
   Photoelectric proximity sensor, Background suppression
WTB9M4L-3P2291 SICK-WTB9M4L-3P2291 Datasheet
743Kb / 7P
   Photoelectric proximity sensor, Background suppression
WTB15-B2431 SICK-WTB15-B2431 Datasheet
779Kb / 6P
   Photoelectric proximity sensor, Background suppression
WTB15-P2431 SICK-WTB15-P2431 Datasheet
776Kb / 7P
   Photoelectric proximity sensor, Background suppression
WT18-3N130 SICK-WT18-3N130 Datasheet
754Kb / 6P
   Photoelectric proximity sensor, Background suppression
WT18-3N431 SICK-WT18-3N431 Datasheet
785Kb / 6P
   Photoelectric proximity sensor, Background suppression
WT18-3P020S15 SICK-WT18-3P020S15 Datasheet
656Kb / 6P
   Photoelectric proximity sensor, Background suppression
WTB11-2P2461P04 SICK-WTB11-2P2461P04 Datasheet
1Mb / 7P
   Photoelectric proximity sensor, Background suppression
WT18-3P131 SICK-WT18-3P131 Datasheet
759Kb / 6P
   Photoelectric proximity sensor, Background suppression
WT18-3P421S36 SICK-WT18-3P421S36 Datasheet
653Kb / 6P
   Photoelectric proximity sensor, Background suppression
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com