Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KT110 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # KT110
Description  Silicon Temperature Sensors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

KT110 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button KT110 Datasheet HTML 3Page - Infineon Technologies AG KT110 Datasheet HTML 4Page - Infineon Technologies AG KT110 Datasheet HTML 5Page - Infineon Technologies AG KT110 Datasheet HTML 6Page - Infineon Technologies AG KT110 Datasheet HTML 7Page - Infineon Technologies AG KT110 Datasheet HTML 8Page - Infineon Technologies AG KT110 Datasheet HTML 9Page - Infineon Technologies AG KT110 Datasheet HTML 10Page - Infineon Technologies AG KT110 Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
KT- and KTY-Series Temperature Sensors
Data Sheet
11
2000-07-01
Weight approx. 20 g
GMX05639
Plug-in socket
30
3
13.5
±0.2
±0.1
12
±0.1
9
±0.2
46
45˚
SW17
12
b
a
Spade terminals
A2.8x0.8
DIN 46244
without hole
6 ±0.1
SW17
Stainless Steel Housing,
BSS303 (equiv. DIN 1.4305)
KTY 19-6M/Z
Sorts of Packing
Package outlines for tubes, trays etc. are contained in our
Data Book “Package Information”.
Dimensions in mm


Similar Part No. - KT110

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
KT110 SIEMENS-KT110 Datasheet
12Kb / 2P
   Silicon Spreading Resistance Temperature Sensor in Miniature Leaded Plastic Package
More results

Similar Description - KT110

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KTY83120-153 NXP-KTY83120-153 Datasheet
61Kb / 10P
   Silicon temperature sensors Silicon temperature sensors
Rev. 06-4 April 2008
KTY82-2 PHILIPS-KTY82-2 Datasheet
78Kb / 16P
   Silicon temperature sensors
1998 Mar 26
KTY81110 PHILIPS-KTY81110 Datasheet
78Kb / 15P
   Silicon temperature sensors
Rev. 05-25 April 2008
KTY81-1 PHILIPS-KTY81-1 Datasheet
109Kb / 16P
   Silicon temperature sensors
1998 Mar 26
KTY81-1 PHILIPS-KTY81-1_00 Datasheet
83Kb / 16P
   Silicon temperature sensors
2000 Aug 25
KTY81-120112 NXP-KTY81-120112 Datasheet
78Kb / 15P
   Silicon temperature sensors
Rev. 05-25 April 2008
KTY85-1 PHILIPS-KTY85-1 Datasheet
61Kb / 12P
   Silicon temperature sensors
1998 Mar 26
KTY83 PHILIPS-KTY83 Datasheet
63Kb / 11P
   Silicon temperature sensors
2003 Sep 15
KTY82 NXP-KTY82 Datasheet
79Kb / 17P
   Silicon temperature sensors
Rev. 04-14 January 2008
KTY83 NXP-KTY83 Datasheet
61Kb / 10P
   Silicon temperature sensors
Rev. 06-4 April 2008
KTY81122.112 NXP-KTY81122.112 Datasheet
78Kb / 15P
   Silicon temperature sensors
Rev. 05-25 April 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com