Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL2412A Datasheet(PDF) 1 Page - XP Power Limited

Part # ISL2412A
Description  Single and Dual Regulated Outputs
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ISL2412A Datasheet(HTML) 1 Page - XP Power Limited

  ISL2412A Datasheet HTML 1Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15-May-14
Specification
1.5 Watts
Single & Dual Regulated Outputs
4:1 Input Range
SMD Package
Industry Standard Pinout
1500 VDC Isolation
Short Circuit Protection
3 Year Warranty
ISL Series
Input
Input Voltage Range
• 24 V (9-36 VDC)
48 V (18-72 VDC)
Input Reverse Voltage • None
Protection
Input Surge
• 24 V: 40 VDC for 100 ms
48 V: 80 VDC for 100 ms
Output
Output Voltage
• See table
Minimum Load
• 10%(1)
Line Regulation
• ±0.2% typical
Load Regulation
• ±0.5% typical
Setpoint Accuracy
• ±1%/±3% typical, positive/negative output
Ripple & Noise
• 100 mV pk-pk 20 MHz bandwidth
Temperature Coefficient • 0.03%/°C
Short Circuit Protection • Continuous, automatic recovery
General
Efficiency
• See table
Isolation Voltage
• 1500 VDC
Isolation Resistance
• 109
Ω
Isolation Capacitance
• 1000 pF typical
Switching Frequency
• 550 kHz typical at nominal input, full load
MTBF
• >1 MHrs to MIL-HDBK-217F at 25 º C, GB
Environmental
Operating Temperature • -40 °C to +85 °C, derate from 100% load
at 70 °C to 0% load at 100 °C
Storage Temperature
• -55 °C to +125 °C
Case Temperature
• 100 °C max
Cooling
• Convection-cooled
Lead Temperature
• 240 º C, 0.06 in (1.5 mm) from case, 10 s
xppower.com
Input
Voltage
Output
Voltage
Output
Current
Efficiency
(typ)
Model
Number
24 VDC
3.3 V
455 mA
72%
ISL2403A
5.0 V
300 mA
76%
ISL2405A
9.0 V
167 mA
78%
ISL2409A
12.0 V
125 mA
79%
ISL2412A
15.0 V
100 mA
80%
ISL2415A
±5.0 V
±150 mA
74%
ISL2405
±12.0 V
±63 mA
78%
ISL2412
±15.0 V
±50 mA
80%
ISL2415
48 VDC
5.0 V
300 mA
76%
ISL4805A
12.0 V
125 mA
79%
ISL4812A
15.0 V
100 mA
80%
ISL4815A
±5.0 V
±150 mA
74%
ISL4805
±12.0 V
±63 mA
78%
ISL4812
±15.0 V
±50 mA
80%
ISL4815
Mechanical Details
78
9
10
16
1
0.94 (23.86)
0.60 (15.24)
Side View
Top View
0.12
(3.04)
0.10
(2.54)
16
10
7
1
9
8
0.079
(2.00)
0.039
(1.00)
A
A
0.05
(1.35)
0.51 (13.10)
5 º max
Pin
Single
Dual
1
-Vin
-Vin
7
N.C.
N.C.
8
N.C.
0 V
9
+Vo
+Vo
10
0 V
-Vo
16
+Vin
+Vin
N.C. Not connected
1. All dimensions in inches (mm)
2. Tolerance: ±0.010 (±0.25)
3. Weight: 0.011 lbs (5.2 g)
4. Pin tolerance: ±0.004 (±0.10 mm)
Recommended footprint
Top view grid: 0.1 x 0.1 in (2.54 x 2.54 mm)
Notes
Notes
1. Operation at no load will not damage unit but it may not meet all specifications.


Similar Part No. - ISL2412A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL24002 INTERSIL-ISL24002 Datasheet
113Kb / 6P
   14-Channel Static TFT LCD Reference Voltage Generator with 1-Channel VCOM
July 14, 2008
ISL24002IRTZ INTERSIL-ISL24002IRTZ Datasheet
113Kb / 6P
   14-Channel Static TFT LCD Reference Voltage Generator with 1-Channel VCOM
July 14, 2008
ISL24003 INTERSIL-ISL24003 Datasheet
535Kb / 10P
   Multi-Channel Buffers Plus VCOM Driver
logo
Renesas Technology Corp
ISL24003 RENESAS-ISL24003 Datasheet
698Kb / 10P
   Multi-Channel Buffers Plus VCOM Driver
logo
Intersil Corporation
ISL24003IRZ INTERSIL-ISL24003IRZ Datasheet
535Kb / 10P
   Multi-Channel Buffers Plus VCOM Driver
More results

Similar Description - ISL2412A

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ISP XPPOWER-ISP Datasheet
91Kb / 1P
   Single and Dual Regulated Outputs
logo
Wall Industries,Inc.
LANH2 WALL-LANH2 Datasheet
278Kb / 5P
   Non-Regulated Single Outputs
LANCW15 WALL-LANCW15_16 Datasheet
276Kb / 5P
   Single and Dual Outputs
DCHF10W WALL-DCHF10W_16 Datasheet
177Kb / 4P
   Single and Dual Outputs
LANCUW8 WALL-LANCUW8_16 Datasheet
417Kb / 5P
   Single and Dual Outputs
LANCUW15 WALL-LANCUW15_16 Datasheet
232Kb / 5P
   Single and Dual Outputs
LANCW5 WALL-LANCW5_11 Datasheet
261Kb / 4P
   Single and Dual Outputs
ELANC WALL-ELANC_16 Datasheet
153Kb / 4P
   Single and Dual Outputs
DCMUA WALL-DCMUA_16 Datasheet
225Kb / 5P
   Single and Dual Outputs
DCREDUW20 WALL-DCREDUW20 Datasheet
438Kb / 5P
   Single and Dual Outputs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com