Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISH1215A Datasheet(PDF) 1 Page - XP Power Limited

Part # ISH1215A
Description  DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ISH1215A Datasheet(HTML) 1 Page - XP Power Limited

  ISH1215A Datasheet HTML 1Page - XP Power Limited ISH1215A Datasheet HTML 2Page - XP Power Limited ISH1215A Datasheet HTML 3Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ISH Series
DC-DC Converter
xxx Series
www.xppower.com
1
Models & Ratings
Notes
1. For optional 3000 VDC isolation add suffix ‘-H’ to end of part number e.g. ISH1224A-H.
2. Input currents measured at nominal input voltage.
3. Typical value at full load.
• Single Output
• SMD Package
• Industry Standard Pinout
• Operating Temperature 40 °C to +105 °C
• 1500 VDC Isolation, 3000 VDC Option
• 3 Year Warranty
Dimensions:
ISH:
0.500 x 0.44 x 0.285” (12.7 x 11.2 x 7.25 mm)
2 Watts
Input Voltage
Output Voltage
Output
Current
Input Current(2)
Maximum Capacitive
Load
Efficiency(3)
Model Number(1)
No Load
Full Load
4.5-5.5
3.3V
400 mA
30 mA
506 mA
220 µF
72%
ISH0503A
5V
400 mA
30 mA
506 mA
220 µF
79%
ISH0505A
9V
222 mA
30 mA
506 mA
220 µF
82%
ISH0509A
12V
167 mA
30 mA
506 mA
220 µF
82%
ISH0512A
15V
133 mA
30 mA
506 mA
220 µF
83%
ISH0515A
10.8-13.2
5V
400 mA
25 mA
212 mA
220 µF
79%
ISH1205A
9V
222 mA
25 mA
212 mA
220 µF
82%
ISH1209A
12V
167 mA
25 mA
212 mA
220 µF
82%
ISH1212A
15V
133 mA
25 mA
212 mA
220 µF
83%
ISH1215A
24V
83 mA
25 mA
212 mA
220 µF
84%
ISH1224A
13.5-16.5
15V
133 mA
18 mA
169 mA
220 µF
83%
ISH1515A
21.6-26.4
5V
400 mA
15 mA
105 mA
220 µF
79%
ISH2405A
12V
167 mA
15 mA
105 mA
220 µF
82%
ISH2412A
15V
133 mA
15 mA
105 mA
220 µF
83%
ISH2415A
24V
83 mA
15 mA
105 mA
220 µF
86%
ISH2424A
A
5.00 º
A
0.035
(0.88)
0.010
(0.25)
Recommended Footprint
0.100
(2.54)
0.100
(2.54)
0.010
(0.25)
0.480
(12.20)
0.039
(1.00)
0.024
(0.60)
0.500±0.020
(12.70±0.5)
0.300 (7.62)
Top View grid: 0.1 x 0.1 in (2.54 x 2.54 mm)
Top View
Side View
12
4
5
8
1. All dimensions are in inches (mm)
2. Weight: 0.003 lbs (1.5 g) typical.
3. Pin diameter: 0.02 ±0.002 (0.5 ±0.005)
4. Pin pitch and length tolerance: ±0.014 (±0.35)
5. Case tolerance: ±0.02 (±0.5)
Notes
Mechanical Details
PIN CONNECTIONS
Pin
Function
1
GND
2
+Vin
4
0 V
5
+Vout
8
No Connection


Similar Part No. - ISH1215A

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
ISH37-1R3 ICE-ISH37-1R3 Datasheet
317Kb / 2P
   SMT Power Inductor
ISH37-1R3 ICE-ISH37-1R3 Datasheet
210Kb / 2P
   SMT SMT Power Inductor
ISH37-2R1 ICE-ISH37-2R1 Datasheet
317Kb / 2P
   SMT Power Inductor
ISH37-2R1 ICE-ISH37-2R1 Datasheet
210Kb / 2P
   SMT SMT Power Inductor
ISH37-3R2 ICE-ISH37-3R2 Datasheet
317Kb / 2P
   SMT Power Inductor
More results

Similar Description - ISH1215A

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com