Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR1B Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # FR1B
Description  Fast Recovery SMD Rectifier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

FR1B Datasheet(HTML) 1 Page - Diotec Semiconductor

  FR1B Datasheet HTML 1Page - Diotec Semiconductor FR1B Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FR1A ... FR1M
FR1A ... FR1M
Fast Recovery SMD Rectifier Diodes
SMD-Gleichrichterdioden mit schnellem Sperrverzug
IFAV = 1 A
VF
< 1.3 V
Tjmax = 150°C
VRRM = 50...1000 V
IFSM = 30/32 A
trr
< 150...500 ns
Version 2015-10-19
~ SMA / ~ DO-214AC
Dimensions - Maße [mm]
Typical Applications
Rectification of medium frequencies,
Snubber or Bootstrap diodes
Commercial grade 1)
Typische Anwendungen
Gleichrichtung mittlerer Frequenzen
Beschaltungs- oder Bootstrapdioden
Standardausführung 1)
Features
VRRM up to 1000 V
Compliant to RoHS, REACH,
Conflict Minerals 1)
Besonderheiten
VRRM bis zu 1000 V
Konform zu RoHS, REACH,
Konfliktmineralien 1)
Mechanical Data 1)
Mechanische Daten 1)
Taped and reeled
7500 / 13“
Gegurtet auf Rolle
Weight approx.
0.07 g
Gewicht ca.
Case material
UL 94V-0
Gehäusematerial
Solder & assembly conditions
260°C/10s
Löt- und Einbaubedingungen
MSL = 1
Maximum ratings and Characteristics 2)
Grenz- und Kennwerte 2)
Type
Typ
Rep. peak reverse voltage
Period. Spitzensperrspannung
VRRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V]
Reverse recovery time
Sperrverzugszeit
trr [ns] 3)
FR1A
50
50
< 150
FR1B
100
100
< 150
FR1D
200
200
< 150
FR1G
400
400
< 150
FR1J
600
600
< 250
FR1K
800
800
< 500
FR1M
1000
1000
< 500
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
TT = 100°C
IFAV
1 A
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
6 A 4)
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
TA = 25°C
IFSM
30/32 A
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
4.5 A2s
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+150°C
-50...+150°C
1
Please note the detailed information on our website or at the beginning of the data book
Bitte beachten Sie die detaillierten Hinweise auf unserer Internetseite bzw. am Anfang des Datenbuches
2
Tj = 25°C unless otherwise specified – Tj = 25°C wenn nicht anders angegeben
3
IF = 0.5 A through/über IR = 1 A to/auf IR = 0.25 A
4
Max. temperature of the terminals TT = 100°C – Max. Temperatur der Anschlüsse TT = 100°C
© Diotec Semiconductor AG
http://www.diotec.com/
1
Type
Typ
0.22
± 0.7
1.1
± 0.4
4.2± 0.3
5.3
± 0.4
0.1
± 0.1
Pb
RoHS


Similar Part No. - FR1B

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
FR1B LEIDITECH-FR1B Datasheet
575Kb / 3P
   High Temp Soldering: 260째C for 10 Seconds At Terminals
logo
Pan Jit International I...
FR1B PANJIT-FR1B Datasheet
60Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
logo
Semikron International
FR1B SEMIKRON-FR1B Datasheet
114Kb / 2P
   Surface mount diode
logo
Shenzhen Luguang Electr...
FR1B LUGUANG-FR1B Datasheet
182Kb / 2P
   1.0AMP.Surface Mount Fast Recovery Rectifiers
logo
Surge Components
FR1B SURGE-FR1B Datasheet
77Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 1.0 Ampere
More results

Similar Description - FR1B

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
FRL1A DIOTEC-FRL1A Datasheet
157Kb / 2P
   Fast Recovery SMD Rectifier Diodes
SA261 DIOTEC-SA261_15 Datasheet
155Kb / 2P
   Fast Recovery SMD Rectifier Diodes
FR2A DIOTEC-FR2A_15 Datasheet
139Kb / 2P
   Fast Recovery SMD Rectifier Diodes
FR3A DIOTEC-FR3A_15 Datasheet
139Kb / 2P
   Fast Recovery SMD Rectifier Diodes
logo
DIOTEC Electronics Corp...
FRL1A DEC-FRL1A_15 Datasheet
157Kb / 2P
   Fast Recovery SMD Rectifier Diodes
logo
Diotec Semiconductor
RGL1A DIOTEC-RGL1A_15 Datasheet
141Kb / 2P
   Fast Recovery SMD Rectifier Diodes
FR1A DIOTEC-FR1A_18 Datasheet
144Kb / 2P
   Fast Recovery SMD Rectifier Diodes
RGL34A DIOTEC-RGL34A_15 Datasheet
142Kb / 2P
   Fast Recovery SMD Rectifier Diodes
FR2TSMA DIOTEC-FR2TSMA_15 Datasheet
147Kb / 2P
   Fast Recovery SMD Rectifier Diodes
SA154 DIOTEC-SA154_15 Datasheet
150Kb / 2P
   Fast Recovery SMD Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com