Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FE3B Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # FE3B
Description  Superfast Recovery Rectifier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

FE3B Datasheet(HTML) 2 Page - Diotec Semiconductor

  FE3B Datasheet HTML 1Page - Diotec Semiconductor FE3B Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FE3A ... FE3G
Characteristics
Kennwerte
Type
Typ
Reverse recovery time
Sperrverzugszeit
Forward voltage
Durchlass-Spannung
trr [ns]1)
VF [V]
at / bei
IF = [A]
FE3A
< 50
< 0.98
3
FE3B
< 50
< 0.98
3
FE3D
< 50
< 0.98
3
FE3G
< 50
< 1.30
3
Leakage current – Sperrstrom
Tj = 25°C
VR = VRRM
IR
< 5 µA
Typical junction capacitance
Typische Sperrschichtkapzität
VR = 4 V
Cj
15 pF
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 25 K/W 2)
Thermal resistance junction to leads
Wärmewiderstand Sperrschicht – Anschlussdraht
RthT
< 8 K/W
Disclaimer: See data book page 2 or website
Haftungssauschluss: Siehe Datenbuch Seite 2 oder Internet
1
IF = 0.5 A through/über IR = 1 A to/auf IR = 0.25 A
2
Valid, if leads are kept at ambient temperature at a distance of 10 mm from case
Gültig, wenn die Anschlussdrähte in 10 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden
2
http://www.diotec.com/
© Diotec Semiconductor AG
120
100
80
60
40
20
0
[%]
I
FAV
Rated forward current versus ambient temperature )
Zul. Richtstrom in Abh. von der Umgebungstemp. )
1
1
[°C]
T
A
150
100
50
0
10
10
1
10
10
2
-1
-2
[A]
I
F
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
0.4
V
F
0.8
1.0
1.2
1.4
[V] 1.8
T = 125°C
j
T = 25°C
j
FE3G
FE3A...D
125a-(3a-0.95/1.25v)


Similar Part No. - FE3B

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
FE3B GE-FE3B Datasheet
52Kb / 2P
   GLASS PASSIVATED FAST EFFICIENT RECTIFIER
logo
Diotec Semiconductor
FE3B DIOTEC-FE3B Datasheet
153Kb / 2P
   Super Fast Silicon Rectifiers
FE3B DIOTEC-FE3B Datasheet
35Kb / 2P
   Super Fast Silicon Rectifiers
FE3B DIOTEC-FE3B Datasheet
58Kb / 2P
   Superfast Switching Silicon-Rectifiers
logo
EIC discrete Semiconduc...
FE3B EIC-FE3B Datasheet
103Kb / 2P
   GLASS PASSIVATED JUNCTION
More results

Similar Description - FE3B

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
FE1A DIOTEC-FE1A_15 Datasheet
133Kb / 2P
   Superfast Recovery Rectifier Diodes
FE2A DIOTEC-FE2A_15 Datasheet
133Kb / 2P
   Superfast Recovery Rectifier Diodes
BAV19 DIOTEC-BAV19_15 Datasheet
129Kb / 2P
   Superfast Recovery Rectifier Diodes
ER2A DIOTEC-ER2A_17 Datasheet
136Kb / 2P
   Superfast Recovery SMD Rectifier Diodes
ERL1A DIOTEC-ERL1A Datasheet
158Kb / 2P
   Superfast Recovery SMD Rectifier Diodes
EGL1A DIOTEC-EGL1A_15 Datasheet
143Kb / 2P
   Superfast Recovery SMD Rectifier Diodes
EGL34A DIOTEC-EGL34A_15 Datasheet
141Kb / 2P
   Superfast Recovery SMD Rectifier Diodes
BAV100 DIOTEC-BAV100_15 Datasheet
140Kb / 2P
   Superfast Recovery SMD Rectifier Diodes
ER1A DIOTEC-ER1A_15 Datasheet
139Kb / 2P
   Superfast Recovery SMD Rectifier Diodes
ER3A DIOTEC-ER3A_15 Datasheet
139Kb / 2P
   Superfast Recovery SMD Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com