Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPU05N03LA Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IPU05N03LA
Description  OptiMOS 2 Power-Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPU05N03LA Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button IPU05N03LA Datasheet HTML 2Page - Infineon Technologies AG IPU05N03LA Datasheet HTML 3Page - Infineon Technologies AG IPU05N03LA Datasheet HTML 4Page - Infineon Technologies AG IPU05N03LA Datasheet HTML 5Page - Infineon Technologies AG IPU05N03LA Datasheet HTML 6Page - Infineon Technologies AG IPU05N03LA Datasheet HTML 7Page - Infineon Technologies AG IPU05N03LA Datasheet HTML 8Page - Infineon Technologies AG IPU05N03LA Datasheet HTML 9Page - Infineon Technologies AG IPU05N03LA Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
IPD05N03LA
IPU05N03LA
13 Avalanche characteristics
14 Typ. gate charge
I AS=f(t AV); R GS=25 Ω
V GS=f(Q gate); I D=25 A pulsed
parameter: Tj(start)
parameter: V DD
15 Drain-source breakdown voltage
16 Gate charge waveforms
V BR(DSS)=f(T j); I D=1 mA
5 V
15 V
20 V
0
2
4
6
8
10
12
020
40
Q gate [nC]
20
21
22
23
24
25
26
27
28
29
-60
-20
20
60
100
140
180
T j [°C]
V GS
Q gate
V gs(th)
Q g(th)
Q gs
Q gd
Q sw
Q g
25 °C
100 °C
150 °C
1
10
100
1
10
100
1000
t AV [µs]
Rev. 1.4
page 7
2004-02-04


Similar Part No. - IPU05N03LA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPU05N03LA INFINEON-IPU05N03LA Datasheet
434Kb / 11P
   OptiMOS 2 Power-Transistor
2004-05-19
IPU05N03LA INFINEON-IPU05N03LA Datasheet
404Kb / 12P
   OptiMOS짰2 Power-Transistor
Rev. 2.0 2006-05-11
IPU05N03LAG INFINEON-IPU05N03LAG Datasheet
404Kb / 12P
   OptiMOS짰2 Power-Transistor
Rev. 2.0 2006-05-11
More results

Similar Description - IPU05N03LA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB05N03LA INFINEON-IPB05N03LA Datasheet
348Kb / 10P
   OptiMOS 2 Power-Transistor
2003-12-18
IPB14N03LA INFINEON-IPB14N03LA Datasheet
346Kb / 10P
   OptiMOS 2 Power-Transistor
2003-12-18
IPD04N03LA INFINEON-IPD04N03LA Datasheet
348Kb / 10P
   OptiMOS 2 Power-Transistor
2004-02-04
IPF06N03LA INFINEON-IPF06N03LA Datasheet
223Kb / 9P
   OptiMOS 2 Power-Transistor
2003-12-19
IPD03N03LB INFINEON-IPD03N03LB Datasheet
304Kb / 9P
   OptiMOS 2 Power-Transistor
Rev. 1.11 2004-12-16
IPSH4N03LA INFINEON-IPSH4N03LA Datasheet
305Kb / 9P
   OPTIMOS 2 POWER - TRANSISTOR
Rev. 0.92 2004-10-27
IPB09N03LA INFINEON-IPB09N03LA Datasheet
347Kb / 10P
   OptiMOS 2 Power-Transistor
2003-12-18
IPI03N03LA INFINEON-IPI03N03LA Datasheet
317Kb / 10P
   OptiMOS 2 Power-Transistor
Rev. 1.4 2004-02-05
IPI04N03LA INFINEON-IPI04N03LA Datasheet
348Kb / 10P
   OptiMOS 2 Power-Transistor
Rev. 1.3 2003-12-18
IPI05N03LA INFINEON-IPI05N03LA Datasheet
348Kb / 10P
   OptiMOS 2 Power-Transistor
2004-03-23
IPS09N03LA INFINEON-IPS09N03LA Datasheet
434Kb / 11P
   OptiMOS 2 Power-Transistor
2004-05-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com