Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37733MHB242FP Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # M37733MHB242FP
Description  PROM VERSION OF M37733MHBXXXFP(MICROCOMPUTERS)
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37733MHB242FP Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

Back Button M37733MHB242FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M37733MHB242FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M37733MHB242FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M37733MHB242FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37733MHB242FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37733MHB242FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37733MHB242FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37733MHB242FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M37733MHB242FP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
6
MITSUBISHI MICROCOMPUTERS
M37733EHBXXXFP
M37733EHBFS
PROM VERSION OF M37733MHBXXXFP
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
BASIC FUNCTION BLOCKS
The M37733EHBXXXFP has the same functions as the
M37733MHBXXXFP except for the following:
(1) The built-in ROM is PROM.
(2) The status of bit 3 of the oscillation circuit control register 1 (address
6F16) at a reset is different.
(3) The usage condition of bit 3 of the oscillation circuit control register
1 is different.
Accordingly, refer to the basic function blocks description in the
M37733MHBXXXFP except for Figure 1 (bit configuration of the
oscillation circuit control register 1) and Figure 3 (microcomputer
internal status during reset).
In the M37733EHBXXXFP, bit 3 of the oscillation circuit control
register 1 must be “1”. (Refer to Figure 1.) The status of this bit at
a reset is “1”.
Fig. 2 How to write data in oscillation circuit control register 1 (identical with Figure 64 in data sheet “M37733MHBXXXFP”)
Writing data “8016” (LDM instruction)
Reset clock prescaler
Writing data “5516” (LDM instruction)
Writing data “0Y16” (LDM instruction)
CC2 to CC0 selection bits
• How to reset clock prescaler
• How to write in CC2 to CC0 selection bits
Note. “Y” is the sum of bits to be set. For example, when
setting bits 2 and 1 to “1”, “Y” becomes “6”.
Next instruction
Note. Write to the oscillation circuit control
register 1 as the flow shown in Figure 2.
Oscillation circuit control register 1
Main clock division selection bit
0 : Main clock is divided by 2.
1 : Main clock is not divided by 2.
Main clock external input selection bit
0 : Main-clock oscillation circuit is operating by itself.
Watchdog timer is used at returning from STP state.
1 : Main-clock is input externally.
Watchdog timer is not used at returning from STP state.
Sub clock external input selection bit
0 : Sub-clock oscillation circuit is operating by itself.
Port P76 functions as XCOUT pin.
Watchdog timer is used at returning from STP state.
1 : Sub-clock is input externally.
Port P76 functions as I/O port.
Watchdog timer is not used at returning from STP state.
1 : Always “1” (“1” at reset)
0 : Always “0” (However, writing data “5516” shown in Figure 2 is possible.)
Clock prescaler reset bit
Address
6F16
CC0
CC1
CC2
0
76543
2
1
0
1
Fig. 1 Bit configuration of oscillation circuit control register 1 (corresponding to Figure 63 in data sheet “M37733MHBXXXFP”)


Similar Part No. - M37733MHB242FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37733MHB242FP MITSUBISHI-M37733MHB242FP Datasheet
409Kb / 34P
   PROM VERSION OF M37733MHBXXXFP(MICROCOMPUTERS)
M37733MHB242FP MITSUBISHI-M37733MHB242FP Datasheet
1Mb / 89P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733MHB242FP MITSUBISHI-M37733MHB242FP Datasheet
1Mb / 89P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results

Similar Description - M37733MHB242FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37733EHBXXXFP MITSUBISHI-M37733EHBXXXFP Datasheet
409Kb / 34P
   PROM VERSION OF M37733MHBXXXFP(MICROCOMPUTERS)
logo
Renesas Technology Corp
M37733EHBXXXFP RENESAS-M37733EHBXXXFP Datasheet
566Kb / 35P
   PROM VERSION OF M37733MHBXXXFP
logo
Mitsubishi Electric Sem...
M37736EHLXXXHP MITSUBISHI-M37736EHLXXXHP Datasheet
448Kb / 36P
   PROM VERSION OF M37736MHLXXXHP(MICROCOMPUTERS)
M37733EHL MITSUBISHI-M37733EHL Datasheet
726Kb / 35P
   PROM VERSION OF M37733MHLXXXHP(MICROCOMPUTERS)
M37736EHBXXXGP MITSUBISHI-M37736EHBXXXGP Datasheet
406Kb / 33P
   PROM VERSION OF M37736MHBXXXGP(MICROCOMPUTERS)
M37736EHL MITSUBISHI-M37736EHL Datasheet
447Kb / 36P
   PROM VERSION OF M37736MHLXXXHP(MICROCOMPUTERS)
logo
Renesas Technology Corp
M37735EHBXXXFP RENESAS-M37735EHBXXXFP Datasheet
551Kb / 35P
   PROM VERSION OF M37735MHBXXXFP
logo
Mitsubishi Electric Sem...
M37735EHBXXXFP MITSUBISHI-M37735EHBXXXFP Datasheet
392Kb / 34P
   PROM VERSION OF M37735EHBXXXFP
M37735EHL MITSUBISHI-M37735EHL Datasheet
672Kb / 34P
   PROM VERSION OF M37735MHLXXXHP
M37736EHB MITSUBISHI-M37736EHB Datasheet
405Kb / 33P
   PROM VERSION OF M37736EHBXXXGP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com