Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPB07N03L Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IPB07N03L
Description  OptiMOS Buck converter series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB07N03L Datasheet(HTML) 3 Page - Infineon Technologies AG

  IPB07N03L Datasheet HTML 1Page - Infineon Technologies AG IPB07N03L Datasheet HTML 2Page - Infineon Technologies AG IPB07N03L Datasheet HTML 3Page - Infineon Technologies AG IPB07N03L Datasheet HTML 4Page - Infineon Technologies AG IPB07N03L Datasheet HTML 5Page - Infineon Technologies AG IPB07N03L Datasheet HTML 6Page - Infineon Technologies AG IPB07N03L Datasheet HTML 7Page - Infineon Technologies AG IPB07N03L Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2002-10-17
Page 3
IPP07N03L
IPB07N03L
Electrical Characteristics
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Dynamic Characteristics
Transconductance
gfs
VDS≥2*ID*RDS(on)max,
ID=80A
44
88
-
S
Input capacitance
Ciss
VGS=0V, VDS=25V,
f=1MHz
-
1900
2350
pF
Output capacitance
Coss
-
740
990
Reverse transfer capacitance
Crss
-
175
265
Gate resistance
RG
-
2.2
-
Turn-on delay time
td(on)
VDD=15V, VGS=10V,
ID=20A,
RG=3.6Ω
-
10.4
15.6
ns
Rise time
tr
-
23
35
Turn-off delay time
td(off)
-
73
109
Fall time
tf
-
61
91
Gate Charge Characteristics
Gate to source charge
Qgs
VDD=15V, ID=20A
-
5
7
nC
Gate to drain charge
Qgd
-
16
25
Gate charge total
Qg
VDD=15V, ID=20A,
VGS=0 to 5V
-
27
34
Output charge
Qoss
VDS=15V, ID=20A,
VGS=0V
-
26.4
33
nC
Gate plateau voltage
V(plateau)
VDD=15V, ID=20A
-
3.1
-
V
Reverse Diode
Inverse diode continuous
forward current
IS
TC=25°C
-
-
80
A
Inv. diode direct current, pulsed
ISM
-
-
320
Inverse diode forward voltage
VSD
VGS=0V, IF=80A
-
0.9
1.3
V
Reverse recovery time
trr
VR=15V, IF=lS,
diF/dt=100A/µs
-
41
51
ns
Reverse recovery charge
Qrr
-
46
58
nC


Similar Part No. - IPB07N03L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB070N06LG INFINEON-IPB070N06LG Datasheet
445Kb / 10P
   OptiMOS짰 Power-Transistor
Rev. 1.22 2006-04-07
IPB070N06NG INFINEON-IPB070N06NG Datasheet
446Kb / 10P
   OptiMOS짰 Power-Transistor
Rev. 1.01 2006-06-19
IPB070N08N3G INFINEON-IPB070N08N3G Datasheet
1Mb / 11P
   OptiMOS3 Power-Transistor
2010-01-18 revision:2.3
IPB072N15N3-G INFINEON-IPB072N15N3-G Datasheet
744Kb / 11P
   OptiMOS 3 Power-Transistor
2010-04-19 revision:2.06
IPB072N15N3-G INFINEON-IPB072N15N3-G Datasheet
424Kb / 11P
   OptiMOS?? Power-Transistor Features Excellent gate charge x R DS(on) product (FOM)
Rev. 2.06 2010-04-19
More results

Similar Description - IPB07N03L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD20N03L INFINEON-IPD20N03L Datasheet
158Kb / 8P
   OptiMOS Buck converter series
2003-01-17
BSS670S2L INFINEON-BSS670S2L Datasheet
156Kb / 8P
   OptiMOS Buck converter series
2003-03-17
IPP10N03L INFINEON-IPP10N03L Datasheet
452Kb / 8P
   OptiMOS Buck converter series
2003-01-17
IPP04N03L INFINEON-IPP04N03L Datasheet
455Kb / 8P
   OptiMOS Buck converter series
2003-01-17
BSS670S2L INFINEON-BSS670S2L_06 Datasheet
198Kb / 8P
   OptiMOS Buck converter series
Rev. 2.3 2006-12-01
IPD09N03L INFINEON-IPD09N03L Datasheet
135Kb / 8P
   OptiMOS Buck converter series
2002-01-17
IPD12N03L INFINEON-IPD12N03L Datasheet
152Kb / 8P
   OptiMOS Buck converter series
2003-01-17
IPP05N03L INFINEON-IPP05N03L Datasheet
449Kb / 8P
   OptiMOS Buck converter series
2003-01-17
IPP15N03L INFINEON-IPP15N03L Datasheet
448Kb / 8P
   OptiMOS Buck converter series
2003-01-17
IPD14N03L INFINEON-IPD14N03L Datasheet
424Kb / 8P
   OptiMOS Buck converter series
2003-01-17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com