Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WE18-3P110 Datasheet(PDF) 2 Page - SICK AG

Part # WE18-3P110
Description  Through-beam photoelectric sensor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

WE18-3P110 Datasheet(HTML) 2 Page - SICK AG

  WE18-3P110 Datasheet HTML 1Page - SICK AG WE18-3P110 Datasheet HTML 2Page - SICK AG WE18-3P110 Datasheet HTML 3Page - SICK AG WE18-3P110 Datasheet HTML 4Page - SICK AG WE18-3P110 Datasheet HTML 5Page - SICK AG WE18-3P110 Datasheet HTML 6Page - SICK AG WE18-3P110 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Photoelectric sensorsAAAAAAAAAAAAA© SICK AG. Subject to change without notice.AAAAAAAAAAAAA3/8/2016 3:51:15 AM
Photoelectric sensors
W18-3, Through-beam photoelectric sensor
1) Average service life of 100,000 h at TA = +25 °C
Type
> WS/WE18-3P110
Part No.
> 1025928
At a glance
Sender LED with infrared light
High operational reliability
Immune to ambient light
Test input for system diagnostics
Rugged plastic housing
Your benefits
Very high operating reserves for trouble-free operation, even at long distances
Reliable operation due to integrated system diagnosis
High availability in the field
Illustration may differ
Features
Sensor/detection principle:
Through-beam photoelectric sensor
Dimensions (W x H x D):
17.6 mm x 75.5 mm x 33.5 mm
Housing design (light emission):
Rectangular
Sensing range max.:
0 m ... 20 m
Type of light:
Infrared light
Light source:
LED 1)
Angle of dispersion:
4.5 °
Adjustment:
Potentiometer, 1 turn
Light spot size (distance):
Ø 950 mm (15 m)
Continuous threshold adaption:
-
Mechanics/electronics
Supply voltage:
10 V DC ... 30 V DC 1)
Ripple:
< 5 Vpp 2)
Power consumption, sender:
< 45 mA 3)
Power consumption, receiver:
< 35 mA 4)
Output type:
PNP
Output function:
Complementary
Switching mode:
Light/dark switching
Output current Imax.:
100 mA
Response time:
< 500 µs 5)
Switching frequency:
1,000 Hz 6)


Similar Part No. - WE18-3P110

ManufacturerPart #DatasheetDescription
logo
SICK AG
WE18-3P130 SICK-WE18-3P130 Datasheet
689Kb / 7P
   Through-beam photoelectric sensor
More results

Similar Description - WE18-3P110

ManufacturerPart #DatasheetDescription
logo
Contrinex AG Industrial...
LLR-C23PA-NMS-400 CONTRINEX-LLR-C23PA-NMS-400 Datasheet
461Kb / 6P
   PHOTOELECTRIC SENSOR THROUGH-BEAM
logo
SICK AG
WSWE2F-E010S04 SICK-WSWE2F-E010S04 Datasheet
555Kb / 5P
   Through-beam photoelectric sensor
WSWE2F-F210 SICK-WSWE2F-F210 Datasheet
648Kb / 6P
   Through-beam photoelectric sensor
WSE4S-3E3130H SICK-WSE4S-3E3130H Datasheet
1Mb / 7P
   Through-beam photoelectric sensor
WSE4S-3F3130H SICK-WSE4S-3F3130H Datasheet
919Kb / 5P
   Through-beam photoelectric sensor
WSE4SL-3N1137 SICK-WSE4SL-3N1137 Datasheet
847Kb / 7P
   Through-beam photoelectric sensor
WSE9L-3N2237 SICK-WSE9L-3N2237 Datasheet
881Kb / 8P
   Through-beam photoelectric sensor
WSE2S-2P3030S02 SICK-WSE2S-2P3030S02 Datasheet
688Kb / 6P
   Through-beam photoelectric sensor
WSE2S-2P3130 SICK-WSE2S-2P3130 Datasheet
684Kb / 6P
   Through-beam photoelectric sensor
WSWE2F-E110 SICK-WSWE2F-E110 Datasheet
650Kb / 6P
   Through-beam photoelectric sensor
WSWE2F-P110 SICK-WSWE2F-P110 Datasheet
650Kb / 6P
   Through-beam photoelectric sensor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com