Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M3GB2805R2S Datasheet(PDF) 8 Page - International Rectifier

Part # M3GB2805R2S
Description  HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

M3GB2805R2S Datasheet(HTML) 8 Page - International Rectifier

Back Button M3GB2805R2S Datasheet HTML 4Page - International Rectifier M3GB2805R2S Datasheet HTML 5Page - International Rectifier M3GB2805R2S Datasheet HTML 6Page - International Rectifier M3GB2805R2S Datasheet HTML 7Page - International Rectifier M3GB2805R2S Datasheet HTML 8Page - International Rectifier M3GB2805R2S Datasheet HTML 9Page - International Rectifier M3GB2805R2S Datasheet HTML 10Page - International Rectifier M3GB2805R2S Datasheet HTML 11Page - International Rectifier M3GB2805R2S Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
www.irf.com
M3GB-SERIES
(28V Input, Single/Dual Output)
Fig 5. Typical Efficiency @25°C, M3GB2805S
Fig 6. Typical Efficiency @25°C, M3GB2815D
40
50
60
70
80
90
0
10
203040
50
6070
80
90
100
P ercentage of R ated L oad, %
18V Input
28V Input
50V Input
40
50
60
70
80
90
0
10
2030
405060
7080
90
100
P ercentage of rated L oad, %
18V Input
28V Input
50V Input


Similar Part No. - M3GB2805R2S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
M3GB2800S IRF-M3GB2800S Datasheet
216Kb / 13P
   28V Input, Single/Dual Output
M3GB2800S IRF-M3GB2800S_15 Datasheet
216Kb / 13P
   28V Input, Single/Dual Output
M3GB2800T IRF-M3GB2800T Datasheet
198Kb / 11P
   28V Input, Triple Output
M3GB2800T IRF-M3GB2800T_15 Datasheet
198Kb / 11P
   28V Input, Triple Output
More results

Similar Description - M3GB2805R2S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GHP2805S IRF-GHP2805S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R3S IRF-M3G7003R3S_16 Datasheet
400Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP7005S IRF-GHP7005S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R3S IRF-M3G5003R3S_16 Datasheet
402Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LS2801R5S IRF-LS2801R5S_12 Datasheet
249Kb / 16P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LSO2805S IRF-LSO2805S Datasheet
516Kb / 18P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G280512T IRF-M3G280512T Datasheet
181Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
ART28XXT IRF-ART28XXT_06 Datasheet
140Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTER
M3G2803R312T IRF-M3G2803R312T Datasheet
144Kb / 10P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R315T IRF-M3G7003R315T Datasheet
176Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com