Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR44272LPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IR44272LPBF
Description  SOT-23 Gate Driver IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR44272LPBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IR44272LPBF Datasheet HTML 2Page - International Rectifier IR44272LPBF Datasheet HTML 3Page - International Rectifier IR44272LPBF Datasheet HTML 4Page - International Rectifier IR44272LPBF Datasheet HTML 5Page - International Rectifier IR44272LPBF Datasheet HTML 6Page - International Rectifier IR44272LPBF Datasheet HTML 7Page - International Rectifier IR44272LPBF Datasheet HTML 8Page - International Rectifier IR44272LPBF Datasheet HTML 9Page - International Rectifier IR44272LPBF Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
IR44272LPBF
6
www.irf.com
© 2015 International Rectifier
June 30, 2015
Static Electrical Characteristics
VCC = 15V, TA = 25°C unless otherwise specified. The VIN, and IIN parameters are referenced to COM and are
applicable to input leads: IN. The VO and IO parameters are referenced to COM and are applicable to the output
leads: OUT.
Dynamic Electrical Characteristics
VCC = 15V, TA = 25°C, and CL = 1000pF unless otherwise specified.
Symbol
Definition
Min
Typ Max Units
Test Conditions
VCCUV+
Vcc supply UVLO positive going threshold
5.0
V
VCCUV-
Vcc supply UVLO negative going threshold
4.15
VCC UVH Vcc supply UVLO hysteresis
0.3
VCLAMP
Vcc Zener clamp voltage
21.4
ICC=5mA
VIL
Logic “0” input voltage (OUT = LO)
0.6
VIH
Logic “1” input voltage (OUT = HI)
2.7
VEN+
EN input rising threshold
2.5
VEN-
EN input falling threshold
0.8
VOH
High level output voltage, VBIAS -VO
2.0
IO = 0.1mA
VOL
Low level output voltage, VO
0.12
IO = 20mA
IIN+
Logic “1” input bias current
5
15
µA
VIN = 5V
IIN-
Logic “0” input bias current
-30
-10
VIN = 0V
IQCC
Quiescent VCC supply current
400
VIN = 0V or 5V
IO+
Output high short circuit pulsed current
1.7
A
VO = 0V, VIN = 5V
IO-
Output low short circuit pulsed current
1.5
VO = 15V, VIN = 0V
Symbol
Definition
Min
Typ
Max Units
Test Conditions
ton
Turn-on propagation delay
50
ns
Figure 2
toff
Turn-off propagation delay
50
tr
Turn-on rise time
10
tf
Turn-off fall time
10


Similar Part No. - IR44272LPBF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IR44272LPBF INFINEON-IR44272LPBF Datasheet
734Kb / 14P
   SOT-23 Gate Driver IC
June 30, 2015
More results

Similar Description - IR44272LPBF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IR44272LPBF INFINEON-IR44272LPBF Datasheet
734Kb / 14P
   SOT-23 Gate Driver IC
June 30, 2015
IRS10752LPBF INFINEON-IRS10752LPBF Datasheet
374Kb / 13P
   SOT-23 High-Side Gate Driver IC
January 4, 2017
IRS25752LPBF INFINEON-IRS25752LPBF Datasheet
374Kb / 13P
   SOT-23 High-Side Gate Driver IC
January 4, 2017
logo
International Rectifier
IRS20752LPBF IRF-IRS20752LPBF_15 Datasheet
694Kb / 12P
   SOT-23 High-Side Gate Driver IC
IRS10752LPBF IRF-IRS10752LPBF_15 Datasheet
694Kb / 12P
   SOT-23 High-Side Gate Driver IC
logo
Infineon Technologies A...
IRS20752LPBF INFINEON-IRS20752LPBF Datasheet
378Kb / 13P
   SOT-23 High-Side Gate Driver IC
January 4, 2017
logo
International Rectifier
IRS25752LPBF IRF-IRS25752LPBF_15 Datasheet
691Kb / 12P
   SOT-23 High-Side Gate Driver IC
logo
Infineon Technologies A...
IR44273LPBF INFINEON-IR44273LPBF Datasheet
514Kb / 14P
   SOT-23 Single Low-Side Gate Driver IC
January 14, 2019
IR44252LPBF INFINEON-IR44252LPBF Datasheet
1Mb / 14P
   SOT-23 Single Low-Side Driver IC
June 30, 2015
logo
International Rectifier
IR44252LPBF IRF-IR44252LPBF Datasheet
728Kb / 14P
   SOT-23 Single Low-Side Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com