Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MFA350 Datasheet(PDF) 6 Page - XP Power Limited

Part # MFA350
Description  Screw Terminals Available
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

MFA350 Datasheet(HTML) 6 Page - XP Power Limited

Back Button MFA350 Datasheet HTML 2Page - XP Power Limited MFA350 Datasheet HTML 3Page - XP Power Limited MFA350 Datasheet HTML 4Page - XP Power Limited MFA350 Datasheet HTML 5Page - XP Power Limited MFA350 Datasheet HTML 6Page - XP Power Limited MFA350 Datasheet HTML 7Page - XP Power Limited MFA350 Datasheet HTML 8Page - XP Power Limited MFA350 Datasheet HTML 9Page - XP Power Limited MFA350 Datasheet HTML 10Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
xppower.com
Xxxxxxxxxx
6
General Specifications
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Efficiency
86
%
Full load (see fig. 8 & 9)
Isolation: Input to Output
Input to Ground
Output to Ground
3000
VAC
1500
VAC
100
VDC
Switching Frequency: PFC
Main Converter
62
kHz
157
kHz
Power Density
11.1
W/in
3
Mean Time Between Failure
460
kHrs
MIL-HDBK-217F, Notice 2
+25 °C GB
Weight
1.35 (612)
lb (g)
Characteristic
Notes & Conditions
Signals
AC OK/Powerfail
Open collector referenced to output 0V, transistor normally off when AC is good (see fig. 10, 16, 17 & 18)
AC OK: Provides
≥ 5 ms warning of loss of output from AC failure
DC OK
Open collector referenced to 0 V, transistor normally off when DC is good (see fig. 11, 19 & 20).
Provides warning of DC output failure
Remote On/Off (Inhibit/Enable)
Remotely switches outputs off, can also be configured as enable (see fig.12)
Current Share
Up to 3 supplies can be connected in parallel. Output current is shared within 10% at full load. Derate overall
output current to 90% when used in parallel (see fig.13, 14 & 15)
Remote Sense
Compensates for 0.5 V total voltage drop
Efficiency Versus Load
72%
74%
76%
78%
80%
82%
84%
86%
88%
0%
20%
40%
60%
80%
100%
120%
Load %
Figure 8
MFA350PS12 @ 230 VAC
66%
68%
70%
72%
74%
76%
78%
80%
82%
84%
86%
88%
90%
0%
20%
40%
60%
80%
100%
120%
Load %
Figure 9
MFA350PS48 @ 230 VAC


Similar Part No. - MFA350

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
MFA350PS12 XPPOWER-MFA350PS12 Datasheet
245Kb / 4P
   AC-DC Power Supplies
MFA350PS12-H XPPOWER-MFA350PS12-H Datasheet
245Kb / 4P
   AC-DC Power Supplies
MFA350PS24 XPPOWER-MFA350PS24 Datasheet
245Kb / 4P
   AC-DC Power Supplies
MFA350PS24-H XPPOWER-MFA350PS24-H Datasheet
245Kb / 4P
   AC-DC Power Supplies
MFA350PS48 XPPOWER-MFA350PS48 Datasheet
245Kb / 4P
   AC-DC Power Supplies
More results

Similar Description - MFA350

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
MFA420 XPPOWER-MFA420 Datasheet
6Mb / 14P
   Screw Terminals Available
logo
United Chemi-Con, Inc.
E32D6R3HPN393MA41M CHEMI-CON-E32D6R3HPN393MA41M Datasheet
145Kb / 12P
   Screw Terminals
E36L351HPN222MCA5M CHEMI-CON-E36L351HPN222MCA5M Datasheet
126Kb / 9P
   Screw Terminals
logo
List of Unclassifed Man...
1259 ETC2-1259 Datasheet
584Kb / 2P
   SCREW TERMINALS
logo
United Chemi-Con, Inc.
E32F351HPN222MCA5M CHEMI-CON-E32F351HPN222MCA5M Datasheet
128Kb / 9P
   Screw Terminals
E36D6R3HPN393MA41M CHEMI-CON-E36D6R3HPN393MA41M Datasheet
151Kb / 13P
   Screw Terminals
E36F351HPN222MCA5M CHEMI-CON-E36F351HPN222MCA5M Datasheet
123Kb / 9P
   Screw Terminals
ETOR351CTN182ME54M CHEMI-CON-ETOR351CTN182ME54M Datasheet
148Kb / 7P
   Screw Terminals
logo
List of Unclassifed Man...
7790 ETC2-7790 Datasheet
113Kb / 2P
   SCREW TERMINALS
7775-3 ETC2-7775-3 Datasheet
150Kb / 2P
   PC SCREW TERMINALS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com