Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JTB0524S05 Datasheet(PDF) 2 Page - XP Power Limited

Part # JTB0524S05
Description  DIP24 Metal Package
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JTB0524S05 Datasheet(HTML) 2 Page - XP Power Limited

  JTB0524S05 Datasheet HTML 1Page - XP Power Limited JTB0524S05 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
9-36 VDC
3.3 VDC
1000 mA
15.0 mA
191 mA
72%
JTB0524S3V3
5.0 VDC
1000 mA
15.0 mA
267 mA
78%
JTB0524S05
12.0 VDC
470 mA
15.0 mA
294 mA
80%
JTB0524S12
15.0 VDC
400 mA
15.0 mA
313 mA
80%
JTB0524S15
±5.0 VDC
±500 mA
25.0 mA
267 mA
78%
JTB0524D05
±12.0 VDC
±230 mA
25.0 mA
288 mA
80%
JTB0524D12
±15.0 VDC
±190 mA
25.0 mA
297 mA
80%
JTB0524D15
18-72 VDC
3.3 VDC
1000 mA
7.5 mA
100 mA
70%
JTB0548S3V3
5.0 VDC
1000 mA
7.5 mA
134 mA
78%
JTB0548S05
12.0 VDC
470 mA
7.5 mA
149 mA
79%
JTB0548S12
15.0 VDC
400 mA
12.0 mA
157 mA
80%
JTB0548S15
±5.0 VDC
±500 mA
12.0 mA
135 mA
77%
JTB0548D05
±12.0 VDC
±230 mA
12.0 mA
146 mA
79%
JTB0548D12
±15.0 VDC
±190 mA
12.0 mA
149 mA
80%
JTB0548D15
06-May-09
JTB03/05 Series
Mechanical Details and Application Note
Notes
1. Nominal input voltage 24 or 48 VDC.
2. For optional 1500 VDC isolation add suffix ‘ -H’ to model number (JTB03 models only).
3. Input current is at nominal input voltage.
4. Surface mount versions with plastic case available in OEM quantities. Consult sales
0.02
(0.5)
0.08 (2.0)
0.10
(2.5)
1.25
(31.8)
0.5
(10.2)
Max
0.15
(3.8)
24
23
22
1
2
3
9
10
11
12
16
15
14
13
0.60 (15.2)
0.80 (20.3)
BOTTOM
VIEW
220 µF
47 µF
24 Vin:
48 Vin:
JTB05
47 µF
47 µF
JTB03
C
+Vin
-Vin
+
-
JTB03 Pin Connections
Pin
Single Output
Dual Output
1
+V input
+V input
2
N/C
-V output
3
N/C
Common
9
No pin
No pin
10
-V output
Common
11
+V output
+V output
12
-V input
-V input
13
-V input
-V input
14
+V output
+V output
15
-V output
Common
16
No pin
No pin
22
N/C
Common
23
N/C
-V output
24
+V input
+V input
JTB03-H & JTB05 Pin Connections
Pin
Single Output
Dual Output
1
No pin
No pin
2
-V input
-V input
3
-V input
-V input
9
N/C
Common
10
N/C
N/C
11
N/C
-V output
12
No pin
No pin
13
No pin
No pin
14
+V output
+V output
15
N/C
N/C
16
-V output
Common
22
+V input
+V input
23
+V input
+V input
24
No pin
No pin
All dimensions are in inches (mm)
Weight: 0.04 lbs (20 g) approx.
Pin diameter tolerance: ±0.00079 (±0.02)
Pin pitch tolerance: ±0.01 (±0.25)
Case tolerance: ±0.02 (±0.5)
Input Filter
Models and Ratings
Input Voltage(1)
Output Voltage
Output Current
Input Current(3)
Efficiency
Model Number(2,4)
No Load
Full Load
9-36 VDC
3.3 VDC
600 mA
15.0 mA
117 mA
70%
JTB0324S3V3
5.0 VDC
600 mA
15.0 mA
174 mA
72%
JTB0324S05
12.0 VDC
250 mA
15.0 mA
165 mA
76%
JTB0324S12
15.0 VDC
200 mA
15.0 mA
165 mA
76%
JTB0324S15
±5.0 VDC
±300 mA
25.0 mA
179 mA
70%
JTB0324D05
±12.0 VDC
±125 mA
25.0 mA
174 mA
72%
JTB0324D12
±15.0 VDC
±100 mA
25.0 mA
174 mA
72%
JTB0324D15
18-72 VDC
3.3 VDC
600 mA
7.5 mA
58 mA
70%
JTB0348S3V3
5.0 VDC
600 mA
7.5 mA
87 mA
72%
JTB0348S05
12.0 VDC
250 mA
7.5 mA
81 mA
77%
JTB0348S12
15.0 VDC
200 mA
7.5 mA
81 mA
77%
JTB0348S15
±5.0 VDC
±300 mA
12.0 mA
88 mA
71%
JTB0348D05
±12.0 VDC
±125 mA
12.0 mA
87 mA
72%
JTB0348D12
±15.0 VDC
±100 mA
12.0 mA
87 mA
70%
JTB0348D15


Similar Part No. - JTB0524S05

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JTB0524S05 XPPOWER-JTB0524S05 Datasheet
85Kb / 2P
   DC-DC Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com