Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB18T512400AF Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # HYB18T512400AF
Description  DDR2 Registered Memory Modules
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYB18T512400AF Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button HYB18T512400AF Datasheet HTML 5Page - Infineon Technologies AG HYB18T512400AF Datasheet HTML 6Page - Infineon Technologies AG HYB18T512400AF Datasheet HTML 7Page - Infineon Technologies AG HYB18T512400AF Datasheet HTML 8Page - Infineon Technologies AG HYB18T512400AF Datasheet HTML 9Page - Infineon Technologies AG HYB18T512400AF Datasheet HTML 10Page - Infineon Technologies AG HYB18T512400AF Datasheet HTML 11Page - Infineon Technologies AG HYB18T512400AF Datasheet HTML 12Page - Infineon Technologies AG HYB18T512400AF Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
HYS72T[256/128/64][0/2][0/2]0[G/H]R-[5/3.7]-A
Registered DDR2 SDRAM Modules
Data Sheet
9
Rev. 0.85, 2004-04
Preliminary
Block Diagrams (cont’d)
2.2 128M x 72 (1GByte) two rank DDR2 SDRAM DIMM Modules (x8 components)
HYS72T128020[G/H] on Raw Card B
CKE0
RCK E0 -> CKE :SDRAMs D0-D8
DQ36
DQ37
DQ38
DQ39
DQ32
DQ33
DQ34
DQ35
D4
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DM4/DQS13
DQS4
DQS4
DQ44
DQ45
DQ46
DQ47
DQ40
DQ41
DQ42
DQ43
D5
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DM5/DQS14
DQS5
DQS5
DQ52
DQ53
DQ54
DQ55
DQ48
DQ49
DQ50
DQ51
D6
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DM6/DQS15
DQS6
DQS6
DQ60
DQ61
DQ62
DQ63
DQ56
DQ57
DQ58
DQ59
D7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DM7/DQS16
DQS7
DQS7
DQS16
CS DQS
DQS
DM/
RDQS
NU/
RDQS
CS DQS
DQS
DM/
RDQS
NU/
RDQS
CS DQS
DQS
DM/
RDQS
NU/
RDQS
CS DQS
DQS
DM/
RDQS
NU/
RDQS
DM1/DQS10
DQS1
DQS1
CB4
CB5
CB6
CB7
CB0
CB1
CB2
CB3
DQ20
DQ21
DQ22
DQ23
DQ16
DQ17
DQ18
DQ19
DQ12
DQ13
DQ14
DQ15
DQ8
DQ9
DQ10
DQ11
DQ28
DQ29
DQ30
DQ31
DQ24
DQ25
DQ26
DQ27
D1
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D2
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D3
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D8
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
RS0
DM2/DQS11
DQS2
DQS0
DM3/DQS12
DQS3
DQS3
DM0/DQS17
DQS8
DQS8
DQS17
DQ4
DQ5
DQ6
DQ7
DQ0
DQ1
DQ2
DQ3
DM0/DQS9
DQS0
DQS0
CS DQS
DQS
DM/
RDQS
NU/
RDQS
CS DQS
DQS
DM/
RDQS
NU/
RDQS
CS DQS
DQS
DM/
RDQS
NU/
RDQS
CS DQS
DQS
DM/
RDQS
NU/
RDQS
D0
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
CS DQS
DQS
DM/
RDQS
NU/
RDQS
D9
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
CS DQS
DQS
DM/
RDQS
NU/
RDQS
D10
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
CS DQS
DQS
DM/
RDQS
NU/
RDQS
D11
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
CS DQS
DQS
DM/
RDQS
NU/
RDQS
D12
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
CS DQS
DQS
DM/
RDQS
NU/
RDQS
D17
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
CS DQS
DQS
DM/
RDQS
NU/
RDQS
D13
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
CS DQS
DQS
DM/
RDQS
NU/
RDQS
D14
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
CS DQS
DQS
DM/
RDQS
NU/
RDQS
D15
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
CS DQS
DQS
DM/
RDQS
NU/
RDQS
D16
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
CS DQS
DQS
DM/
RDQS
NU/
RDQS
RS1
DQ-to-I/O wiring may be changed within a byte
DQ/DQS/DQS, adress and control resistors are 22 Ohms
BA 0-BA1
A0 -A13
RAS
CS1 *
CAS
WE
1:2
A0
Serial PD
A1
A2
SA0 SA1 SA2
SCL
SDA
WP
VDD,
V SS
D0 - D17
VDDQ
VREF
VDDSPD
Serial PD
D0 - D17
D0 - D17
R
E
G
I
S
T
E
R
RB A0 -RBA1-> B A0-BA1 : SDRAMs D0-D17
RA0 -RA 13-> A0 -A 13: SDR A Ms
RR A S -> RAS : SD RAMs
RS1 -> C S : SDRAMs D9-D17
RC AS -> C A S: SD RAMs
RW E -> WE : SD RAMs
CS0 *
RS0 -> C S : SDRAMs D0-D8
D0-D17
D0-D17
D0-D17
D0-D17
PCK7
RST
RESET
PCK 7
ODT0
RODT0 -> ODT : SDRAMs D0-D8
CKE1
RCK E1 -> CKE :SDRAMs D9-D17
ODT1
RODT1 -> ODT :SDRAMs D9-D17
*) CS0 connects to CRS, CS1 connects to CSR on a Register. CS1 connects to DCS and CS0 connects to CSR on another Register.
RESET, PCK7 and PCK7 connect to bother Registers. Other signals connect to one of two Registers.
CK 0
CK 0
P
L
L
PCK0-PCK6,
PCK8,PCK9
CK : SDRAMs D0-D17
RESET
OE
PCK7 -> CK
:
Register
PCK7 > CK : Register
PCK0-PCK6,
PCK8,PCK9
CK : SDRAMs D0-D17
DQS9
DQS10
DQS11
DQS12
DQS15
DQS14
DQS13


Similar Part No. - HYB18T512400AF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB18T512400AF INFINEON-HYB18T512400AF Datasheet
2Mb / 117P
   512-Mbit DDR2 SDRAM
Rev. 1.3, Jan. 2005
logo
Qimonda AG
HYB18T512400AF QIMONDA-HYB18T512400AF Datasheet
2Mb / 58P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB18T512400AF QIMONDA-HYB18T512400AF Datasheet
2Mb / 42P
   240-Pin Fully-Buffered DDR2 SDRAM Modules
HYB18T512400AF QIMONDA-HYB18T512400AF Datasheet
3Mb / 49P
   240-Pin Registered DDR2 SDRAM Modules
HYB18T512400AF QIMONDA-HYB18T512400AF Datasheet
4Mb / 74P
   240-Pin Registered DDR2 SDRAM Modules
More results

Similar Description - HYB18T512400AF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS72T64000GR-5-A INFINEON-HYS72T64000GR-5-A Datasheet
631Kb / 33P
   DDR2 Registered Memory Modules
Rev. 0.85, Apr. 2004
HYS72T32000GR INFINEON-HYS72T32000GR Datasheet
725Kb / 24P
   DDR2 Registered DIMM Modules
V0.22,Feb. 2004
logo
Qimonda AG
HYS72T32000HP QIMONDA-HYS72T32000HP Datasheet
1Mb / 53P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T256023 QIMONDA-HYS72T256023 Datasheet
2Mb / 41P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HP QIMONDA-HYS72T64000HP Datasheet
3Mb / 49P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HP-25F QIMONDA-HYS72T64000HP-25F Datasheet
3Mb / 65P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T512020HR QIMONDA-HYS72T512020HR Datasheet
928Kb / 37P
   240-Pin Registered-DDR2-SDRAM Modules
HYS72T256000ER QIMONDA-HYS72T256000ER Datasheet
1Mb / 33P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HR-3S-B QIMONDA-HYS72T64000HR-3S-B Datasheet
2Mb / 52P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64301HP QIMONDA-HYS72T64301HP Datasheet
2Mb / 42P
   240-Pin Registered DDR2 SDRAM Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com