Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR4321MTRPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IR4321MTRPBF
Description  High peak music power output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR4321MTRPBF Datasheet(HTML) 5 Page - International Rectifier

  IR4321MTRPBF Datasheet HTML 1Page - International Rectifier IR4321MTRPBF Datasheet HTML 2Page - International Rectifier IR4321MTRPBF Datasheet HTML 3Page - International Rectifier IR4321MTRPBF Datasheet HTML 4Page - International Rectifier IR4321MTRPBF Datasheet HTML 5Page - International Rectifier IR4321MTRPBF Datasheet HTML 6Page - International Rectifier IR4321MTRPBF Datasheet HTML 7Page - International Rectifier IR4321MTRPBF Datasheet HTML 8Page - International Rectifier IR4321MTRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
IR43x1
5 www.irf.com
© 2013 International Rectifier
Absolute Maximum Ratings
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur. All voltage
parameters are absolute voltages referenced to COM=VN; all currents are defined positive into any lead. The
Thermal Resistance and Power Dissipation ratings are measured under board mounted and still air conditions.
Symbol
Definition
Min
Max
Units
VP
VP pin positive power supply rail voltage
IR4301
-
80
V
IR4321
-
60
IR4311
-
40
VB
High side floating supply voltage
IR4301
-0.3
95
IR4321
-0.3
75
IR4311
-0.3
55
VCSH
CSH pin input voltage
VS -0.3
VB +0.3
VS
High side floating supply voltage
††
VB -15
VB +0.3
VCC
Low side supply voltage
††
-0.3
15
VAA
Floating input positive supply voltage
††
IR4301
-0.3
100
IR4321
-0.3
70
IR4311
-0.3
50
VSS
Floating input negative supply voltage
††
-1
(See ISSZ)
GND +0.3
VIN+
Floating input supply ground voltage
VSS -0.3
VAA +0.3
IIN
Input current between IN- and IN+ pins
-
±3
mA
VCSD
CSD pin input voltage
VSS -0.3
VAA +0.3
V
VCOMP
COMP pin input voltage
VSS -0.3
VAA +0.3
IAAZ
Floating input supply zener clamp current
††
-
20
mA
ISSZ
Floating input negative supply zener clamp current
††
-
20
ICCZ
Low side supply zener clamp current
†††
-
20
IBSZ
Floating supply zener clamp current
†††
-
20
dVS/dt
Allowable Vs voltage slew rate
-
50
V/ns
dVSS/dt
Allowable Vss voltage slew rate
†††
-
50
V/ms
Id@ 25ºC
Continuous output current, from VP to VS, VS
to VN, VCC=10V, VB-VS=10V
IR4301
-
6.5
A
IR4321
-
7.0
IR4311
-
3.6
Id@ 100ºC
Continuous output current, from VP to VS, VS
to VN, VCC=10V, VB-VS=10V
IR4301
-
5.4
IR4321
-
5.8
IR4311
-
2.9
IDM
Pulsed output current, from VP to VS, VS to
VN, VCC=10V, VB-VS=10V
†††††
IR4301
-
26
IR4321
-
28
IR4311
-
15
Pd
Power dissipation
†††† @ TC = 25C
IR4301
-
31
W
IR4321
-
31
IR4311
-
9
April 22, 2013


Similar Part No. - IR4321MTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR4321MTRPBF IRF-IR4321MTRPBF Datasheet
1Mb / 15P
   Integrated analog input Class D audio amplifier in a small 5 x 6 mm PQFN package
More results

Similar Description - IR4321MTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR4301 IRF-IR4301_15 Datasheet
1Mb / 15P
   High peak music power output
logo
Unisonic Technologies
2N6116L-T92-B UTC-2N6116L-T92-B Datasheet
134Kb / 3P
   High peak output voltage
logo
Mean Well Enterprises C...
LRS-100N2 MEANWELL-LRS-100N2 Datasheet
198Kb / 5P
   100W Single Output High Peak Power Supply
2023-08-14
logo
MIC GROUP RECTIFIERS
MIC4421A MIC-MIC4421A_11 Datasheet
399Kb / 13P
   High peak-output current: 9A Peak (typ.)
logo
Ohmite Mfg. Co.
RES-OX-OY OHMITE-RES-OX-OY Datasheet
529Kb / 2P
   High peak power
logo
M.S. Kennedy Corporatio...
MSK2541 MSK-MSK2541_15 Datasheet
191Kb / 7P
   High Output Current - 10 Amps Peak
MSK0021FP MSK-MSK0021FP_15 Datasheet
185Kb / 8P
   High Output Current - 2 Amps Peak
MSK541 MSK-MSK541_15 Datasheet
246Kb / 8P
   High Output Current - 10 Amps Peak
logo
Advanced Monolithic Sys...
AMS1073 AMS-AMS1073 Datasheet
498Kb / 6P
   1.2A Peak Output Current
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-315J-500E AVAGO-HCPL-315J-500E Datasheet
242Kb / 21P
   0.6A maximum peak output current 0.5 A minimum peak output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com