Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IFC165PS24 Datasheet(PDF) 5 Page - XP Power Limited

Part # IFC165PS24
Description  165 Watt Force Cooled (12 CFM)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

IFC165PS24 Datasheet(HTML) 5 Page - XP Power Limited

  IFC165PS24 Datasheet HTML 1Page - XP Power Limited IFC165PS24 Datasheet HTML 2Page - XP Power Limited IFC165PS24 Datasheet HTML 3Page - XP Power Limited IFC165PS24 Datasheet HTML 4Page - XP Power Limited IFC165PS24 Datasheet HTML 5Page - XP Power Limited IFC165PS24 Datasheet HTML 6Page - XP Power Limited IFC165PS24 Datasheet HTML 7Page - XP Power Limited IFC165PS24 Datasheet HTML 8Page - XP Power Limited IFC165PS24 Datasheet HTML 9Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
xppower.com
5
Typical Power Up Characteristics
IFC165PS24 Start Up Time 115 VAC
IFC165PS24 Start Up Time 230 VAC
IFC165PS24 Rise Time 115 VAC
IFC165PS24 Rise Time 230 VAC


Similar Part No. - IFC165PS24

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
IFC165PS24 XPPOWER-IFC165PS24 Datasheet
205Kb / 2P
   AC-DC Power Supplies
More results

Similar Description - IFC165PS24

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECS100 XPPOWER-ECS100 Datasheet
1Mb / 10P
   80/100 W Convection & Force-cooled Ratings
RCL175 XPPOWER-RCL175 Datasheet
1Mb / 13P
   175 W with 12 CFM cooling
logo
Power-One
CY700SMS POWER-ONE-CY700SMS Datasheet
304Kb / 3P
   12 WATT
logo
Extech Instruments Corp...
AN100 EXTECH-AN100 Datasheet
239Kb / 9P
   CFM/CMM Thermo Anemometer
logo
TRACO Electronic AG
TEL12 TRACOPOWER-TEL12 Datasheet
942Kb / 4P
   TEL 12 Series, 12 Watt
Rev. November 30, 2022
logo
Extech Instruments Corp...
407113 EXTECH-407113 Datasheet
129Kb / 8P
   Heavy Duty CFM Thermo-Anemometer
logo
Power-One
IAS012YG POWER-ONE-IAS012YG Datasheet
144Kb / 3P
   IAS SERIES - 12 WATT
logo
SL Power Electronics
PW149RB SLPOWER-PW149RB Datasheet
342Kb / 2P
   Universal 12 Watt Series
logo
XP Power Limited
MCC400-600 XPPOWER-MCC400-600 Datasheet
347Kb / 2P
   Baseplatecooled
logo
SynQor Worldwide Headqu...
PQ60120HTA14 SYNQOR-PQ60120HTA14 Datasheet
816Kb / 14P
   165 Watt, No Heatsink, Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com