Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPD04N03LA Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IPD04N03LA
Description  OptiMOS 2 Power-Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD04N03LA Datasheet(HTML) 4 Page - Infineon Technologies AG

  IPD04N03LA Datasheet HTML 1Page - Infineon Technologies AG IPD04N03LA Datasheet HTML 2Page - Infineon Technologies AG IPD04N03LA Datasheet HTML 3Page - Infineon Technologies AG IPD04N03LA Datasheet HTML 4Page - Infineon Technologies AG IPD04N03LA Datasheet HTML 5Page - Infineon Technologies AG IPD04N03LA Datasheet HTML 6Page - Infineon Technologies AG IPD04N03LA Datasheet HTML 7Page - Infineon Technologies AG IPD04N03LA Datasheet HTML 8Page - Infineon Technologies AG IPD04N03LA Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IPD04N03LA
IPU04N03LA
1 Power dissipation
2 Drain current
P tot=f(T C)
I D=f(T C); V GS≥10 V
3 Safe operation area
4 Max. transient thermal impedance
I D=f(V DS); T C=25 °C; D =0
Z thJC=f(t p)
parameter: t p
parameter: D =t p/T
1 µs
10 µs
100 µs
1 ms
10 ms
DC
1
10
100
1000
0.1
1
10
100
V DS [V]
limited by on-state
resistance
single pulse
0.01
0.02
0.05
0.1
0.2
0.5
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
0.001
0.01
0.1
1
10
00
000
0
1
t p [s]
0
20
40
60
80
100
120
140
0
50
100
150
200
T C [°C]
0
10
20
30
40
50
60
0
50
100
150
200
T C [°C]
Rev. 1.5
page 4
2004-02-04


Similar Part No. - IPD04N03LA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD04N03LA INFINEON-IPD04N03LA Datasheet
434Kb / 11P
   OptiMOS 2 Power-Transistor
Rev. 1.8 2004-05-19
IPD04N03LA INFINEON-IPD04N03LA Datasheet
418Kb / 12P
   OptiMOS짰2 Power-Transistor
Rev. 1.97 2006-05-17
IPD04N03LAG INFINEON-IPD04N03LAG Datasheet
418Kb / 12P
   OptiMOS짰2 Power-Transistor
Rev. 1.97 2006-05-17
More results

Similar Description - IPD04N03LA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB05N03LA INFINEON-IPB05N03LA Datasheet
348Kb / 10P
   OptiMOS 2 Power-Transistor
2003-12-18
IPB14N03LA INFINEON-IPB14N03LA Datasheet
346Kb / 10P
   OptiMOS 2 Power-Transistor
2003-12-18
IPF06N03LA INFINEON-IPF06N03LA Datasheet
223Kb / 9P
   OptiMOS 2 Power-Transistor
2003-12-19
IPD03N03LB INFINEON-IPD03N03LB Datasheet
304Kb / 9P
   OptiMOS 2 Power-Transistor
Rev. 1.11 2004-12-16
IPSH4N03LA INFINEON-IPSH4N03LA Datasheet
305Kb / 9P
   OPTIMOS 2 POWER - TRANSISTOR
Rev. 0.92 2004-10-27
IPB09N03LA INFINEON-IPB09N03LA Datasheet
347Kb / 10P
   OptiMOS 2 Power-Transistor
2003-12-18
IPI03N03LA INFINEON-IPI03N03LA Datasheet
317Kb / 10P
   OptiMOS 2 Power-Transistor
Rev. 1.4 2004-02-05
IPI04N03LA INFINEON-IPI04N03LA Datasheet
348Kb / 10P
   OptiMOS 2 Power-Transistor
Rev. 1.3 2003-12-18
IPI05N03LA INFINEON-IPI05N03LA Datasheet
348Kb / 10P
   OptiMOS 2 Power-Transistor
2004-03-23
IPS09N03LA INFINEON-IPS09N03LA Datasheet
434Kb / 11P
   OptiMOS 2 Power-Transistor
2004-05-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com