Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1206C474K4RACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C1206C474K4RACTU
Description  Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 0.47 uF, /-10% Tol, 16 V, X7R, 1206 (3216 metric)Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 0.47 uF, /-10% Tol, 16 V, X7R, 1206 (3216 metric)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1206C474K4RACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C1206C474K4RACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 1/06/2016 - 95a47e45-7320-4245-b251-3139d92b293d
KEMET Part Number: C1206C474K4RACTU
(C1206C474K4RAC7800)
Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 0.47 uF, +/-10% Tol, 16 V, X7R, 1206 (3216 metric)
Dimensions (mm)
Symbol
Dimension
Tolerance
L
3.2
+/-0.2
W
1.6
+/-0.2
T
0.9
+/-0.10
B
0.5
+/-0.25
Packaging Specifications
Package Kind: T&R
Package Size: 7 in/180 mm
Package Type: Plastic Tape
Package Quantity: 4000
General Information
Supplier: KEMET
Application: Standard Chip
Chip Size: 1206 (3216 metric)
Temperature Coefficient: X7R
Part Type Description: SMD, MLCC, Temperature
Stable, Class II
Termination Type: Tin (Sn)
Marked: No
RoHS: Yes
Specifications
Capacitance: 0.47 uF
Voltage: 16 V
Tolerance: +/-10%
Temperature Range: -55/+125C
Dissipation Factor: 3.5%
Failure Rate: N/A
Aging Rate: 3% loss/decade hour
Insulation Resistance: 1.06 GOhm
Dielectric Strength: 40 V
Miscellaneous:
Note: Referee time for X7R
dielectric for this part number is
1000 hours
© 2006-2016 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C1206C474K4RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C474K1RAC KEMET-C1206C474K1RAC Datasheet
159Kb / 2P
   Surface Mount Ceramic Chip Capacitors - 100 Volt Series - X7R Dielectric
C1206C474K1RACAUTO KEMET-C1206C474K1RACAUTO Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Automotive Grade, 0.47 uF, /-10% Tol, 100 V, X7R, 1206 (3216 metric)
C1206C474K1RACTU KEMET-C1206C474K1RACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 0.47 uF, /-10% Tol, 100 V, X7R, 1206 (3216 metric)
C1206C474K1RECAUTO KEMET-C1206C474K1RECAUTO Datasheet
261Kb / 1P
   ESD SMD Auto X7R, Ceramic, 0.47 uF, 10%, 100 VDC, X7R, SMD, MLCC, Temperature Stable, Electro Static Discharge, Automotive Grade, 1206
C1206C474K3NACTU KEMET-C1206C474K3NACTU Datasheet
72Kb / 1P
   Ceramic, 150C-(CxxxxC), 0.47 uF, 10%, 25 V, 1206, X8L, SMD, MLCC, High Temperature, Temperature Stable
More results

Similar Description - C1206C474K4RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C474K1RACTU KEMET-C1206C474K1RACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 0.47 uF, /-10% Tol, 100 V, X7R, 1206 (3216 metric)
C1206C685K4RACTU KEMET-C1206C685K4RACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 6.8 uF, /-10% Tol, 16 V, X7R, 1206 (3216 metric)
C1206C104K4RACTU KEMET-C1206C104K4RACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 0.1 uF, /-10% Tol, 16 V, X7R, 1206 (3216 metric)
C1206T106K4RCLTU KEMET-C1206T106K4RCLTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, COTS, Temperature Stable, Class II, 10 uF, /-10% Tol, 16 V, X7R, 1206 (3216 metric)
C1206C106M3RACTU KEMET-C1206C106M3RACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 10 uF, /-20% Tol, 25 V, X7R, 1206 (3216 metric)
C1206C475K5RACTU KEMET-C1206C475K5RACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 4.7 uF, /-10% Tol, 50 V, X7R, 1206 (3216 metric)
C1206C564K5RACTU KEMET-C1206C564K5RACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 0.56 uF, /-10% Tol, 50 V, X7R, 1206 (3216 metric)
C1206C154K3RACTU KEMET-C1206C154K3RACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 0.15 uF, /-10% Tol, 25 V, X7R, 1206 (3216 metric)
C1206C333K1RACTU KEMET-C1206C333K1RACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 0.033 uF, /-10% Tol, 100 V, X7R, 1206 (3216 metric)
C1206C104K3RACTU KEMET-C1206C104K3RACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 0.1 uF, /-10% Tol, 25 V, X7R, 1206 (3216 metric)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com