Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUIRCS3040N Datasheet(PDF) 9 Page - International Rectifier

Part # AUIRCS3040N
Description  Integrated Power Stage Module
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRCS3040N Datasheet(HTML) 9 Page - International Rectifier

Back Button AUIRCS3040N Datasheet HTML 5Page - International Rectifier AUIRCS3040N Datasheet HTML 6Page - International Rectifier AUIRCS3040N Datasheet HTML 7Page - International Rectifier AUIRCS3040N Datasheet HTML 8Page - International Rectifier AUIRCS3040N Datasheet HTML 9Page - International Rectifier AUIRCS3040N Datasheet HTML 10Page - International Rectifier AUIRCS3040N Datasheet HTML 11Page - International Rectifier AUIRCS3040N Datasheet HTML 12Page - International Rectifier AUIRCS3040N Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
40V AU-ConvertIR
TM Module
AUIRCS3040N
www.irf.com
© 2015 International Rectifier
Submit Datasheet Feedback
June 17, 2015
9
Application Information
A- Typical Applications
1- Single Phase Buck Converter
Figure 5 shows a typical application diagram in which the AUIRCS3040N is used as power stage of a
buck converter from a VDCIN supply to a lower Vout power supply. The AU-ConvertIR allows a
dramatically reduced component count implementation of the power stage. The digital controller provides
the input signals for both high and low side MOSFETs taking care of the needed dead time; a bootstrap
network (i.e. DB, RB and CBs) realizes the power supply for the higher voltage well of the gate driver that
is responsible for the High side MOSFET driving.
The VSS and COM pins are the signal and power grounds respectively; those two points have to be
connected together in a single point of the pcb to improve the signal integrity and, as a consequence, the
module driving.
CBs
RB
DB
VDCIN
Digital
Controller
COM
Cbp
VCC
HIN
LIN
VSS
VB
VS
VDCIN
COM
AUIRCS3040N
Rin
Rin
Vcc
L
Vout
Figure 5
2- Multiphase Buck Converter
Figure 6 shows another typical application diagram in which AUIRCS3040N is used as power stage in a
multiphase buck converter. For better understanding the bootstrap connection of AU-ConvertIR 2, 3 and
4 are not shown. This solution allows a better and more reliable system integration dramatically reducing
the component count
It is possible to easily evaluate the power managed by each phase in a specific application considering
that each AU-ConvertIR stage is able to manage up to 30A in a controlled thermal environment.
For instance this power is equal about to 400W in a typical 14V battery application. As a consequence,
converter in Fig. 6 with 4 phases can ideally manage up to 1.8kW.


Similar Part No. - AUIRCS3040N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIR08152S IRF-AUIR08152S Datasheet
999Kb / 13P
   BUFFER GATE DRIVER INTEGRATED CIRCUIT
logo
Infineon Technologies A...
AUIR08152S INFINEON-AUIR08152S Datasheet
1Mb / 18P
   BUFFER GATE DRIVER INTEGRATED CIRCUIT
2015-11-09
AUIR08152STR INFINEON-AUIR08152STR Datasheet
1Mb / 18P
   BUFFER GATE DRIVER INTEGRATED CIRCUIT
2015-11-09
logo
International Rectifier
AUIR08152S IRF-AUIR08152S_15 Datasheet
999Kb / 13P
   BUFFER GATE DRIVER INTEGRATED CIRCUIT
AUIR0815S IRF-AUIR0815S Datasheet
488Kb / 19P
   BUFFER GATE DRIVER IC
More results

Similar Description - AUIRCS3040N

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6580 INTERSIL-ISL6580 Datasheet
1Mb / 31P
   Integrated Power Stage
logo
Fairchild Semiconductor
FDMF5820DC FAIRCHILD-FDMF5820DC Datasheet
1Mb / 25P
   Smart Power Stage Module with Integrated Temperature Monitor
logo
Vishay Siliconix
SIC762CD VISHAY-SIC762CD Datasheet
542Kb / 18P
   Integrated DrMOS Power Stage
Rev. A, 08-Feb-10
SIC769ACD VISHAY-SIC769ACD Datasheet
538Kb / 19P
   Integrated DrMOS Power Stage
Rev. B, 18-Jan-10
SIC769CD VISHAY-SIC769CD Datasheet
385Kb / 18P
   Integrated DrMOS Power Stage
Rev. F, 16-May-11
SIC779 VISHAY-SIC779_12 Datasheet
369Kb / 17P
   Integrated DrMOS Power Stage
Rev. B, 18-Apr-11
SIC780 VISHAY-SIC780 Datasheet
343Kb / 14P
   Integrated DrMOS Power Stage
Rev. B, 21-May-12
logo
Intersil Corporation
ISL6597 INTERSIL-ISL6597 Datasheet
102Kb / 2P
   ISL6597 Integrated Power Stage
logo
Vishay Siliconix
SIC770CD VISHAY-SIC770CD Datasheet
450Kb / 13P
   DrMOS Integrated Power Stage
Rev. A, 27-May-13
SIC780 VISHAY-SIC780_V01 Datasheet
319Kb / 14P
   Integrated DrMOS Power Stage
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com