Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYS72V32300GR-75-D Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # HYS72V32300GR-75-D
Description  PC133 Registered SDRAM-Modules
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYS72V32300GR-75-D Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button HYS72V32300GR-75-D Datasheet HTML 4Page - Infineon Technologies AG HYS72V32300GR-75-D Datasheet HTML 5Page - Infineon Technologies AG HYS72V32300GR-75-D Datasheet HTML 6Page - Infineon Technologies AG HYS72V32300GR-75-D Datasheet HTML 7Page - Infineon Technologies AG HYS72V32300GR-75-D Datasheet HTML 8Page - Infineon Technologies AG HYS72V32300GR-75-D Datasheet HTML 9Page - Infineon Technologies AG HYS72V32300GR-75-D Datasheet HTML 10Page - Infineon Technologies AG HYS72V32300GR-75-D Datasheet HTML 11Page - Infineon Technologies AG HYS72V32300GR-75-D Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
HYS 72Vxx3xxGR
PC133 Registered SDRAM-Modules
INFINEON Technologies
8
2002-07-18
Absolute Maximum Ratings
DC Characteristics
T
A =0 to 70 °C
1); V
SS =0 V; VDD =3.3 V ± 0.3 V
Capacitance
T
A =0 to 70 °C
1); V
DD =3.3 V ± 0.3 V, f =1MHz
Parameter
Symbol
Limit Values
Unit
min.
max.
Input / Output voltage relative to V
SS
V
IN, VOUT
–1.0
4.6
V
Power supply voltage on V
DD
V
DD
–1.0
4.6
V
Storage temperature range
T
STG
-55
+150
oC
Power dissipation (per SDRAM component)
P
D
–1
W
Data out current (short circuit)
I
OS
–50
mA
Permanent device damage may occur if “Absolute Maximum Ratings” are exceeded.
Functional operation should be restricted to recommended operation conditions.
Exposure to higher than recommended voltage for extended periods of time affect device reliability
Parameter
Symbol
Limit Values
Unit
min.
max.
Input High Voltage
V
IH
2.0
V
DD +0.3
V
Input Low Voltage
V
IL
–0.5
0.8
V
Output High Voltage (
I
OUT =– 4.0 mA)
V
OH
2.4
V
Output Low Voltage (
I
OUT =4.0 mA)
V
OL
–0.4
V
Input Leakage Current, any input
(0 V <
V
IN < 3.6 V, all other inputs = 0 V)
I
I(L)
–10
10
µA
Output Leakage Current
(DQ is disabled, 0 V < V
OUT < VDD)
I
O(L)
–10
10
µA
Parameter
Symbol
Limit Values
Unit
One Bank
Modules
Two Bank
Modules
Input Capacitance
(all inputs except CLK and CKE)
C
IN
10
20
pF
Input Capacitance (CLK)
C
CLK
30
30
pF
Input Capacitance (CKE)
C
CKE
17
30
pF
Input/Output Capacitance(DQ0 - DQ63, CB0 - CB7)
C
IO
10
17
pF
Input Capacitance (SCL, SA0 - 2)
C
SC
88
pF
Input/Output Capacitance (SDA)
C
SD
88
pF


Similar Part No. - HYS72V32300GR-75-D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS72V32300GU-7-D INFINEON-HYS72V32300GU-7-D Datasheet
266Kb / 16P
   3.3 V 32M x 64/72-Bit, 256MByte SDRAM Modules 168-pin Unbuffered DIMM Modules
2001.09
HYS72V32300GU-75-C2 INFINEON-HYS72V32300GU-75-C2 Datasheet
266Kb / 16P
   3.3 V 32M x 64/72-Bit, 256MByte SDRAM Modules 168-pin Unbuffered DIMM Modules
2001.09
HYS72V32300GU-75-D INFINEON-HYS72V32300GU-75-D Datasheet
266Kb / 16P
   3.3 V 32M x 64/72-Bit, 256MByte SDRAM Modules 168-pin Unbuffered DIMM Modules
2001.09
HYS72V32300GU-8-C2 INFINEON-HYS72V32300GU-8-C2 Datasheet
266Kb / 16P
   3.3 V 32M x 64/72-Bit, 256MByte SDRAM Modules 168-pin Unbuffered DIMM Modules
2001.09
More results

Similar Description - HYS72V32300GR-75-D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS72D32500GR INFINEON-HYS72D32500GR Datasheet
1Mb / 39P
   Registered DDR SDRAM-Modules
Rev. 1.03, Jan. 2004
HYS72D16000GR INFINEON-HYS72D16000GR Datasheet
676Kb / 28P
   Registered DDR SDRAM-Modules
Rev. 1.04, Jan. 2004
logo
List of Unclassifed Man...
KVR133X72RC3 ETC2-KVR133X72RC3 Datasheet
83Kb / 1P
   PC133 Registered SDRAM 168-Pin ECC DIMM Memory Module
logo
Qimonda AG
HYS72T32000HP QIMONDA-HYS72T32000HP Datasheet
1Mb / 53P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T256023 QIMONDA-HYS72T256023 Datasheet
2Mb / 41P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64301HP QIMONDA-HYS72T64301HP Datasheet
2Mb / 42P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HR-3S-B QIMONDA-HYS72T64000HR-3S-B Datasheet
2Mb / 52P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HP QIMONDA-HYS72T64000HP Datasheet
3Mb / 49P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HP-25F QIMONDA-HYS72T64000HP-25F Datasheet
3Mb / 65P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T512020HR QIMONDA-HYS72T512020HR Datasheet
928Kb / 37P
   240-Pin Registered-DDR2-SDRAM Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com