Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ITQ2412S Datasheet(PDF) 1 Page - XP Power Limited

Part # ITQ2412S
Description  DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ITQ2412S Datasheet(HTML) 1 Page - XP Power Limited

  ITQ2412S Datasheet HTML 1Page - XP Power Limited ITQ2412S Datasheet HTML 2Page - XP Power Limited ITQ2412S Datasheet HTML 3Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ITQ Series
DC-DC Converter
xxx Series
www.xppower.com
1
Models & Ratings
Notes
1. Input currents measured at nominal input voltage.
2. Maximum capacitive load is per output.
3. For optional 3000VDC isolation add suffix '-H' to model number.
• Single & Dual Outputs
• 4:1 Input Range
• Operating Temperature 40 °C to +100 °C
• 1500 VDC Isolation
• Optional 3000 VDC Version
• Fully Regulated Output
• No Minimum Load Required
• MTBF 2.8 MHrs
• 3 Year Warranty
Dimensions:
ITQ:
0.86 x 0.36 x 0.44” (21.9 x 9.2 x 11.1 mm)
6 Watts
Input Voltage
Output Voltage
Output Current
Input Current(1)
Maximum
Capacitive Load(2)
Efficiency
Model Number(3)
No Load
Full Load
9-36 V
3.3 V
1500 mA
6 mA
261 mA
4700 µF
79%
ITQ2403SA
5 V
1200 mA
6 mA
298 mA
2200 µF
84%
ITQ2405SA
9 V
666 mA
6 mA
290 mA
1000 µF
86%
ITQ2409SA
12 V
500 mA
6 mA
287 mA
470 µF
87%
ITQ2412SA
15 V
400 mA
6 mA
287 mA
220 µF
87%
ITQ2415SA
24 V
250 mA
6 mA
287 mA
100 µF
87%
ITQ2424SA
±5 V
±600 mA
6 mA
298 mA
±330 µF
84%
ITQ2405S
±12 V
±250 mA
6 mA
291 mA
±220 µF
86%
ITQ2412S
±15 V
±200 mA
6 mA
287 mA
±100 µF
87%
ITQ2415S
18-75 V
3.3 V
1500 mA
6 mA
131 mA
4700 µF
79%
ITQ4803SA
5 V
1200 mA
6 mA
151 mA
2200 µF
83%
ITQ4805SA
9 V
666 mA
6 mA
147 mA
1000 µF
85%
ITQ4809SA
12 V
500 mA
6 mA
144 mA
470 µF
87%
ITQ4812SA
15 V
400 mA
6 mA
144 mA
220 µF
87%
ITQ4815SA
24 V
250 mA
6 mA
144 mA
100 µF
87%
ITQ4824SA
±5 V
±600 mA
6 mA
152 mA
±330 µF
82%
ITQ4805S
±12 V
±250 mA
6 mA
147 mA
±220 µF
85%
ITQ4812S
±15 V
±200 mA
6 mA
145 mA
±100 µF
86%
ITQ4815S


Similar Description - ITQ2412S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com