Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ITB1215S Datasheet(PDF) 3 Page - XP Power Limited

Part # ITB1215S
Description  DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ITB1215S Datasheet(HTML) 3 Page - XP Power Limited

  ITB1215S Datasheet HTML 1Page - XP Power Limited ITB1215S Datasheet HTML 2Page - XP Power Limited ITB1215S Datasheet HTML 3Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Printed Face
0.24
(6.00)
0.39
(10.0)
0.12
(3.05)
0.76
(19.5)
0.60
(15.24)
0.10
(2.54)
0.37
(9.50)
0.02
(0.50)
0.02
(0.50)
0.02
(0.50)
0.01
(0.25)
0.05
(1.25)
0.24
(6.00)
ITB Series
www.xppower.com
DC-DC Converter
3
30-Mar-15
EMC: Immunity
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
ESD Immunity
EN61000-4-2
3A
Radiated Immunity
EN61000-4-3
10 Vrms
A
EFT/Burst
EN61000-4-4
3A
External input capacitor required 330 µF/100 V
Surges
EN61000-4-5
1A
External input capacitor required 330 µF/100 V
Conducted Immunity
EN61000-4-6
3 V rms
A
Magnetic Fields
EN61000-4-8
1 A/m
A
EMC: Emissions
Phenomenon
Standard
Test Level
Notes & Conditions
Conducted
EN55022
Class B
See Application Note
Radiated
EN55022
Class B
1. All dimensions are in inches (mm)
2. Weight: 0.0053lbs (2.4 g) approx.
3. Pin diameter: 0.02±0.002 (0.5±0.05)
4. Pin pitch tolerance: ±0.014 (±0.35)
5. Case tolerance: ±0.02 (±0.5)
Notes
Pin Connections
Pin
Single
1
+Vin
2
-Vin
4
-Vout
5
No Pin
6
+Vout
7
No Pin
Mechanical Details
EMI Filter
Application Note
ITB
+ Vout
-Vout
+ Vin
-Vin
4.7 µF/50 V
1206 Chip Capacitor, placed as close as possible to the input pins
Load
6.8 µH


Similar Part No. - ITB1215S

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
ITB-5070 MITSUMI-ITB-5070 Datasheet
96Kb / 2P
   Simple service box
ITB-5076 MITSUMI-ITB-5076 Datasheet
98Kb / 2P
   Simple service box
logo
Glenair, Inc.
ITB06T-18F2 GLENAIR-ITB06T-18F2 Datasheet
173Kb / 1P
   Plug Connector Cap
ITB06T-18F6 GLENAIR-ITB06T-18F6 Datasheet
173Kb / 1P
   Plug Connector Cap
ITB06T-18F8 GLENAIR-ITB06T-18F8 Datasheet
173Kb / 1P
   Plug Connector Cap
More results

Similar Description - ITB1215S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com