Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GFR1K5PS48 Datasheet(PDF) 1 Page - XP Power Limited

Part # GFR1K5PS48
Description  1U BlindMate, Hotswap, Redundant
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

GFR1K5PS48 Datasheet(HTML) 1 Page - XP Power Limited

  GFR1K5PS48 Datasheet HTML 1Page - XP Power Limited GFR1K5PS48 Datasheet HTML 2Page - XP Power Limited GFR1K5PS48 Datasheet HTML 3Page - XP Power Limited GFR1K5PS48 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1500 Watts
1U BlindMate, Hotswap, Redundant
All Models Share Same Compact Size
56 V Power Over Ethernet Compatible Model
Up to 6 kW in 1U (Rack Available)
AC OK, DC OK, Inhibit, Enable, 5 V Standby
Current Share & I
2C Interface
3 Year Warranty
GFR Series
Input
Input Voltage
• 85-264 VAC, see derating curve
Input Frequency
• 47-63 Hz
Input Current
• 13 A/6.5 A typical at 115/230 VAC
Inrush Current
• 35 A maximum at 264 VAC
Power Factor
• >0.9
Earth Leakage Current
• 1.5 mA max 264 VAC 60Hz
Input Protection
• Internal T20 A/250 V fuse in line and
neutral
Output
Output Voltage
• See model table
Output Voltage Trim
• Via potentiometer, see model table
Initial Set Accuracy
• ±1% of nominal with 50% load
Minimum Load
• No minimum load required
Line Regulation
• ±0.5% maximum
Load Regulation
• V1: ±0.5%, V2: ±5%
Start Up Delay
• 1 s typical
Over/Undershoot
• 0.5% typical
Transient Response
• 4% deviation, recovery to within 2% in
500 µs for 50-75-50% load change
Ripple & Noise
• 24-56 V models: 1% max pk-pk
12 V models: 2% max pk-pk
V Standby: 3% max pk-pk,
20 MHz bandwidth
Overvoltage Protection
• 115-140% of V1 nominal, recycle input
AC to reset
Overtemperature
• Protects the unit against overtemperature.
Protection
Auto restart
Overcurrent Protection
• 110 - 140% V1, V Standby power limited
Short Circuit Protection
• Continuous, trip and restart (hiccup mode)
Temperature
• 0.02%/°C (after 20 minute warm up)
Coefficient
Remote Sense
• Compensates for 0.5V total drop
Current Share
• Share up to 8 units maximum, units
share current within 10% of each other
at full load.
General
Efficiency
• 90% typical
Isolation
• 3000 VAC Input to Output,
4000 VAC Input to Output (48-56 V)
1500 VAC Input to Ground,
500 VDC Output to Ground
1500 VAC Output to Ground (48-56 V)
Switching Frequency
• 70 kHz PFC typical,
130 kHz main converter typical
Power Density
• 18 W/in3
Signals
• AC OK, DC OK, Inhibit, Enable, I2C (see
Signals page 3 & 4)
MTBF
• 470 KHrs to TELECORDIA SR-332,
25 °C, GB
Environmental
Operating Temperature
• -20 °C to +70 °C, derate linearly from
+50 °C at 2.5 %/°C to 50% load at +70 °C
Cooling
• Internal load dependant variable speed fans
Operating Humidity
• 95% RH, non-condensing
Storage Temperature
• -40 °C to +85 °C
Operating Altitude
• 3000 m
Shock
• ±3 shocks in each axis (total 18 shocks)
30 g 11 ms (half sine). Compliant with
EN60068-2-27.
Vibration
• 2 g 10-500 Hz 10 sweeps. Compliant with
EN60068-2-6.
EMC & Safety
Emissions
• EN55022 class A conducted & radiated(1)
Immunity
• Compliant with EN61204-3:2000
high severity levels
Harmonic Currents
• EN61000-3-2 class A
EN61000-3-2 class C for loads >20%
Voltage Flicker
• EN61000-3-3
ESD Immunity
• EN61000-4-2, level 3, Perf Criteria A
Radiated Immunity
• EN61000-4-3, level 3 Perf Criteria A
EFT/Burst
• EN61000-4-4, installation class 3,
Perf Criteria A
Surge
• EN61000-4-5, level 3 Perf Criteria A
Conducted Immunity
• EN61000-4-6, level 3, Perf Criteria A
Dips & Interruptions
• EN61000-4-11, 30% 10 ms, 60% 100 ms,
100% 5000 ms, Perf Criteria A, B, B.
Semi F47 Compliant.
Safety Approvals
• IEC60950-1: CB Report, CSA-C22.2 No.
60950-1-05, UL60950-1, TUV EN60950-1.
Notes
1. Contact sales for class B conducted emissions performance.
xppower.com
Specification


Similar Part No. - GFR1K5PS48

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
GFR1K5PS48 XPPOWER-GFR1K5PS48 Datasheet
3Mb / 29P
   1U Blind-Mate Hotswap Redundant
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com