Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GCS265PS28 Datasheet(PDF) 2 Page - XP Power Limited

Part # GCS265PS28
Description  AC-DC Power Supplies
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

GCS265PS28 Datasheet(HTML) 2 Page - XP Power Limited

  GCS265PS28 Datasheet HTML 1Page - XP Power Limited GCS265PS28 Datasheet HTML 2Page - XP Power Limited GCS265PS28 Datasheet HTML 3Page - XP Power Limited GCS265PS28 Datasheet HTML 4Page - XP Power Limited GCS265PS28 Datasheet HTML 5Page - XP Power Limited GCS265PS28 Datasheet HTML 6Page - XP Power Limited GCS265PS28 Datasheet HTML 7Page - XP Power Limited GCS265PS28 Datasheet HTML 8Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
60
120
140
160
180
200
220
240
260
270
80
Input Voltage (VAC)
GCS265 PSxx convection-cooled
100
85 90
264
220
230
240
250
260
270
100
110
120
GCS265PSxx forced-cooled
Input
Output
GCS265 Series
www.xppower.com
2
AC-DC Power Supplies
Input Voltage Derating Curve
Figure 1
Output Overload Characteristic
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage - Operating
85
115/230
264
VAC
Derate output power <90 VAC. See fig 1.
Input Frequency
47
50/60
63
Hz
Power Factor
>0.9
230 VAC, 100% load
Input Current - Full Load
2.6/1.3
A
115/230 VAC
Inrush Current
80
A
230 VAC cold start 25 °C
No Load Input Power
5.6
W
115V AC
4.2
230V AC
Earth Leakage Current
TBA
µA
115/230 VAC/50 Hz Typ., 264 VAC/60 Hz Max.
Input Protection
F5.0 A/250 V internal fuse in both lines.
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Output Voltage - V1
12
48
VDC
See Models and Ratings table
Initial Set Accuracy
±1 (V1) & ±5(Vfan)
%
50% load, 115/230 VAC
Output Voltage Adjustment -V1
±2
%
Via potentiometer. See mech. details, Vfan will track
Minimum Load
0A
Start Up Delay
0.5
s
115/230 VAC full load
Hold Up Time
TBA
ms
Drift
±0.2
%
After 20 min warm up
Line Regulation
±0.5
%
90-264 VAC
Load Regulation
±0.5 (V1) , ±5(Vfan)
%
0-100% load
Transient Response - V1
4%
Recovery within 1% in less than 500 µs
for a 50-75% and 75-50% load step
Over/Undershoot - V1
0%
Ripple & Noise - V1
1
% pk-pk
20 MHz bandwidth, 12V Models 1.5% max
Overvoltage Protection - V1
110
140
%
Vnom DC. Output 1, recycle input to reset
Overload Protection - V1
110
150
% I nom
See fig. 2. Trip and Restart
Short Circuit Protection - V1
Continuous
Temperature Coefficient
0.05
%/˚C
Overtemperature Protection
°C
Not fitted
Trip & Restart
0
12
10
8
6
4
2
Output Load (A)
0
24
68
10
12
14
16
18
20
22
24
Figure 2: GCS265PS12 example (others similar).


Similar Part No. - GCS265PS28

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
GCS250PS12 XPPOWER-GCS250PS12 Datasheet
2Mb / 14P
   AC-DC Power Supplies 150/180/250/350 Watts
GCS250PS15 XPPOWER-GCS250PS15 Datasheet
2Mb / 14P
   AC-DC Power Supplies 150/180/250/350 Watts
GCS250PS24 XPPOWER-GCS250PS24 Datasheet
2Mb / 14P
   AC-DC Power Supplies 150/180/250/350 Watts
GCS250PS28 XPPOWER-GCS250PS28 Datasheet
2Mb / 14P
   AC-DC Power Supplies 150/180/250/350 Watts
GCS250PS48 XPPOWER-GCS250PS48 Datasheet
2Mb / 14P
   AC-DC Power Supplies 150/180/250/350 Watts
More results

Similar Description - GCS265PS28

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com