Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EML30US36 Datasheet(PDF) 4 Page - XP Power Limited

Part # EML30US36
Description  AC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

EML30US36 Datasheet(HTML) 4 Page - XP Power Limited

  EML30US36 Datasheet HTML 1Page - XP Power Limited EML30US36 Datasheet HTML 2Page - XP Power Limited EML30US36 Datasheet HTML 3Page - XP Power Limited EML30US36 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
EML30 Series
www.xppower.com
24 Nov 14
AC-DC Power Supplies
Open Frame
PCB Mount ( P)
Encapsulated ( E)
Open Frame
Chassis Mount ( T)
Screw Terminal ( S)
Mechanical Details
1. Dimensions in inches (mm).
2. Weight: P Version: 0.13 lbs (60 g)
T Version: 0.13 lbs (60 g)
E Version: 0.35 lbs (160 g)
S Version: 0.37 lbs (170 g)
3. Tolerances:
x.xx = ± 0.02 (x.x = ± 0.5)
x.xxx = ± 0.01 (x.xx = ± 0.25)
Mating Connectors (-T version only)
Input Connector: JST XHP-3
Output Connector: JST XHP-6
Crimps: SPH-002T-P0.5S
Cable harness with 300mm wire available, order part no. ECL25 LOOM KIT
Notes
15 (3.81)
00
4)
3.01
(76.4)
4x ø0.14
(4x ø3.5)
1.57
(40.0)
0.84
(21.3)
0.44
(11.2)
ACN
ACL
-Vo
+Vo
1.20
(30.5)
3.43 (87.0)
TOP VIEW
1.12
(28.5)
0.39 (10.0)
0.27
(6.8)
0.10
(2.5)
3.78 (96.0)
Optional
DIN clip
1.10
(27.9)
0.39 (10.0)
4x ø 0.04 (ø1.0)
1.50
(38.1)
0.59
(15.0)
1.18
(30.0)
0.16
(4.1)
2.85
(72.4)
0.13 (3.2)
3.10
(78.7)
-Vo
+Vo
ACL
ACN
TOP VIEW
3.46 (87.9)
0.88
(22.4)
max 1.0
(25.4)
1.1
(27.9)
0.13
(3.3)
0.12
(3.0)
1.36
(34.6)
4- 0.15 ( 3.8)
3.2 (81.28)
0.13 (3.3)
Pin 3 : ACN
Pin 1
Pin 2
Pin 3
Pin 4
Pin 5
Pin 6
Input
Output
-Vout
+Vout
VR
Pin 2 : NC
Pin 1 : ACL
ACN
ACL
+Vo
-Vo
VR
1.36
(34.6)
1.18
(29.9) 0.09
(2.29)
0.15
(3.8)
0.17
(4.4)
0.03 (1.0)
0.07 (1.8)
0.09
(2.29)
1.05
(26.7)
0.59
(14.9)
0.05 (1.40)
2.8 (72.39)
2.96 (75.2)


Similar Part No. - EML30US36

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
EML3213 CONNOR-WINFIELD-EML3213 Datasheet
208Kb / 2P
   LEADLESS SURFACE MOUNT 3.3V PECL CLOCK
EML3213-155.52M CONNOR-WINFIELD-EML3213-155.52M Datasheet
208Kb / 2P
   LEADLESS SURFACE MOUNT 3.3V PECL CLOCK
EML3313 CONNOR-WINFIELD-EML3313 Datasheet
208Kb / 2P
   LEADLESS SURFACE MOUNT 3.3V PECL CLOCK
EML3313-155.52M CONNOR-WINFIELD-EML3313-155.52M Datasheet
208Kb / 2P
   LEADLESS SURFACE MOUNT 3.3V PECL CLOCK
More results

Similar Description - EML30US36

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com