Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICE1PCS01G Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # ICE1PCS01G
Description  Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE1PCS01G Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button ICE1PCS01G Datasheet HTML 5Page - Infineon Technologies AG ICE1PCS01G Datasheet HTML 6Page - Infineon Technologies AG ICE1PCS01G Datasheet HTML 7Page - Infineon Technologies AG ICE1PCS01G Datasheet HTML 8Page - Infineon Technologies AG ICE1PCS01G Datasheet HTML 9Page - Infineon Technologies AG ICE1PCS01G Datasheet HTML 10Page - Infineon Technologies AG ICE1PCS01G Datasheet HTML 11Page - Infineon Technologies AG ICE1PCS01G Datasheet HTML 12Page - Infineon Technologies AG ICE1PCS01G Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
CCM-PFC
ICE1PCS01/G
Functional Description
Preliminary Data
Preliminary Datasheet
9
28 May 2003
Figure 9
Peak Current Limit (PCL)
3.4.4
Open Loop Protection / Input Under
Voltage Protect (OLP)
Whenever VSENSE voltage falls below 0.8V, or
equivalently VOUT falls below 16% of its rated value, it
indicates an open loop condition (i.e. VSENSE pin not
connected) or an insufficient input voltage VIN for
normal operation. In this case, most of the blocks within
the IC will be shutdown. It is implemented using
comparator C3 with a threshold of 0.8V as shown in the
IC block diagram in Figure 2.
3.4.5
Output Under Voltage Detection (OUV)
In the event of main interrupt or brown-out condition,
the PFC system is not able to deliver the rated output
power. This will cause the output voltage VOUT to drop
below its rated value. The IC provides an output under
voltage detection that checks if VOUT is falling below
50% of its rated value. Comparator C4 as shown in the
device block diagram (Figure 2) senses the voltage at
pin 6 (VSENSE) with a reference of 2.5V. If comparator
C4 trips, the IC will be shut down as in OLP. The IC will
be ready to restart if there is sufficient VIN to pull VOUT
out of OLP.
3.4.6
Over-Voltage Protection (OVP)
Whenever VOUT exceeds the rated value by 5%, the
over-voltage protection OVP is active as shown in
Figure 7. This is implemented by sensing the voltage at
pin VSENSE with respect to a reference voltage of
5.25V. A VSENSE voltage higher than 5.25V will
immediately reduce the output duty cycle, bypassing
the normal voltage loop control. This results in a lower
input power to reduce the output voltage VOUT.
3.5
Frequency Setting
The switching frequency of the PFC converter can be
set with an external resistor R5 at FREQ pin. The pin
voltage VFREQ is typically 2.5V. The corresponding
capacitor for the oscillator is integrated in the device
and the R5/frequency relationship is given at the
“Electrical
Characteristic”
section.
The
recommended operating frequency range is from
50kHz to 250kHz. As an example, a R5 of 33k
Ω at pin
FREQ will set a switching frequency FSW of 133kHz
typically.
3.6
Average Current Control
3.6.1
Complete Current Loop
The complete system current loop is shown in Figure
10.
Figure 10 Complete System Current Loop
It consists of the current loop block which averages the
voltage at pin ISENSE, resulted from the inductor
current flowing across R1. The averaged waveform is
compared with an internal ramp in the ramp generator
and PWM block. Once the ramp crosses the average
waveform, the comparator C1 turns on the driver stage
through the PWM logic block. The Nonlinear Gain block
defines the amplitude of the inductor current. The
following sections describe the functionality of each
individual blocks.
3.6.2
Current Loop Compensation
The compensation of the current loop is done at the
ICOMP pin. This is the OTA2 output and a capacitor C3
has to be installed at this node to ground (see Figure
10). Under normal mode of operation, this pin gives a
voltage which is proportional to the averaged inductor
current. This pin is internally shorted to 5V in the event
of IC shuts down when OLP and UVLO occur.
3.6.3
Pulse Width Modulation (PWM)
The IC employs an average current control scheme in
continuous conduction mode (CCM) to achieve the
power factor correction.
ISENSE
ICE1PCS01/G
R1
R2
I
INDUCTOR
OP1
1.43x
Current Limit
300ns
C2
Deglitcher
Turn Off
Driver
1.5V
Full-wave
Rectifier
R
S
ICE1PCS01/G
Vout
L1
C2
R3
R4
Gate
Driver
D1
From
Full-wave
Retifier
GATE
R1
R2
OTA2
ICOMP
4V
Current Loop
Compensation
Current Loop
Nonlinear
Gain
1.1mS
+/-50uA (linear range)
C3
S2
Fault
ISENSE
C1
PWM
Comparator
PWM Logic
Q
Input From
Voltage Loop
voltage
proportional to
averaged
Inductor current
R7


Similar Part No. - ICE1PCS01G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE1PCS01G INFINEON-ICE1PCS01G Datasheet
458Kb / 18P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V1.3, 06 Feb 2007
More results

Similar Description - ICE1PCS01G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2PCS01 INFINEON-ICE2PCS01_11 Datasheet
464Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode(CCM)
Version 2.3, 22 March 2010
ICE2PCS01 INFINEON-ICE2PCS01 Datasheet
539Kb / 19P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.2, 09 Oct 2007
ICE2PCS02 INFINEON-ICE2PCS02 Datasheet
513Kb / 19P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
2007-10-09 V2.2
ICE3PCS01G INFINEON-ICE3PCS01G Datasheet
537Kb / 24P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 5 May 2010
ICE1PCS01 INFINEON-ICE1PCS01_07 Datasheet
458Kb / 18P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V1.3, 06 Feb 2007
ICE2PCS05 INFINEON-ICE2PCS05 Datasheet
541Kb / 22P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 1.0, 09 Oct 2008
ICE1PCS02 INFINEON-ICE1PCS02_07 Datasheet
446Kb / 18P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V1.2, 06 Feb 2007
ICE2PCS03 INFINEON-ICE2PCS03 Datasheet
507Kb / 19P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 10 Oct 2007
ICE3PCS02G INFINEON-ICE3PCS02G Datasheet
457Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 5 May 2010
ICE3PCS03G INFINEON-ICE3PCS03G Datasheet
461Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 5 May 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com