Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYS72T128020HR Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # HYS72T128020HR
Description  DDR2 Registered Memory Modules
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYS72T128020HR Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button HYS72T128020HR Datasheet HTML 7Page - Infineon Technologies AG HYS72T128020HR Datasheet HTML 8Page - Infineon Technologies AG HYS72T128020HR Datasheet HTML 9Page - Infineon Technologies AG HYS72T128020HR Datasheet HTML 10Page - Infineon Technologies AG HYS72T128020HR Datasheet HTML 11Page - Infineon Technologies AG HYS72T128020HR Datasheet HTML 12Page - Infineon Technologies AG HYS72T128020HR Datasheet HTML 13Page - Infineon Technologies AG HYS72T128020HR Datasheet HTML 14Page - Infineon Technologies AG HYS72T128020HR Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
HYS72T[256/128/64][0/2][0/2]0[G/H]R-[5/3.7]-A
Registered DDR2 SDRAM Modules
Data Sheet
11
Rev. 0.85, 2004-04
Preliminary
Block Diagrams (cont’d)
2.4 256M x 72 (2 GByte) two rank DDR2 SDRAM DIMM Modules (x4 components)
HYS72T256020[G/H] / HYS72T256220[G/H]
RS0
VSS
DQS0
DQS0
DQS1
DQS1
DQS2
DQS2
DQS3
DQS3
DQS4
DQS4
DQS5
DQS5
DQS6
DQS6
DQS7
DQS7
DQS8
DQS8
DQ3
DQ0
DQ1
DQ2
DM
I/O 0
I/O 1
I/O 2
I/O 3
CS DQS
DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
CS DQS
DQS
DQ19
DQ16
DQ17
DQ18
DQ11
DQ8
DQ9
DQ10
DM
I/O 0
I/O 1
I/O 2
I/O 3
CS DQS
DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
CS DQS
DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
CS DQS
DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
CS DQS
DQS
DQ35
DQ32
DQ33
DQ34
DQ43
DQ40
DQ41
DQ42
DQ51
DQ48
DQ49
DQ50
DQ59
DQ56
DQ57
DQ58
CB3
CB0
CB1
CB2
DQ27
DQ24
DQ25
DQ26
DM
I/O 0
I/O 1
I/O 2
I/O 3
CS DQS
DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
CS DQS
DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
CS DQS
DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
CS DQS
DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
CS DQS
DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
CS DQS
DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
CS DQS
DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
CS DQS
DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
CS DQS
DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
CS DQS
DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
CS DQS
DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
CS DQS
DQS
DQS9
DQS9
DQ15
DQ12
DQ13
DQ14
DQ23
DQ20
DQ21
DQ22
DQ31
DQ28
DQ29
DQ30
DQS10
DQS10
DQS11
DQS11
DQS12
DQS12
DQS13
DQS13
DQS14
DQS14
DQS15
DQS15
DQS16
DQS16
DQS17
DQS17
DQ7
DQ4
DQ5
DQ6
DM
I/O 0
I/O 1
I/O 2
I/O 3
CS DQS
DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
CS DQS
DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
CS DQS
DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
CS DQS
DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
CS DQS
DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
CS DQS
DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
CS DQS
DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
CS DQS
DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
CS DQS
DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
CS DQS
DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
CS DQS
DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
CS DQS
DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
CS DQS
DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
CS DQS
DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
CS DQS
DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
CS DQS
DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
CS DQS
DQS
DM
I/O 0
I/O 1
I/O 2
I/O 3
CS DQS
DQS
RS1
D0-0
D0-1
D1-0
D1-1
D2-0
D2-1
D3-0
D3-1
D4-0
D4-1
D5-0
D5-1
D6-0
D6-1
D7-0
D7-1
D8-0
D8-1
D9-0
D9-1
D10-0
D10-1
D11-0
D11-1
D12-0
D12-1
D13-0
D13-1
D14-0
D14-1
DQ39
DQ36
DQ37
DQ38
DQ47
DQ44
DQ45
DQ46
DQ55
DQ52
DQ53
DQ54
D15-0
D15-1
D16-0
D16-1
DQ63
DQ60
DQ61
DQ62
CB7
CB4
CB5
CB6
D17-0
D17-1
A0
Serial PD
A1
A2
SA0 SA1 SA2
SCL
SDA
WP
VDD,
V SS
D0 - D17
VDDQ
VREF
VDDSPD
Serial PD
D0 - D17
D0 - D17
CK 0
CK 0
P
L
L
PCK0-PCK6,
PCK8,PCK9
CK : SDRAMs D0-D17
RESET
OE
PCK7 -> CK : Register
PCK7 > CK
PCK0-PCK6,
PCK8,PCK9
CK : SDRAMs D0-D17
CKE0
RCK E0 -> CKE :SDRAMs
BA 0-BA1
A0 -A13
RAS
CS1 *
CAS
WE
1:2
R
E
G
I
S
T
E
R
RB A0 -RBA1 -> BA 0-BA1 : SDRAMs D0~D17
RA0 -RA 13-> A0 -A 13: SDR A Ms
RR A S -> RAS : SD RAMs
RS1 -> C S : SDRAMs
RC AS -> C A S: SD RAMs
RW E -> WE : SD RAMs
CS0 *
RS0 -> C S : SDRAMs D0-0 ~ D17-0
D0~D17
D0~D17
D0~D17
D0~D17
PCK7
RST
RESET
PCK 7
ODT0
RODT0 -> ODT : SDRAMs
CKE1
RCK E1 -> CKE :SDRAMs
ODT1
RODT1 -> ODT :SDRAMs
*) CS0 connects to CRS, CS1 connects to CSR on a Register. CS1 connects to DCS and CS0 connects to CSR on another Register.
RESET, PCK7 and PCK7 connect to bother Registers. Other signals connect to one of two Registers.
Notes:
1. DQ-to-I/O wiring may be changed within a nibble.
2. Unless otherwise noted, resistors values are 22 Ohms
D0-1 ~ D17-1
D0-0 ~ D17-0
D0-0 ~ D17-0
D0-1 ~ D17-1
D0-1 ~ D17-1
: Register


Similar Part No. - HYS72T128020HR

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS72T128020HR QIMONDA-HYS72T128020HR Datasheet
4Mb / 74P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T128020HR QIMONDA-HYS72T128020HR Datasheet
2Mb / 52P
   240-Pin Registered DDR2 SDRAM Modules
logo
Infineon Technologies A...
HYS72T128020HR INFINEON-HYS72T128020HR Datasheet
631Kb / 33P
   DDR2 Registered Memory Modules
Rev. 0.85, Apr. 2004
logo
Qimonda AG
HYS72T128020HR-3-A QIMONDA-HYS72T128020HR-3-A Datasheet
4Mb / 74P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T128020HR-3.7-A QIMONDA-HYS72T128020HR-3.7-A Datasheet
4Mb / 74P
   240-Pin Registered DDR2 SDRAM Modules
More results

Similar Description - HYS72T128020HR

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS72T64000GR-5-A INFINEON-HYS72T64000GR-5-A Datasheet
631Kb / 33P
   DDR2 Registered Memory Modules
Rev. 0.85, Apr. 2004
HYS72T32000GR INFINEON-HYS72T32000GR Datasheet
725Kb / 24P
   DDR2 Registered DIMM Modules
V0.22,Feb. 2004
logo
Qimonda AG
HYS72T32000HP QIMONDA-HYS72T32000HP Datasheet
1Mb / 53P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T256023 QIMONDA-HYS72T256023 Datasheet
2Mb / 41P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HP QIMONDA-HYS72T64000HP Datasheet
3Mb / 49P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HP-25F QIMONDA-HYS72T64000HP-25F Datasheet
3Mb / 65P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T512020HR QIMONDA-HYS72T512020HR Datasheet
928Kb / 37P
   240-Pin Registered-DDR2-SDRAM Modules
HYS72T256000ER QIMONDA-HYS72T256000ER Datasheet
1Mb / 33P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HR-3S-B QIMONDA-HYS72T64000HR-3S-B Datasheet
2Mb / 52P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64301HP QIMONDA-HYS72T64301HP Datasheet
2Mb / 42P
   240-Pin Registered DDR2 SDRAM Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com