Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EML15 Datasheet(PDF) 2 Page - XP Power Limited

Part # EML15
Description  AC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

EML15 Datasheet(HTML) 2 Page - XP Power Limited

  EML15 Datasheet HTML 1Page - XP Power Limited EML15 Datasheet HTML 2Page - XP Power Limited EML15 Datasheet HTML 3Page - XP Power Limited EML15 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EML15 Series
www.xppower.com
2
AC-DC Power Supplies
Input
Output
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Output Voltage
3
48
VDC
See Models and Ratings table
Initial Set Accuracy
±1
%
Output Voltage Adjustment
±5
%
Not encapsulated units
Minimum Load
0A
No minimum load required
Start Up Delay
2s
Start Up Rise Time
14
ms
Hold Up Time
12
ms
at full load and 115 VAC
Line Regulation
±0.5
%
Load Regulation
±1
%
Transient Response
4%
Deviation, recovery within 1% in less than 500 µs
for a 25% load change
Ripple & Noise
50
mV pk-pk
3.3-5 V versions, 20 MHz bandwidth
120
mV pk-pk
12-15 V versions, 20 MHz bandwidth
200
mV pk-pk
24-48 V versions, 20 MHz bandwidth
Overvoltage Protection
195
216
% Vnom
3.3 V versions, recycle input to reset
115
130
% Vnom
All other versions, recycle input to reset
Overload Protection
120
150
%
Short Circuit Protection
Trip & Restart (hiccup mode)
Temperature Coefficient
0.05
%/˚C
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage Range
85
264
VAC
120
370
VDC
Input Frequency
47
63
Hz
Input Current - Full Load
0.32/0.16
A rms
At 115/230 VAC
No Load Input Power
0.3
W
Inrush Current
20/40
A
At 115/230 VAC
Earth Leakage Current
Class II construction no earth
Input Protection
F2.0A/250 V internal fuse fitted in line and neutral
General
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Efficiency
75
80
82
%
See Models & Ratings table
Isolation: Input to Output
4000
VAC
Switching Frequency
70
kHz
Power Density
4.8
W/in3
PCB Mount version
Mean Time Between Failure
>400
kHrs
MIL-HDBK-217F, +25 °C GB
Weight
0.07 (35)
lb (g)
Open frame versions
0.20 (90)
lb (g
Encapsulated version
0.24 (110)
lb (g
Screw terminal version
Environmental
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Operating Temperature
-20
+70
°C
Derate linearly from 100% at +50 °C to 50% at +70 °C
Storage Temperature
-40
+85
°C
Cooling
Convection-cooled
Humidity
95
%RH
Non-condensing
Operating Altitude
3048
m
Shock
IEC68-2-27, 30 g, 11 ms half sine, 3 times in each of 6 axes
Vibration
IEC68-2-6, 2 g, 10 Hz to 500 kHz, 10 mins/cycle, 60 mins each cycle


Similar Part No. - EML15

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
EML10W5575CA-J28 BOOKHAM-EML10W5575CA-J28 Datasheet
398Kb / 9P
   10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
EML10W5575CA-J34 BOOKHAM-EML10W5575CA-J34 Datasheet
398Kb / 9P
   10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
EML10W5575CA-J57 BOOKHAM-EML10W5575CA-J57 Datasheet
398Kb / 9P
   10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
EML10W5575CA-J59 BOOKHAM-EML10W5575CA-J59 Datasheet
398Kb / 9P
   10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
EML10W5575CB-J28 BOOKHAM-EML10W5575CB-J28 Datasheet
521Kb / 9P
   10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
More results

Similar Description - EML15

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com