Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICE1PCS01 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # ICE1PCS01
Description  Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE1PCS01 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button ICE1PCS01 Datasheet HTML 4Page - Infineon Technologies AG ICE1PCS01 Datasheet HTML 5Page - Infineon Technologies AG ICE1PCS01 Datasheet HTML 6Page - Infineon Technologies AG ICE1PCS01 Datasheet HTML 7Page - Infineon Technologies AG ICE1PCS01 Datasheet HTML 8Page - Infineon Technologies AG ICE1PCS01 Datasheet HTML 9Page - Infineon Technologies AG ICE1PCS01 Datasheet HTML 10Page - Infineon Technologies AG ICE1PCS01 Datasheet HTML 11Page - Infineon Technologies AG ICE1PCS01 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
CCM-PFC
ICE1PCS01/G
Functional Description
Preliminary Data
Preliminary Datasheet
8
28 May 2003
3.4
System Protection
The IC provides several protection features in order to
ensure the PFC system in safe operating range.
Depending on the input line voltage (VIN) and output
bus voltage (VOUT), Figure 6 and 7 show the conditions
when these protections are active.
Figure 6VIN Related Protection Features
Figure 7VOUT Related Protection Features
The following sections describe the functionality of
these protection features.
3.4.1
Brown-Out Protection (BOP)
Brown-out occurs when the input voltage VIN falls below
the minimum input voltage of the design (i.e. 85V for
universal input voltage range) and the VCC has not
entered into the VCCUVLO level yet. For a system without
BOP, the boost converter will increasingly draw a
higher current from the mains at a given output power
which may exceed the maximum design values of the
input current. The ICE1PCS01/G limits internally the
current drawn from the mains and therefore also limits
the input power. The difference of input and output
power will result in decreasing output voltage. If the
condition prolongs, the decreasing VOUT will terminate
in output under voltage condition (OUV, 50% of rated),
and the IC will be shut down (See section 3.4.5).
Figure 8 shows the occurrence of BOP in respect to the
ISENSE voltage.
Figure 8
BOP, SOC and PCL Protection as function
of VISENSE
The VIN threshold for BOP to occur is dependent on the
voltage at ISENSE and thus the output power. The
rated output power with a minimum VIN (VINMIN) is
Due to the internal parameter tolerance, the maximum
power with VINMIN before BOP occurs is
And the BOP takes over the normal operation under
rated output power latest at an input voltage of
3.4.2
Soft Over Current Control (SOC)
The IC is designed not to support any output power
that corresponds to a voltage lower than -0.73V at the
ISENSE pin. A further increase in the inductor current,
which results in a lower ISENSE voltage, will activate
the Soft Over Current Control (SOC). This is a soft
control as it does not directly switch off the gate drive
like the PCL. It acts on the nonlinear gain block to result
in a reduced PWM duty cycle.
3.4.3
Peak Current Limit (PCL)
The IC provides a cycle by cycle peak current limitation
(PCL). It is active when the voltage at pin 3 (ISENSE)
reaches -1.08V. This voltage is amplified by OP1 by a
factor of -1.43 and connected to comparator C2 with a
reference voltage of 1.5V as shown in Figure 9. A
deglitcher with 300ns after the comparator improves
noise immunity to the activation of this protection.
t
VINMIN
(1)
VIN (VAC)
VCC > VCCUVLO
Normal
Operation
IC OFF
BOP
VCC<VCCUVLO
(1) V
INMIN where BOP activates depends on the output power
IC’s
State
t
VOUT
PCL / SOC
16%
50%
100%
OLP
OLP
OUV
105%
OVP
VOUT,Rated
VISENSE
-0.6V -0.73V
-1.08V
Normal
Operation
SOC
PCL
POUT(rated)
BOP
IC’s
State
0
(BOP occurs at VISENSE = -0.6V Max)
POUT(max)
POUT rated
()
VINMIN
0.6
R1
2
---------------------
×
=
POUT max
()
VINMIN
0.73
R1
2
---------------------
×
=
VBOPMAX
POUT rated
()
R1
2
0.73
---------------------
×
=


Similar Part No. - ICE1PCS01

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE1PCS01 INFINEON-ICE1PCS01 Datasheet
458Kb / 18P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V1.3, 06 Feb 2007
ICE1PCS01G INFINEON-ICE1PCS01G Datasheet
458Kb / 18P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V1.3, 06 Feb 2007
ICE1PCS01 INFINEON-ICE1PCS01_07 Datasheet
458Kb / 18P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V1.3, 06 Feb 2007
More results

Similar Description - ICE1PCS01

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2PCS01 INFINEON-ICE2PCS01_11 Datasheet
464Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode(CCM)
Version 2.3, 22 March 2010
ICE2PCS01 INFINEON-ICE2PCS01 Datasheet
539Kb / 19P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.2, 09 Oct 2007
ICE2PCS02 INFINEON-ICE2PCS02 Datasheet
513Kb / 19P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
2007-10-09 V2.2
ICE3PCS01G INFINEON-ICE3PCS01G Datasheet
537Kb / 24P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 5 May 2010
ICE1PCS01 INFINEON-ICE1PCS01_07 Datasheet
458Kb / 18P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V1.3, 06 Feb 2007
ICE2PCS05 INFINEON-ICE2PCS05 Datasheet
541Kb / 22P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 1.0, 09 Oct 2008
ICE1PCS02 INFINEON-ICE1PCS02_07 Datasheet
446Kb / 18P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V1.2, 06 Feb 2007
ICE2PCS03 INFINEON-ICE2PCS03 Datasheet
507Kb / 19P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 10 Oct 2007
ICE3PCS02G INFINEON-ICE3PCS02G Datasheet
457Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 5 May 2010
ICE3PCS03G INFINEON-ICE3PCS03G Datasheet
461Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 5 May 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com