Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSSS918700 Datasheet(PDF) 8 Page - ALPS ELECTRIC CO.,LTD.

Part # SSSS918700
Description  Mid-size general purpose type well established for user friendliness
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSSS918700 Datasheet(HTML) 8 Page - ALPS ELECTRIC CO.,LTD.

  SSSS918700 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSSS918700 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSSS918700 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSSS918700 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SSSS918700 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SSSS918700 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. SSSS918700 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. SSSS918700 Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
111
111
300
200
100
A max.
B
D
C
E
Time (s)
F max.
Pre-heating
Room
temperature
1. The condition mentioned above is the temperature on the mounting surface of a PC board. There are cases where the
PC board’s temperature greatly differs from that of the switch, depending on the PC board’s material, size, thickness, etc.
The above-stated conditions shall also apply to switch surface temperatures.
2. Soldering conditions differ depending on reflow soldering machines. Prior verification of soldering condition is highly
recommended.
Notes
Example of Reflow Soldering Condition
1. Heating method: Double heating method with infrared heater.
2. Temperature measurement: Thermocouple φ 0.1 to 0.2 CA(K)or CC(T)at soldering portion(copper foil surface).
A heat resisting tape should be used for fixed measurement.
3. Temperature profile
Slide Switches Soldering Conditions
SSSS8
SSSS7
SSAC
Soldering temperature
Duration of immersion
Preheating temperature
Preheating time
SSAH, SSAG, SSAJ, SSAL
SSSS9
SSSS2
SSSF, SSSU
Series
Series
3+1/0s
4s max.
3s max.
3s max.
3s max.
3s max.
2s max.
Items
Soldering time
Dip soldering
SSSS9
SSSS2
120℃ max.
100℃ max.
100℃ max.
100℃ max.
60s max.
60s max.
60s max.
60s max.
260±5℃
260±5℃
5+0/-1s(2 times)
3±1s
SSSF, SSSU
260±5℃
10±1s/5±1s
SSAC
260±5℃
5±1s
Reference for Hand Soldering
Reference for Dip Soldering
(For PC board terminal types)
330±5℃
320±5℃
300±10℃
350±10℃
350±10℃
350±10℃
350±5℃
Soldering temperature
SSSS2
Vertical
1-pole, 3-position
Vertical
1-pole, 2-position
Horizontal
1-pole, 2-position
1-pole, 3-position
2-pole, 3-position
SSSS7
SSAH, SSAG, SSAJ, SSAL, SSSS8
260
150
Series(Reflow type)
260
250
230
40
180
120
A(℃)
3s max.
B(℃)
C(s)
D(℃)
E(℃)
F(s)


Similar Part No. - SSSS918700

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SSSS918700 ALPS-SSSS918700 Datasheet
395Kb / 6P
   Slide Switch
More results

Similar Description - SSSS918700

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SSSF ALPS-SSSF_15 Datasheet
993Kb / 6P
   Large-size general purpose type well established in various fields
logo
Yamaichi Electronics Co...
CN074-340-0003 YAMAICHI-CN074-340-0003 Datasheet
107Kb / 1P
   AdvancedMCTM Connector for ATCA (Type AB mid size)
logo
ALPS ELECTRIC CO.,LTD.
SSSU ALPS-SSSU_15 Datasheet
974Kb / 6P
   Large-size general purpose type with various knobs
logo
Panasonic Semiconductor
ECO-S1JP682DA PANASONIC-ECO-S1JP682DA Datasheet
193Kb / 10P
   Compact size for general purpose and industrial applications
ECOS1CP153EL PANASONIC-ECOS1CP153EL Datasheet
193Kb / 10P
   Compact size for general purpose and industrial applications
ECO-S2HP680CA PANASONIC-ECO-S2HP680CA Datasheet
243Kb / 9P
   Compact size for general purpose and industrial applications
ECOS1CP473EA PANASONIC-ECOS1CP473EA Datasheet
193Kb / 10P
   Compact size for general purpose and industrial applications
logo
ALPS ELECTRIC CO.,LTD.
SPPB ALPS-SPPB Datasheet
750Kb / 8P
   General-purpose Type
SPPB ALPS-SPPB_15 Datasheet
1Mb / 8P
   General-purpose Type
logo
Winchester Electronics ...
7410-16 WINCHESTER-7410-16 Datasheet
47Kb / 1P
   MID SIZE PATECH PLUG
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com