Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYS72D64500GR-7-B Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # HYS72D64500GR-7-B
Description  Registered DDR SDRAM-Modules
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYS72D64500GR-7-B Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button HYS72D64500GR-7-B Datasheet HTML 7Page - Infineon Technologies AG HYS72D64500GR-7-B Datasheet HTML 8Page - Infineon Technologies AG HYS72D64500GR-7-B Datasheet HTML 9Page - Infineon Technologies AG HYS72D64500GR-7-B Datasheet HTML 10Page - Infineon Technologies AG HYS72D64500GR-7-B Datasheet HTML 11Page - Infineon Technologies AG HYS72D64500GR-7-B Datasheet HTML 12Page - Infineon Technologies AG HYS72D64500GR-7-B Datasheet HTML 13Page - Infineon Technologies AG HYS72D64500GR-7-B Datasheet HTML 14Page - Infineon Technologies AG HYS72D64500GR-7-B Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
HYS72D[128/64/32]5[00/20/21]GR–[7F/7/8]-B
Registered DDR SDRAM-Modules
Pin Configuration
Data Sheet
11
Rev. 1.03 2004-01
Figure 1
Block Diagram: One Rank 32M
× 72 DDR SDRAM DIMM Module (×8 components)
HYS72D32500GR on Raw Card L
PCK
PCK
DQ4
DQ5
DQ6
DQ7
DQ0
DQ1
DQ2
DQ3
DM
I/O 0
I/O 1
I/O 2
I/O 3
D0
I/O 4
I/O 5
I/O 6
I/O 7
DQ12
DQ13
DQ14
DQ8
DQ9
DQ10
DQ11
DM
D1
DQ20
DQ21
DQ22
DQ23
DQ16
DQ17
DQ18
DQ19
DM
D2
DQ28
DQ29
DQ30
DQ31
DQ24
DQ25
DQ26
DQ27
DM
D3
DQ36
DQ37
DQ38
DQ39
DQ32
DQ33
DQ34
DQ35
DM
D4
DQ44
DQ45
DQ46
DQ47
DQ40
DQ41
DQ42
DQ43
DM
D5
DQ52
DQ53
DQ54
DQ55
DQ48
DQ49
DQ50
DQ51
DM
D6
DQ60
DQ61
DQ62
DQ63
DQ56
DQ57
DQ58
DQ59
DM
D7
RS0
S
S
S
S
S
S
S
S
DQS0
DQS
DQS4
DQS1
DQS5
DQS
DQS2
DQS
DQS3
DQS
DQS6
DQS7
DQ15
CB4
CB5
CB6
CB7
CB0
CB1
CB2
CB3
DM
D8
S
DQS8
DQS
DQS
DQS
DQS
DQS
VDD
VSS
D0-D8
D0-D8
VDDQ
D0- D8
D0-D8
VREF
Notes:
1. DQ-to-I/O wiring may be changed within a byte.
2. DQ/DQS/DM/CKE/S relationships must be main-
tained as shown.
3. DQ/DQS resistors should be 22 Ohms.
4. VDDID strap connections (for memory device VDD,
VDDQ):
STRAP OUT (OPEN): VDD = VDDQ
STRAP IN (VSS): VDD ≠ VDDQ.
5. SDRAM placement alternates between the back
and front sides of the DIMM.
6. Address and control resistors should be 22 Ohms.
7. A13 is not wired for raw card A.
VDDID
Strap: see Note 4
CK0, CK0 --------- PLL*
* Wire per Clock Loading Table/Wiring Diagrams
S0
RS0 -> CS: SDRAMs D0-D8
BA0-BA1
RBA0-RBA1 -> BA0-BA1: SDRAMs D0-D8
A0-A
n7
RA0-RA
n7 -> A0-An7: SDRAMs D0-D8
RAS
RRAS -> RAS: SDRAMs D0-D8
CAS
RCAS -> CAS: SDRAMs D0-D8
CKE0
RCKE0 -> CKE: SDRAMs D0- D8
WE
RWE -> WE: SDRAMs D0-D8
R
E
G
I
S
T
E
R
RESET
DM4/DQS13
DM0/DQS9
DM5/DQS14
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DM1/DQS10
DM2/DQS11
DM6/DQS15
DM3/DQS12
DM7/DQS16
DM8/DQS17
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
VDDSPD
Serial PD
A0
Serial PD
A1
A2
SA0 SA1 SA2
SDA
SCL
WP


Similar Part No. - HYS72D64500GR-7-B

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS72D64500GR-7-B INFINEON-HYS72D64500GR-7-B Datasheet
409Kb / 22P
   Low Profile Registered DDR-I SDRAM-Modules
2002-08-16
More results

Similar Description - HYS72D64500GR-7-B

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS72D16000GR INFINEON-HYS72D16000GR Datasheet
676Kb / 28P
   Registered DDR SDRAM-Modules
Rev. 1.04, Jan. 2004
logo
Qimonda AG
HYS72T128001HR QIMONDA-HYS72T128001HR Datasheet
2Mb / 40P
   240-Pin Registered DDR SDRAM Modules
logo
Infineon Technologies A...
HYS72D32500GR-7F-B INFINEON-HYS72D32500GR-7F-B Datasheet
409Kb / 22P
   Low Profile Registered DDR-I SDRAM-Modules
2002-08-16
logo
White Electronic Design...
W3E32M72SR-XSBX WEDC-W3E32M72SR-XSBX Datasheet
717Kb / 19P
   32Mx72 REGISTERED DDR SDRAM
logo
Hynix Semiconductor
HYMD132G725BL8-M HYNIX-HYMD132G725BL8-M Datasheet
259Kb / 17P
   Registered DDR SDRAM DIMM
HYMD232G726A8-M HYNIX-HYMD232G726A8-M Datasheet
260Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726A4-M HYNIX-HYMD264G726A4-M Datasheet
262Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726A8-M HYNIX-HYMD264G726A8-M Datasheet
282Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726B4-M HYNIX-HYMD264G726B4-M Datasheet
234Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726C4-M HYNIX-HYMD264G726C4-M Datasheet
323Kb / 16P
   Registered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com