Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLA75PS700-A Datasheet(PDF) 4 Page - XP Power Limited

Part # DLA75PS700-A
Description  50-150 Watts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

DLA75PS700-A Datasheet(HTML) 4 Page - XP Power Limited

  DLA75PS700-A Datasheet HTML 1Page - XP Power Limited DLA75PS700-A Datasheet HTML 2Page - XP Power Limited DLA75PS700-A Datasheet HTML 3Page - XP Power Limited DLA75PS700-A Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
11-May-11
Shown for DLA150PS12-V,
all others have single DC ouput leads
Dimensions shown in inches (mm).
Output Power(1)
Output Current(1)
Output Voltage
Efficiency(2)
Power Factor
Model Number
110 VAC
220 VAC
150 W
700 mA
128.0 V - 214.0 V
92.0 %
0.99
0.96
DLA150PS700-A
150 W
1050 mA
85.0 V - 142.0 V
92.0 %
0.99
0.96
DLA150PS1050-A
150 W
1400 mA
64.0 V - 107.0 V
91.0 %
0.99
0.96
DLA150PS1400-A
150 W
1750 mA
51.0 V - 85.0 V
91.0 %
0.99
0.96
DLA150PS1750-A
150 W
2100 mA
42.0 V - 71.0 V
91.0 %
0.99
0.96
DLA150PS2100-A
150 W
2450 mA
36.0 V - 61.0 V
91.0 %
0.99
0.96
DLA150PS2450-A
150 W
2800 mA
31.0 V - 53.0 V
91.0 %
0.99
0.96
DLA150PS2800-A
150 W
3150 mA
28.0 V - 47.0 V
91.0 %
0.99
0.96
DLA150PS3150-A
150 W
3500 mA
25.0 V - 42.0 V
91.0 %
0.99
0.96
DLA150PS3500-A
150 W
4200 mA
21.0 V - 35.0 V
90.0 %
0.99
0.96
DLA150PS4200-A
150 W
4900 mA
18.0 V - 30.0 V
90.0 %
0.99
0.96
DLA150PS4900-A
150 W
5950 mA
15.0 V - 25.0 V
90.0 %
0.99
0.96
DLA150PS5950-A
DLA150 Series
Models and Ratings
0.59 (15.0, ±2)
8.66 (220.0, ±20)
1.97
(50.0, ±5)
0.59
(15.0,±2)
25.59 (650.0, ±20)
1.97 (50, ±5)
G
F
0.31 (8.0)
0.20 (5.0)
E
D
C
B
A
0.41 (10.5)
1.33
(34.0)
1.96
(50.0)
8.66 (220.0, ±20)
0.59
(15.0,
±2)
1.97 (50.0, ±5)
25.59 (650.0, ±20)
1.97 (50, ±5)
0.59
(15.0,
±2)
G
F
0.41 (10.5)
1.96 (50.0)
1.33 (34.0)
0.15 (4.0)
AC IN
DC OUT
0.31 (8.0)
0.20 (5.0)
A
B
C
D
E
*
Weight: 2.2 lbs (1000 g) for DLA150-V
3.3 lbs (1500 g) for DLA150-A
Black = Live
White = Neutral
Green = Earth
Input cable is UL recognised.
DLA150 V
DLA150 A
Mechanical Details
1. Output power derates linearly from 100% at 100 VAC input to 90%
at 90 VAC input.
2. Measured at 230 VAC input and full load.
3. Output power derates linearly from 100% at 100 VAC input to 80% at 90 VAC input.
Notes
Constant Current Models
*
Output Power(3)
Output Voltage
Output Current
Efficiency(2)
Power Factor
Model Number
110 VAC
220 VAC
150 W
12.0 V
12.50 A
92.0 %
0.99
0.96
DLA150PS12-V
150 W
24.0 V
6.25 A
93.0 %
0.99
0.96
DLA150PS24-V
150 W
36.0 V
4.17 A
93.0 %
0.99
0.96
DLA150PS36-V
150 W
42.0 V
3.57 A
94.0 %
0.99
0.96
DLA150PS42-V
150 W
48.0 V
3.13 A
93.0 %
0.99
0.96
DLA150PS48-V
150 W
54.0 V
2.78 A
93.0 %
0.99
0.96
DLA150PS54-V
150 W
81.0 V
1.85 A
94.0 %
0.99
0.96
DLA150PS81-V
150 W
105.0 V
1.42 A
94.0 %
0.99
0.96
DLA150PS105-V
Constant Voltage Models
DLA150-V
DLA150-A
A 8.38, (213.0)
9.92, (252.0)
B 8.22 (209.0)
9.80 (249.0)
C 7.67 (195.0)
9.25 (235.0)
D 7.83 (199.0)
9.39 (238.0)
E 8.89 (226.0)
10.43 (265.0)
F 1.57 (40.0)
1.81 (46.0)
G 2.66 (67.5)
3.13 (79.5)
±0.02 (±0.5)
±0.02 (±0.5)


Similar Part No. - DLA75PS700-A

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
DLA71 CARLOGAVAZZI-DLA71 Datasheet
138Kb / 5P
   Monitoring Relays Pump alternating
logo
List of Unclassifed Man...
DLA71DB232P ETC2-DLA71DB232P Datasheet
123Kb / 4P
   Monitoring Relays Pump alternating
logo
Carlo Gavazzi Holding A...
DLA71DB232P CARLOGAVAZZI-DLA71DB232P Datasheet
138Kb / 5P
   Monitoring Relays Pump alternating
logo
List of Unclassifed Man...
DLA71DB482P ETC2-DLA71DB482P Datasheet
123Kb / 4P
   Monitoring Relays Pump alternating
logo
Carlo Gavazzi Holding A...
DLA71DB482P CARLOGAVAZZI-DLA71DB482P Datasheet
138Kb / 5P
   Monitoring Relays Pump alternating
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com