Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EF5A05 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # EF5A05
Description  5.0A GLASS PASSIVATED EFFICIENCY FAST RECTIFIERS-50-600V
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

EF5A05 Datasheet(HTML) 1 Page - Frontier Electronics.

  EF5A05 Datasheet HTML 1Page - Frontier Electronics. EF5A05 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EF5A05 THRU EF5A60 SPECIFICATIONS
Rev. A
Frontier Electronics Corp.®
http://frontierusa.com/
1
667 E. Cochran St., Simi Valley, CA 93065
Phone: 1-805-522-9998, Fax: 1-805-522-9989
1.
2. GLASS PASSIVATED CHIP JUNCTION
3. LOW LEAKAGE
4. LOW FORWARD VOLTAGE DROP
5. HIGH SURGE CURRENT CAPABILITY
6. CASE: JEDEC TO-220AC, MOLDED PLASTIC
7. DIMENSIONS IN INCHES AND (MILLIMETERS)
8. POLARITY: AS MARKED
9. WEIGHT: 2.05 GRAMS
10. LEADS: SOLDERABILITY PER MIL-STD-202 METHOD 208
11. RoHS, SUFFIX "-H" INDICATES HALOGEN FREE PARTS
EF5A60
EF5A40
400
280
400
1.25
EF5A40
EF5A60
600
420
600
1.9
EF5A20
EF5A10
100
70
100
0.98
EF5A10
EF5A20
200
140
200
0.98
EF5A05
1. REVERSE RECOVERY TIME TEST CONDITION, IF=0.5A, IR=1.0A, IRR=0.25A
2. MEASURED @ 1 MHZ AND APPLIED REVERSE VOLTAGE 0F 4.0 VOLTS
3. MAXIMUM FORWARD VOLTAGE @ Io
PART NUMBER
MAX RECURRENT PK
REV VOLTAGE VRRM (V)
MAX RMS VOLTAGE
VRMS (V)
MAX DC BLOCKING
VOLTAGE VDC (V)
MAX FWD VOLTAGE
VF (V)
MARKING
EF5A05
50
35
50
0.98
MAXIMUM REVERSE CURRENT @ 125
IR
200
uA
MAXIMUM REVERSE RECOVERY TIME (NOTE1)
TRR
25
nS
TYPICAL JUNCTION CAPACITANCE (NOTE2)
CJ
30
pF
MAXIMUM REVERSE CURRENT @ 25
IR
5
uA
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT @ 25°C
IO
5
A
PEAK FWD SURGE CURRENT, 8.3ms HALF SINE-WAVE SUPERIMPOSED ON RATED LOAD
IFSM
80
A
5.0A GLASS PASSIVATED EFFICIENCY FAST RECTIFIERS-50-600V
PRODUCT FEATURES
FLAMMABILITY CLASSIFICATION: 94V-0
RATINGS
SYMBOL
VALUE
UNITS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25°C AMBIENT TEMPERATURE UNLESS OTHERWISE
SPECIFIED STORAGE AND OPERATING TEMPERATURE RANGE -55°C TO +150°C. SINGLE PHASE, HALF WAVE, 60 HZ,
RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%.


Similar Part No. - EF5A05

ManufacturerPart #DatasheetDescription
logo
Formosa MS
EF5A05 FORMOSA-EF5A05 Datasheet
52Kb / 6P
   Effciency Fast Rectifiers
logo
Frontier Electronics.
EF5A05F FRONTIER-EF5A05F Datasheet
1Mb / 2P
   5.0A GLASS PASSIVATED EFFICIENCY FAST RECTIFIERS-50-600V
logo
Formosa MS
EF5A05F FORMOSA-EF5A05F Datasheet
52Kb / 6P
   Effciency Fast Rectifiers
More results

Similar Description - EF5A05

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
EF5A05F FRONTIER-EF5A05F Datasheet
1Mb / 2P
   5.0A GLASS PASSIVATED EFFICIENCY FAST RECTIFIERS-50-600V
EF8A05 FRONTIER-EF8A05 Datasheet
1Mb / 2P
   8.0A GLASS PASSIVATED EFFICIENCY FAST RECTIFIERS-50-600V
EF1605FCT FRONTIER-EF1605FCT Datasheet
1Mb / 2P
   16.0A GLASS PASSIVATED EFFICIENCY FAST RECTIFIERS-50-600V
EF10A05F FRONTIER-EF10A05F Datasheet
1Mb / 2P
   10.0A GLASS PASSIVATED EFFICIENCY FAST RECTIFIERS-50-600V
EF2005FCT FRONTIER-EF2005FCT Datasheet
1Mb / 2P
   20.0A GLASS PASSIVATED EFFICIENCY FAST RECTIFIERS-50-600V
EF1605CT FRONTIER-EF1605CT Datasheet
1Mb / 2P
   16.0A GLASS PASSIVATED EFFICIENCY FAST RECTIFIERS-50-600V
EF8A05F FRONTIER-EF8A05F Datasheet
1Mb / 2P
   8.0A GLASS PASSIVATED EFFICIENCY FAST RECTIFIERS-50-600V
EF10A05 FRONTIER-EF10A05 Datasheet
1Mb / 2P
   10.0A GLASS PASSIVATED EFFICIENCY FAST RECTIFIERS-50-600V
logo
Leshan Radio Company
SF51G LRC-SF51G Datasheet
193Kb / 7P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 5.0A
logo
Frontier Electronics.
EF1005CT FRONTIER-EF1005CT Datasheet
1Mb / 2P
   10.0A GLASS PASSIVATED EFFCIENCY FAST RECTIFIERS-50-600V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com